Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF8910PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF8910PBF
Description  Dual SO-8 MOSFET for POL converters in desktop, servers, graphics cards, game consoles and set-top box
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF8910PBF Datasheet(HTML) 1 Page - International Rectifier

  IRF8910PBF_08 Datasheet HTML 1Page - International Rectifier IRF8910PBF_08 Datasheet HTML 2Page - International Rectifier IRF8910PBF_08 Datasheet HTML 3Page - International Rectifier IRF8910PBF_08 Datasheet HTML 4Page - International Rectifier IRF8910PBF_08 Datasheet HTML 5Page - International Rectifier IRF8910PBF_08 Datasheet HTML 6Page - International Rectifier IRF8910PBF_08 Datasheet HTML 7Page - International Rectifier IRF8910PBF_08 Datasheet HTML 8Page - International Rectifier IRF8910PBF_08 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.irf.com
1
07/09/08
IRF8910PbF
HEXFET® Power MOSFET
Notes
 through … are on page 10
SO-8
Benefits
l Very Low RDS(on) at 4.5V VGS
l Ultra-Low Gate Impedance
l Fully Characterized Avalanche Voltage
and Current
l 20V VGS Max. Gate Rating
D1
D1
D2
D2
G1
S2
G2
S1
Top View
8
1
2
3
4
5
6
7
Applications
l Dual SO-8 MOSFET for POL
converters in desktop, servers,
graphics cards, game consoles
and set-top box
l Lead-Free
VDSS
RDS(on) max
ID
20V
13.4m:@VGS = 10V 10A
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
A
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Power Dissipation
W
PD @TA = 70°C
Power Dissipation
Linear Derating Factor
W/°C
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJL
Junction-to-Drain Lead
–––
42
°C/W
RθJA
Junction-to-Ambient
fg
–––
62.5
Max.
10
8.3
82
± 20
20
-55 to + 150
2.0
0.016
1.3
PD -95673A


Similar Part No. - IRF8910PBF_08

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF8910PBF-1 IRF-IRF8910PBF-1 Datasheet
256Kb / 10P
   Industry-standard pinout SO-8 Package
IRF8910PBF-1 IRF-IRF8910PBF-1_15 Datasheet
256Kb / 10P
   Industry-standard pinout SO-8 Package
IRF8910PBF IRF-IRF8910PBF_15 Datasheet
290Kb / 10P
   Ultra-Low Gate Impedance
More results

Similar Description - IRF8910PBF_08

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9910 IRF-IRF9910 Datasheet
279Kb / 10P
   Dual SO-8 MOSFET for POL converters in desktop, servers, graphics cards, game consoles and set-top box
IRF8910GTRPBF IRF-IRF8910GTRPBF Datasheet
290Kb / 10P
   Dual SO-8 MOSFET for POL converters in desktop, servers, graphics cards, game consoles and set-top box
IRF7904PBF IRF-IRF7904PBF Datasheet
258Kb / 10P
   Dual SO-8 MOSFET for POL Converters in Notebook Computers, Servers, Graphics Cards, Game Consoles and Set-Top Box
IRF8915TRPBF IRF-IRF8915TRPBF Datasheet
291Kb / 10P
   Dual SO-8 MOSFET for POL converters in desktop
IRF7905PBF IRF-IRF7905PBF_08 Datasheet
328Kb / 10P
   Dual SO-8 MOSFET for POL Converters in Notebook Computers
IRF7905TRPBF IRF-IRF7905TRPBF Datasheet
328Kb / 10P
   Dual SO-8 MOSFET for POL
IRF7907PBF IRF-IRF7907PBF_08 Datasheet
331Kb / 10P
   Dual SO-8 MOSFET for POL
logo
Sangdest Microelectroni...
SMP4050-12UTG SMC-SMP4050-12UTG Datasheet
282Kb / 5P
   Game Consoles
logo
Shenzhen Guan Hua Wei Y...
WSD2065DN22 WIINSOK-WSD2065DN22 Datasheet
2Mb / 6P
   DC/DC Converters in Computing, Servers, and POL
WSD3068DN WIINSOK-WSD3068DN Datasheet
1Mb / 6P
   DC/DC Converters in Computing, Servers, and POL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com