Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCTL-1100PLC Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCTL-1100PLC
Description  General Purpose Motion Control ICs
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCTL-1100PLC Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HCTL-1100PLC Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCTL-1100PLC Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCTL-1100PLC Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCTL-1100PLC Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCTL-1100PLC Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCTL-1100PLC Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCTL-1100PLC Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCTL-1100PLC Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCTL-1100PLC Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
3
Theory of Operation
The HCTL-1100 is a general pur-
pose motor controller which
provides position and velocity
control for DC, DC brushless and
stepper motors. The internal
block diagram of the HCTL-1100
is shown in Figure 1. The HCTL-
1100 receives its input commands
from a host processor and
position feedback from an
incremental encoder with quadra-
ture output. An 8-bit bi-directional
multiplexed address/data bus
interfaces the HCTL-1100 to the
host processor. The encoder
The resident Position Profile
Generator calculates the neces-
sary profiles for Trapezoidal Pro-
file Control and Integral Velocity
Control. The HCTL-1100 com-
pares the desired position (or
velocity) to the actual position (or
velocity) to compute compensated
motor commands using a pro-
grammable digital filter D(z). The
motor command is externally
available at the Motor Command
port as an 8-bit byte and at the
PWM port as a Pulse Width
Modulated (PWM) signal.
The HCTL-1100 has the capability
of providing electronic commu-
tation for DC brushless and
stepper motors. Using the
encoder position information, the
motor phases are enabled in the
correct sequence. The commu-
tator is fully programmable to
encompass most motor/encoder
combinations. In addition, phase
overlap and phase advance can be
programmed to improve torque
ripple and high speed perform-
ance. The HCTL-1100 contains a
number of flags including two
externally available flags, Profile
and Initialization, which allow the
user to see or check the status of
the controller. It also has two
emergency inputs, Limit and Stop,
which allow operation of the
HCTL-1100 to be interrupted
under emergency conditions.
The HCTL-1100 controller is a
digitally sampled data system.
While information from the host
processor is accepted asyn-
chronously with respect to the
control functions, the motor
command is computed on a
discrete sample time basis. The
sample timer is programmable.
Package Dimensions
feedback is decoded into
quadrature counts and a 24-bit
counter keeps track of position.
The HCTL-1100 executes any one
of four control algorithms
selected by the user. The four
control modes are:
• Position Control
• Proportional Velocity Control
• Trapezoidal Profile Control for
point to point moves
• Integral Velocity Control with
continuous velocity profiling
using linear acceleration
4.83
0.190
1.27
0.050
± 0.15
0.006
0-15
°
13.72
0.540
13.72
0.540
0.25
0.010
±


Similar Part No. - HCTL-1100PLC

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCTL-1100 HP-HCTL-1100 Datasheet
476Kb / 39P
   General Purpose Motion Control ICs
logo
AVAGO TECHNOLOGIES LIMI...
HCTL-1100 AVAGO-HCTL-1100 Datasheet
335Kb / 40P
   General Purpose Motion Control ICs
More results

Similar Description - HCTL-1100PLC

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCTL-1100 HP-HCTL-1100 Datasheet
476Kb / 39P
   General Purpose Motion Control ICs
logo
AVAGO TECHNOLOGIES LIMI...
HCTL-1100 AVAGO-HCTL-1100 Datasheet
335Kb / 40P
   General Purpose Motion Control ICs
logo
Agilent(Hewlett-Packard...
HCTL1100 HP-HCTL1100 Datasheet
435Kb / 40P
   General Purpose Motion Control ICs
logo
AVAGO TECHNOLOGIES LIMI...
HCTL-1101 AVAGO-HCTL-1101 Datasheet
1Mb / 40P
   General Purpose Control ICs Position and Velocity Control Low Power CMOS
logo
List of Unclassifed Man...
TA75S393F ETC-TA75S393F Datasheet
320Kb / 28P
   General-Purpose Linear ICs
logo
International Rectifier
IRFS4321-7PPBF IRF-IRFS4321-7PPBF Datasheet
410Kb / 10P
   Motion Control Applications
IRFP4321PBF IRF-IRFP4321PBF_15 Datasheet
297Kb / 9P
   Motion Control Applications
IRFS4321-7PPBF IRF-IRFS4321-7PPBF_15 Datasheet
410Kb / 10P
   Motion Control Applications
logo
Infineon Technologies A...
IRFI4321PBF INFINEON-IRFI4321PBF Datasheet
599Kb / 9P
   Motion Control Applications
2017-04-27
logo
Epson Company
M-G350-PD11 EPSON-M-G350-PD11 Datasheet
1Mb / 4P
   Motion analysis and control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com