Electronic Components Datasheet Search |
|
IRFML8244TRPbF Datasheet(PDF) 1 Page - International Rectifier |
|
IRFML8244TRPbF Datasheet(HTML) 1 Page - International Rectifier |
1 / 10 page 02/29/12 IRFML8244TRPbF HEXFET® Power MOSFET www.irf.com 1 ORDERING INFORMATION: See detailed ordering and shipping information on the last page of this data sheet. Notes through are on page 10 Application(s) Micro3TM (SOT-23) IRFML8244TRPbF ' 6 * Load/ System Switch Features and Benefits VDS 25 V VGS Max ± 20 V RDS(on) max (@VGS = 10V) 24 m RDS(on) max (@VGS = 4.5V) 41 m Features Benefits Low RDS(on) ( 24m) Lower switching losses Industry-standard pinout Multi-vendor compatibility Compatible with existing Surface Mount Techniques results in Easier manufacturing RoHS compliant containing no lead, no bromide and no halogen Environmentally friendly MSL1, Consumer qualification Increased reliability Absolute Maximum Ratings Symbol Parameter Units VDS Drain-Source Voltage V ID @ TA = 25°C Continuous Drain Current, VGS @ 10V ID @ TA = 70°C Continuous Drain Current, VGS @ 10V IDM Pulsed Drain Current PD @TA = 25°C Maximum Power Dissipation PD @TA = 70°C Maximum Power Dissipation Linear Derating Factor W/°C VGS Gate-to-Source Voltage V TJ, TSTG Junction and Storage Temperature Range °C Thermal Resistance Symbol Parameter Typ. Max. Units RJA Junction-to-Ambient e ––– 100 RJA Junction-to-Ambient (t<10s) f ––– 99 1.25 0.80 24 W °C/W A Max. 5.8 4.6 -55 to + 150 ± 20 0.01 25 PD - 97587A |
Similar Part No. - IRFML8244TRPbF |
|
Similar Description - IRFML8244TRPbF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |