Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC3PHACVPE Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MC3PHACVPE
Description  MC3PHAC Monolithic Intelligent Motor Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC3PHACVPE Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC3PHACVPE Datasheet HTML 7Page - Freescale Semiconductor, Inc MC3PHACVPE Datasheet HTML 8Page - Freescale Semiconductor, Inc MC3PHACVPE Datasheet HTML 9Page - Freescale Semiconductor, Inc MC3PHACVPE Datasheet HTML 10Page - Freescale Semiconductor, Inc MC3PHACVPE Datasheet HTML 11Page - Freescale Semiconductor, Inc MC3PHACVPE Datasheet HTML 12Page - Freescale Semiconductor, Inc MC3PHACVPE Datasheet HTML 13Page - Freescale Semiconductor, Inc MC3PHACVPE Datasheet HTML 14Page - Freescale Semiconductor, Inc MC3PHACVPE Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Features
MC3PHAC Monolithic Intelligent Motor Controller, Rev. 2
Freescale Semiconductor
11
Selectable PWM Frequency — The MC3PHAC accommodates four discrete PWM frequencies and can
be changed dynamically while the motor is running. This resistor can be a potentiometer or a fixed resistor
in the range shown in Table 4. In standalone mode, the PWM frequency is specified by applying a voltage
to the MUX_IN pin while the PWMFREQ_RxD pin is being driven low. Table 4 shows the required voltage
levels on the MUX_IN pin and the associated PWM frequency for each voltage range.
NOTE
The PWM frequencies are based on a 4.00 MHz frequency applied to the
oscillator input.
Selectable PWM Dead Time — Besides being able to specify the PWM frequency, the blanking time
interval between the on states of the complementary PWM pairs can also be specified. Refer to the graph
in Figure 9 for the resistance value versus dead time. Figure 9 assumes a 6.8 k
±5% pullup resistor. In
standalone mode, this is done by
supplying a voltage to the MUX_IN pin while the DT_FAULTOUT pin is being driven low. In this way, dead
time can be specified with a scaling factor of 2.075
µs per volt, with a minimum value of 0.5 µs. In PC
master software mode, this value can be selected to be anywhere between 0 and 32
µs.
In both standalone and PC master software modes, the dead time value can be written only once. Further
updates of this parameter are locked out until a reset condition occurs.
Speed Control — The synchronous motor frequency can be specified in real time to be any value from
1 Hz to 128 Hz by the voltage applied to the SPEED pin. The scaling factor is 25.6 Hz per volt. This
parameter can also be controlled directly from PC master software in real time.
The SPEED pin is processed by a 24-bit digital filter to enhance the speed stability in noisy environments.
This filter is only activated in standalone mode.
Acceleration Control — Motor acceleration can be specified in real time to be in the range from 0.5
Hz/second, ranging to 128 Hz/second, by the voltage applied to the ACCEL pin. The scaling factor is 25.6
Hz/second per volt. This parameter can also be controlled directly from PC master software in real time.
Voltage Profile Generation — The MC3PHAC controls the motor voltage in proportion to the specified
frequency, as indicated in Figure 5.
An ac motor is designed to draw a specified amount of magnetizing current when supplied with rated
voltage at the base frequency. As the frequency decreases, assuming no stator losses, the voltage must
decrease in exact proportion to maintain the required magnetizing current. In reality, as the frequency
decreases, the voltage drop in the series stator resistance increases in proportion to the voltage across
the magnetizing inductance. This has the effect of further reducing the voltage across the magnetizing
inductor, and consequently, the magnetizing current. A schematic representation of this effect is
Table 4. MUX_IN Resistance Ranges and Corresponding PWM Frequencies
Voltage Input
PWM Frequency
0 to 1 V
5.291 kHz
1.5 to 2.25 V
10.582 kHz
2.75 to 3.5 V
15.873 kHz
4 to 5 V
21.164 kHz


Similar Part No. - MC3PHACVPE

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC3PHACVP MOTOROLA-MC3PHACVP Datasheet
724Kb / 44P
   3-Phase AC Motor Controller
logo
Freescale Semiconductor...
MC3PHACVP FREESCALE-MC3PHACVP Datasheet
781Kb / 36P
   Monolithic Intelligent Motor Controller
MC3PHACVP FREESCALE-MC3PHACVP Datasheet
418Kb / 36P
   MC3PHAC Monolithic Intelligent Motor Controller
More results

Similar Description - MC3PHACVPE

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC3PHACVDWE FREESCALE-MC3PHACVDWE Datasheet
418Kb / 36P
   MC3PHAC Monolithic Intelligent Motor Controller
MC3PHAC FREESCALE-MC3PHAC Datasheet
781Kb / 36P
   Monolithic Intelligent Motor Controller
logo
TRINAMIC Motion Control...
TMC603A TRINAMIC-TMC603A_16 Datasheet
886Kb / 37P
   Intelligent Triple Stepper Motor Controller
TMC429 TRINAMIC-TMC429_16 Datasheet
1Mb / 83P
   Intelligent Triple Stepper Motor Controller
logo
List of Unclassifed Man...
TMC428 ETC2-TMC428_06 Datasheet
719Kb / 58P
   Intelligent Triple Stepper Motor Controller with Serial Peripheral Interfaces
TMC428 ETC-TMC428 Datasheet
378Kb / 50P
   Intelligent Triple Stepper Motor Controller with Serial Peripheral Interfaces
logo
OptoSupply Internationa...
OE0422 OPTOSUPPLY-OE0422 Datasheet
64Kb / 1P
   PIR intelligent controller
logo
List of Unclassifed Man...
MLX90805 ETC-MLX90805 Datasheet
167Kb / 13P
   Intelligent Triac Controller
logo
Toshiba Semiconductor
TA8068F TOSHIBA-TA8068F Datasheet
178Kb / 8P
   Intelligent Stepping Motor Driver
TA8068L TOSHIBA-TA8068L Datasheet
220Kb / 6P
   INTELLIGENT STEPPING MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com