Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-1531ETZ Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-1531ETZ
Description  Versatile Link The Versatile Fiber Optic Connection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-1531ETZ Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HFBR-1531ETZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HFBR-1531ETZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HFBR-1531ETZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-1531ETZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-1531ETZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-1531ETZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-1531ETZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-1531ETZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HFBR-1531ETZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Interlocked (Stacked) Assemblies (refer to Figure 1)
Horizontal packages may be stacked by placing units
with pins facing upward. Initially engage the inter-
locking mechanism by sliding the L bracket body from
above into the L slot body of the lower package. Use
a straight edge, such as a ruler, to bring all stacked
units into uniform alignment. This technique prevents
potential harm that could occur to fingers and hands of
assemblers from the package pins. Stacked horizontal
packages can be disengaged if necessary. Repeated
stacking and unstacking causes no damage to individual
units.
To stack vertical packages, hold one unit in each hand,
with the pins facing away and the optical ports on the
bottom. Slide the L bracket unit into the L slot unit. The
straight edge used for horizontal package alignment is
not needed.
Stacking Horizontal Modules
Figure 1. Interlocked (stacked) horizontal, vertical or 30° tilted packages
Stacking Vertical Modules
Stacking 30° Tilted Modules


Similar Part No. - HFBR-1531ETZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1531ET AVAGO-HFBR-1531ET Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
More results

Similar Description - HFBR-1531ETZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0501 AVAGO-HFBR-0501 Datasheet
195Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2521ETZ AVAGO-HFBR-2521ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Agilent(Hewlett-Packard...
HFBR-0501 HP-HFBR-0501 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2522ETZ AVAGO-HFBR-2522ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Broadcom Corporation.
HFBR-0500ETZ BOARDCOM-HFBR-0500ETZ Datasheet
485Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2521Z AVAGO-HFBR-2521Z Datasheet
437Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1521ETZ AVAGO-HFBR-1521ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1527ETZ AVAGO-HFBR-1527ETZ Datasheet
211Kb / 12P
   125Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
Agilent(Hewlett-Packard...
HFBR-0507 HP-HFBR-0507 Datasheet
319Kb / 12P
   125 Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0507Z AVAGO-HFBR-0507Z Datasheet
304Kb / 12P
   125 Megabaud Versatile Link The Versatile Fiber Optic Connection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com