Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-EJ08-X1000 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-EJ08-X1000
Description  T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-EJ08-X1000 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-EJ08-X1000 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-EJ08-X1000 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-EJ08-X1000 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-EJ08-X1000 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-EJ08-X1000 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-EJ08-X1000 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-EJ08-X1000 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-EJ08-X1000 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-EJ08-X1000 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
Device Selection Guide
Typical
Color and Dominant
Lamps without
Lamps with Standoffs
Luminous Intensity
Viewing Angle
Wavelength
Standoffs on Leads
on Leads
Iv (mcd)[1,2,5] @ 20 mA
1/2 (Deg.)[4]
(nm), Typ.[3]
(Outline Drawing A)
(Outline Drawing B)
Min.
Max.
Am­ber 590
HLMP-EL08-T0000
HLMP-EL10-T0000
2500
HLMP-EL08-VY000
HLMP-EL10-VY000
4200
12000
HLMP-EL08-VYK00
4200
12000
HLMP-EL08-WZ000
HLMP-EL10-WZ000
5500
16000
HLMP-EL08-X1K00
HLMP-EL10-X1K00
7200
21000
HLMP-EL08-X1000
HLMP-EL10-X1000
7200
21000
Orange 605
HLMP-EJ08-WZ000
5500
16000
HLMP-EJ08-X1000
HLMP-EJ10-X1000
7200
21000
HLMP-EJ08-Y2000
9300
27000
Red-Orange 615
HLMP-EH08-UX000
HLMP-EH10-UX000
3200
9300
HLMP-EH08-WZ000
HLMP-EH10-WZ000
5500
16000
HLMP-EH08-X1000
HLMP-EH10-X1000
7200
21000
HLMP-EH08-Y2000
HLMP-EH10-Y2000
9300
27000
Red 626
HLMP-EG08-T0000
HLMP-EG10-T0000
2500
HLMP-EG08-VY000
4200
12000
HLMP-EG08-WZ000
HLMP-EG10-WZ000
5500
16000
HLMP-EG08-X1000
HLMP-EG10-X1000
7200
21000
HLMP-EG08-YZ000
9300
16000
HLMP-EG08-Y2000
HLMP-EG10-Y2000
9300
27000
Notes:
1. The lum­inous intensity is m­easured on the m­echanical axis of the lam­p package.
2. The optical axis is closely aligned with the package m­echanical axis.
3. The dom­inant wavelength, λd, is derived from­ the CIE Chrom­aticity Diagram­ and represents the color of the lam­p.
4. θ1/2 is the off-axis angle where the lum­inous intensity is half the on-axis intensity.
5. Tolerance for each intensity bin lim­it is ± 15%.


Similar Part No. - HLMP-EJ08-X1000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-EJ08-X1000 HP-HLMP-EJ08-X1000 Datasheet
99Kb / 12P
   T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EJ08-X1000 AVAGO-HLMP-EJ08-X1000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-EJ08-X1000 BOARDCOM-HLMP-EJ08-X1000 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
More results

Similar Description - HLMP-EJ08-X1000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX_V01 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
HLMP-EL55 BOARDCOM-HLMP-EL55 Datasheet
583Kb / 13P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
logo
Agilent(Hewlett-Packard...
HLMP-DLXX HP-HLMP-DLXX Datasheet
129Kb / 8P
   T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-DL50 AVAGO-HLMP-DL50 Datasheet
56Kb / 4P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps for Variable Message Signs
logo
Agilent(Hewlett-Packard...
HLMP-EL55 HP-HLMP-EL55 Datasheet
688Kb / 6P
   T-1 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMA-CX00 HP-HLMA-CX00 Datasheet
122Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), High Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com