Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQAF7N90 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FQAF7N90
Description  900V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQAF7N90 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FQAF7N90 Datasheet HTML 1Page - Fairchild Semiconductor FQAF7N90 Datasheet HTML 2Page - Fairchild Semiconductor FQAF7N90 Datasheet HTML 3Page - Fairchild Semiconductor FQAF7N90 Datasheet HTML 4Page - Fairchild Semiconductor FQAF7N90 Datasheet HTML 5Page - Fairchild Semiconductor FQAF7N90 Datasheet HTML 6Page - Fairchild Semiconductor FQAF7N90 Datasheet HTML 7Page - Fairchild Semiconductor FQAF7N90 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A, March 2001
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
※ No te s :
1 . Z
θ JC (t) = 1 . 1 7
℃ /W M a x .
2 . D u ty F a c to r, D = t
1 /t 2
3 . T
JM
- T
C
= P
DM
* Z
θ JC (t)
s in g le p u ls e
D= 0 .5
0. 02
0. 2
0. 05
0. 1
0. 01
t
1 , S q uar e
W a v e P u ls e D u ra tio n [s ec ]
25
50
75
100
125
150
0
1
2
3
4
5
6
T
C
, Case Temperature [℃]
10
0
10
1
10
2
10
3
10
-2
10
-1
10
0
10
1
10
2
10
µs
DC
10 ms
1 ms
100
µs
Operation in This Area
is Limited by R
DS(on)
※ Notes :
1. T
C
= 25
o
C
2. T
J = 150
o
C
3. Single Pulse
V
DS, Drain-Source Voltage [V]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
※ Notes :
1. V
GS
= 10 V
2. I
D = 3.7 A
T
J, Junction Temperature [
o
C]
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
※Notes:
1. V
GS = 0 V
2. I
D = 250
μ A
T
J, Junction Temperature [
o
C]
Typical Characteristics (Continued)
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs Case Temperature
Figure 7. Breakdown Voltage Variation
vs Temperature
Figure 8. On-Resistance Variation
vs Temperature
Figure 11. Transient Thermal Response Curve
t
1
PDM
t
2


Similar Part No. - FQAF7N90

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
   600V N-Channel MOSFET
FQAF7N80 FAIRCHILD-FQAF7N80 Datasheet
778Kb / 8P
   800V N-Channel MOSFET
More results

Similar Description - FQAF7N90

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP2N90 FAIRCHILD-FQP2N90 Datasheet
744Kb / 8P
   900V N-Channel MOSFET
FQPF5N90 FAIRCHILD-FQPF5N90 Datasheet
665Kb / 8P
   900V N-Channel MOSFET
FQA7N90 FAIRCHILD-FQA7N90 Datasheet
674Kb / 8P
   900V N-Channel MOSFET
FQB5N90 FAIRCHILD-FQB5N90 Datasheet
682Kb / 9P
   900V N-Channel MOSFET
FQB6N90 FAIRCHILD-FQB6N90 Datasheet
596Kb / 9P
   900V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS6N90 SEMIHOW-HFS6N90 Datasheet
996Kb / 7P
   900V N-Channel MOSFET
logo
Fairchild Semiconductor
FQB6N90TMAM002 FAIRCHILD-FQB6N90TMAM002 Datasheet
604Kb / 9P
   900V N-Channel MOSFET
FQD2N90 FAIRCHILD-FQD2N90_09 Datasheet
847Kb / 9P
   900V N-Channel MOSFET
FQA9N90C FAIRCHILD-FQA9N90C Datasheet
680Kb / 8P
   900V N-Channel MOSFET
FQA11N90 FAIRCHILD-FQA11N90_07 Datasheet
828Kb / 9P
   900V N-Channel MOSFET
logo
Shenzhen Meipusen Semic...
SLP9N90CZ MAPLESMI-SLP9N90CZ Datasheet
1Mb / 7P
   900V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com