Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQAF7N90 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FQAF7N90
Description  900V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQAF7N90 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FQAF7N90 Datasheet HTML 1Page - Fairchild Semiconductor FQAF7N90 Datasheet HTML 2Page - Fairchild Semiconductor FQAF7N90 Datasheet HTML 3Page - Fairchild Semiconductor FQAF7N90 Datasheet HTML 4Page - Fairchild Semiconductor FQAF7N90 Datasheet HTML 5Page - Fairchild Semiconductor FQAF7N90 Datasheet HTML 6Page - Fairchild Semiconductor FQAF7N90 Datasheet HTML 7Page - Fairchild Semiconductor FQAF7N90 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A, March 2001
Peak Diode Recovery dv/dt Test Circuit & Waveforms
DUT
V
DS
+
_
Driver
R
G
Same Type
as DUT
VGS
• dv/dt controlled by R
G
•I
SD controlled by pulse period
VDD
L
I SD
10V
V
GS
( Driver )
I
SD
( DUT )
V
DS
( DUT )
VDD
Body Diode
Forward Voltage Drop
VSD
I
FM , Body Diode Forward Current
Body Diode Reverse Current
IRM
Body Diode Recovery dv/dt
di/dt
D =
Gate Pulse Width
Gate Pulse Period
--------------------------
DUT
V
DS
+
_
Driver
R
G
Same Type
as DUT
VGS
• dv/dt controlled by R
G
•I
SD controlled by pulse period
VDD
L
L
I SD
10V
V
GS
( Driver )
I
SD
( DUT )
V
DS
( DUT )
VDD
Body Diode
Forward Voltage Drop
VSD
I
FM , Body Diode Forward Current
Body Diode Reverse Current
IRM
Body Diode Recovery dv/dt
di/dt
D =
Gate Pulse Width
Gate Pulse Period
--------------------------
D =
Gate Pulse Width
Gate Pulse Period
--------------------------


Similar Part No. - FQAF7N90

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
   600V N-Channel MOSFET
FQAF7N80 FAIRCHILD-FQAF7N80 Datasheet
778Kb / 8P
   800V N-Channel MOSFET
More results

Similar Description - FQAF7N90

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP2N90 FAIRCHILD-FQP2N90 Datasheet
744Kb / 8P
   900V N-Channel MOSFET
FQPF5N90 FAIRCHILD-FQPF5N90 Datasheet
665Kb / 8P
   900V N-Channel MOSFET
FQA7N90 FAIRCHILD-FQA7N90 Datasheet
674Kb / 8P
   900V N-Channel MOSFET
FQB5N90 FAIRCHILD-FQB5N90 Datasheet
682Kb / 9P
   900V N-Channel MOSFET
FQB6N90 FAIRCHILD-FQB6N90 Datasheet
596Kb / 9P
   900V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS6N90 SEMIHOW-HFS6N90 Datasheet
996Kb / 7P
   900V N-Channel MOSFET
logo
Fairchild Semiconductor
FQB6N90TMAM002 FAIRCHILD-FQB6N90TMAM002 Datasheet
604Kb / 9P
   900V N-Channel MOSFET
FQD2N90 FAIRCHILD-FQD2N90_09 Datasheet
847Kb / 9P
   900V N-Channel MOSFET
FQA9N90C FAIRCHILD-FQA9N90C Datasheet
680Kb / 8P
   900V N-Channel MOSFET
FQA11N90 FAIRCHILD-FQA11N90_07 Datasheet
828Kb / 9P
   900V N-Channel MOSFET
logo
Shenzhen Meipusen Semic...
SLP9N90CZ MAPLESMI-SLP9N90CZ Datasheet
1Mb / 7P
   900V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com