Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM-BF537 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # CM-BF537
Description  Bluetechnix Mechatronische Systeme GmbH
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CM-BF537 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button CM-BF537 Datasheet HTML 3Page - List of Unclassifed Manufacturers CM-BF537 Datasheet HTML 4Page - List of Unclassifed Manufacturers CM-BF537 Datasheet HTML 5Page - List of Unclassifed Manufacturers CM-BF537 Datasheet HTML 6Page - List of Unclassifed Manufacturers CM-BF537 Datasheet HTML 7Page - List of Unclassifed Manufacturers CM-BF537 Datasheet HTML 8Page - List of Unclassifed Manufacturers CM-BF537 Datasheet HTML 9Page - List of Unclassifed Manufacturers CM-BF537 Datasheet HTML 10Page - List of Unclassifed Manufacturers CM-BF537 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
CM-BF537_HUM_V3.2.docx
6
Core Module naming information
The idea is to put more Core Module specific technical information into the product name. New Core Module names
will have following technical information covered in their names.
Product Family,
CPU-Type,
Connection-Type,
Operating Temperature Range,
Crystal Frequency [MHz],
RAM [MB],
Flash [MB],
External Controllers
o
Special and/or
o
Former name
That expands of course the name but allows the customer to get the most important Core Module specific
information at the first sight. Have a look at the example below to get an idea of the new Core Module names.
Example CM-BF537-C-C-Q25S32F4 (CM-BF537E)
-
-
-
-
-
-
Product Family
Former name
CM = Core Module
Special
SBC = Single Board Computer
Custom Core Modules or specials
CPU-Type
uC = uclinux
Equals the name of CPU
Extra controllers mounted
Connection-Type
E = Ethernet
A = BGA
U = USB
B = Border pad
Flash [MB]
C = Connector
F = NOR Flash [MB]
S = SSpecial
N = NAND Flash [MB]
Operating Temperature Range
RAM
A = Automotive
(-40° to +125°)
S = SDRAM [MB]
C = Commercial (0° to +70°)
I = Industry
(-40° to +85°)
Crystal Frequency
Notation: QXX[MHz]
F4
(CM-BF537E)
S32
CM
BF537
C C
Q25


Similar Part No. - CM-BF537

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM-BF548 ETC1-CM-BF548 Datasheet
621Kb / 26P
   Bluetechnix Mechatronische Systeme GmbH
More results

Similar Description - CM-BF537

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TCM-BF537 ETC1-TCM-BF537 Datasheet
913Kb / 37P
   Bluetechnix Mechatronische Systeme GmbH
DEV-BF548 ETC1-DEV-BF548 Datasheet
1Mb / 36P
   Bluetechnix Mechatronische Systeme GmbH
CM-BF548 ETC1-CM-BF548 Datasheet
621Kb / 26P
   Bluetechnix Mechatronische Systeme GmbH
EVAL-BF5XX ETC1-EVAL-BF5XX Datasheet
1Mb / 35P
   Bluetechnix Mechatronische Systeme GmbH
EDEV-BF5XX ETC1-EDEV-BF5XX Datasheet
1,002Kb / 37P
   Bluetechnix Mechatronische Systeme GmbH
ARGOS-A10X ETC1-ARGOS-A10X Datasheet
1Mb / 27P
   This guide applies to all smart cameras based on the Argos짰 smart camera platform from Bluetechnix GmbH.
logo
Hammond Manufacturing L...
TCS HAMMOND-TCS Datasheet
74Kb / 2P
   Systeme disolement thermique
logo
Schneider Electric
ABFTE20SP100 SCHNEIDER-ABFTE20SP100 Datasheet
9Mb / 58P
   Systeme de precablage Telefast
Avril 2019 - V3.4
logo
Amphenol Corporation
C091-31G006-100-2 AMPHENOL-C091-31G006-100-2 Datasheet
3Mb / 52P
   Amphenol-Tuchel Electronics GmbH
logo
ALPS ELECTRIC CO.,LTD.
SKHHLRA010 ALPS-SKHHLRA010 Datasheet
711Kb / 8P
   ALPS ELECTRIC EUROPA GMBH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com