Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3996CTP-T Datasheet(PDF) 3 Page - KOA Speer Electronics, Inc.

Part # MAX3996CTP-T
Description  3.0V to 5.5V, 2.5Gbps VCSEL and Laser Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

MAX3996CTP-T Datasheet(HTML) 3 Page - KOA Speer Electronics, Inc.

  MAX3996CTP-T Datasheet HTML 1Page - KOA Speer Electronics, Inc. MAX3996CTP-T Datasheet HTML 2Page - KOA Speer Electronics, Inc. MAX3996CTP-T Datasheet HTML 3Page - KOA Speer Electronics, Inc. MAX3996CTP-T Datasheet HTML 4Page - KOA Speer Electronics, Inc. MAX3996CTP-T Datasheet HTML 5Page - KOA Speer Electronics, Inc. MAX3996CTP-T Datasheet HTML 6Page - KOA Speer Electronics, Inc. MAX3996CTP-T Datasheet HTML 7Page - KOA Speer Electronics, Inc. MAX3996CTP-T Datasheet HTML 8Page - KOA Speer Electronics, Inc. MAX3996CTP-T Datasheet HTML 9Page - KOA Speer Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3.0V to 5.5V, 2.5Gbps VCSEL
and Laser Driver
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 3.0V to 5.5V, TA = 0°C to +70°C, unless otherwise noted. Typical values are at VCC = 3.3V, TC pin not connected, TA =
+25°C.) (Figure 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Modulation Current
iMOD
2
mAP-P
Maximum Modulation Current
iMOD
RL
≤ 25Ω
30
40
mAP-P
Accuracy of Modulation Current
(Part-to-Part Variation)
RMODSET = 2.37k
(iMOD
≈ 30mAP-P into 25Ω)
-10
+10
%
iMOD = 5mA into 25
Ω, 20% to 80% (Note 3)
54
100
iMOD = 10mA into 25
Ω, 20% to 80% (Note 3)
55
125
Edge Transition Time
tr, tf
iMOD = 30mA into 25
Ω, 20% to 80% (Note 3)
65
130
ps
iMOD = 5mA into 25
Ω (Notes 2, 3)
17
35
iMOD = 10mA into 25
Ω (Notes 2, 3)
14
22
Deterministic Jitter
iMOD = 30mA into 25
Ω (Notes 2, 3)
9
20
psP-P
Random Jitter
(Note 3)
2
8
psRMS
Modulation Current During Fault
iMOD_OFF
15
200
µAP-P
Tempco = MAX, RMOD = open
4000
Modulation Current Tempco
Tempco = MIN, RTC = open
50
ppm/°C
Input Resistance
RIN
Differential
85
115
Output Resistance
ROUT
Single ended; outputs to VCC
42
50
58
Input Common-Mode Voltage
VCC - 0.3
V
SAFETY FEATURES (See Typical Operating Characteristics)
MODSET and TC Pin
Fault Threshold
200
mV
BIAS Pin Fault Threshold
A fault will be triggered if VBIAS is less than
this voltage
300
400
mV
Excessive Bias Current Fault
A fault will be triggered if VMON2 exceeds
this voltage
400
440
mV
TX Disable Time
t_off
Time from rising edge of TX_DISABLE to
IBIAS = IBIAS_OFF and iMOD = iMOD_OFF (Note 3)
0.06
5µs
TX Disable Negate Time
t_on
Time from falling edge of TX_DISABLE to
IBIAS and iMOD at 95% of steady state (Note 3)
37
500
µs
Reset Initialization Time
t_init
From power ON or negation of FAULT using
TX_DISABLE. Time to set FAULT = low, iMOD =
95% of steady state and IBIAS = 95% of steady
state (Note 3)
23
200
ms
Fault Assert Time
t_fault
Time from fault to FAULT = high, CFAULT
< 20pF, RFAULT = 4.7k
Ω (Note 3)
14
50
µs
TX_DISABLE Reset
t_reset
Time TX_DISABLE must be held high to
reset FAULT (Note 3)
0.01
1µs
Note 1: Supply current excludes bias and modulation currents.
Note 2: Deterministic jitter is the peak-to-peak deviation from the ideal time crossings measured with a K28.5 bit pattern
00111110101100000101.
Note 3: AC characteristics guaranteed by design and characterization.


Similar Part No. - MAX3996CTP-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3996CTP-T MAXIM-MAX3996CTP-T Datasheet
768Kb / 16P
   3.0V to 5.5V, 2.5Gbps VCSEL and Laser Driver
Rev 3; 5/04
More results

Similar Description - MAX3996CTP-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3996CTP-T MAXIM-MAX3996CTP-T Datasheet
768Kb / 16P
   3.0V to 5.5V, 2.5Gbps VCSEL and Laser Driver
Rev 3; 5/04
MAX3996 MAXIM-MAX3996 Datasheet
785Kb / 17P
   3.0V to 5.5V, 2.5Gbps VCSEL and Laser Driver
Rev 1; 2/02
MAX3286 MAXIM-MAX3286 Datasheet
733Kb / 28P
   3.0V to 5.5V, 1.25Gbps/2.5Gbps LAN Laser Drivers
19-1550; Rev 6; 11/04
MAX3286 MAXIM-MAX3286_V01 Datasheet
1Mb / 28P
   3.0V to 5.5V, 1.25Gbps/2.5Gbps LAN Laser Drivers
2005
MAX3264 MAXIM-MAX3264 Datasheet
344Kb / 17P
   3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
Rev 6, 5/04
MAX3264 MAXIM-MAX3264_V01 Datasheet
991Kb / 10P
   3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
19-1523; Rev 7, 2/06
logo
Samsung semiconductor
CXB1828ER SAMSUNG-CXB1828ER Datasheet
254Kb / 20P
   2.5Gbps Laser Diode Driver
logo
Sony Corporation
CXB1828ER SONY-CXB1828ER Datasheet
258Kb / 20P
   2.5Gbps Laser Diode Driver
logo
Maxim Integrated Produc...
MAX3643 MAXIM-MAX3643_14 Datasheet
372Kb / 15P
   155Mbps to 2.5Gbps Burst-Mode Laser Driver
Rev 4; 12/12
logo
KODENSHI_AUK CORP.
KTX-485-D3AA KODENSHI-KTX-485-D3AA Datasheet
145Kb / 1P
   2.5Gbps VCSEL TOSA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com