Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3996CTP-T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3996CTP-T
Description  3.0V to 5.5V, 2.5Gbps VCSEL and Laser Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3996CTP-T Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3996CTP-T Datasheet HTML 1Page - Maxim Integrated Products MAX3996CTP-T Datasheet HTML 2Page - Maxim Integrated Products MAX3996CTP-T Datasheet HTML 3Page - Maxim Integrated Products MAX3996CTP-T Datasheet HTML 4Page - Maxim Integrated Products MAX3996CTP-T Datasheet HTML 5Page - Maxim Integrated Products MAX3996CTP-T Datasheet HTML 6Page - Maxim Integrated Products MAX3996CTP-T Datasheet HTML 7Page - Maxim Integrated Products MAX3996CTP-T Datasheet HTML 8Page - Maxim Integrated Products MAX3996CTP-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
3.0V to 5.5V, 2.5Gbps VCSEL
and Laser Driver
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VCC = 3.3V, TA = +25°C, unless otherwise noted.)
120mV/
div
64ps/div
ELECTRICAL EYE DIAGRAM
(iMOD = 30mA, 27 - 1 PRBS, 2.5Gbps)
25
Ω LOAD
120mV/
div
52ps/div
ELECTRICAL EYE DIAGRAM
(iMOD = 30mA, 27 - 1 PRBS, 3.2Gbps)
25
Ω LOAD
57ps/div
OPTICAL EYE DIAGRAM
(iMOD = 5mA, 850nm VCSEL, 27 - 1 PRBS,
2.5Gbps, 1870MHz FILTER)
57ps/div
OPTICAL EYE DIAGRAM
(iMOD = 15mA, 1310nm LASER, 27 - 1 PRBS,
2.5Gbps, 1870MHz FILTER)
20
40
30
60
50
70
80
TRANSITION TIME
vs. MODULATION CURRENT
iMOD (mA)
515
20
10
25
30
35
FALL TIME
RISE TIME
0
10
5
20
15
25
30
DETERMINISTIC JITTER
vs. MODULATION CURRENT
iMOD (mA)
515
20
10
25
30
35
TOTAL DJ
PWD
30
35
40
45
50
55
60
65
70
030
15
45
60
75
SUPPLY CURRENT vs.
TEMPERATURE (iMOD = 15mA)
AMBIENT TEMPERATURE (
°C)
EXCLUDES IBIAS, iMOD
25
Ω LOAD
10
µ
100
µ
10m
1m
100m
1
POR DELAY vs. CPORDLY
CPORDLY (F)
10p
1n
100p
10n
100n


Similar Part No. - MAX3996CTP-T

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
MAX3996CTP-T KOA-MAX3996CTP-T Datasheet
768Kb / 16P
   3.0V to 5.5V, 2.5Gbps VCSEL and Laser Driver
More results

Similar Description - MAX3996CTP-T

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
MAX3996CTP-T KOA-MAX3996CTP-T Datasheet
768Kb / 16P
   3.0V to 5.5V, 2.5Gbps VCSEL and Laser Driver
logo
Maxim Integrated Produc...
MAX3996 MAXIM-MAX3996 Datasheet
785Kb / 17P
   3.0V to 5.5V, 2.5Gbps VCSEL and Laser Driver
Rev 1; 2/02
MAX3286 MAXIM-MAX3286 Datasheet
733Kb / 28P
   3.0V to 5.5V, 1.25Gbps/2.5Gbps LAN Laser Drivers
19-1550; Rev 6; 11/04
MAX3286 MAXIM-MAX3286_V01 Datasheet
1Mb / 28P
   3.0V to 5.5V, 1.25Gbps/2.5Gbps LAN Laser Drivers
2005
MAX3264 MAXIM-MAX3264 Datasheet
344Kb / 17P
   3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
Rev 6, 5/04
MAX3264 MAXIM-MAX3264_V01 Datasheet
991Kb / 10P
   3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
19-1523; Rev 7, 2/06
logo
Samsung semiconductor
CXB1828ER SAMSUNG-CXB1828ER Datasheet
254Kb / 20P
   2.5Gbps Laser Diode Driver
logo
Sony Corporation
CXB1828ER SONY-CXB1828ER Datasheet
258Kb / 20P
   2.5Gbps Laser Diode Driver
logo
Maxim Integrated Produc...
MAX3643 MAXIM-MAX3643_14 Datasheet
372Kb / 15P
   155Mbps to 2.5Gbps Burst-Mode Laser Driver
Rev 4; 12/12
logo
KODENSHI_AUK CORP.
KTX-485-D3AA KODENSHI-KTX-485-D3AA Datasheet
145Kb / 1P
   2.5Gbps VCSEL TOSA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com