Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3996CTP+ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3996CTP+
Description  3.0V to 5.5V, 2.5Gbps VCSEL and Laser Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3996CTP+ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3996CTP+ Datasheet HTML 2Page - Maxim Integrated Products MAX3996CTP+ Datasheet HTML 3Page - Maxim Integrated Products MAX3996CTP+ Datasheet HTML 4Page - Maxim Integrated Products MAX3996CTP+ Datasheet HTML 5Page - Maxim Integrated Products MAX3996CTP+ Datasheet HTML 6Page - Maxim Integrated Products MAX3996CTP+ Datasheet HTML 7Page - Maxim Integrated Products MAX3996CTP+ Datasheet HTML 8Page - Maxim Integrated Products MAX3996CTP+ Datasheet HTML 9Page - Maxim Integrated Products MAX3996CTP+ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
3.0V to 5.5V, 2.5Gbps VCSEL
and Laser Driver
6
_______________________________________________________________________________________
Pin Description
PIN
NAME
FUNCTION
1TC
Temperature Compensation Set. The resistor at TC programs the temperature-increasing component
of the laser-modulation current.
2
FAULT
Fault Indicator. See Table 1.
3, 9
GND
Ground
4
TX_DISABLE
Transmit Disable. Laser output is disabled when TX_DISABLE is high or left unconnected. The laser
output is enabled when this pin is asserted low.
5
PORDLY
Power-On Reset Delay. A capacitor connected between PORDLY and GND can be used to extend the
delay for the power-on reset circuit. See the Design Procedure section.
6, 16, 19
VCC
Supply Voltage
7
IN+
Noninverting Data Input
8
IN-
Inverting Data Input
10
MON1
Attaches to the emitter of the bias driving transistor through a 10
Ω resistor. See the Design Procedure
section.
11
MON2
This pin attaches to the emitter of the bias driving transistor. See the Design Procedure section.
12
COMP
A capacitor connected from this pin to ground sets the dominant pole of the APC loop. See the Design
Procedure section.
13
MD
Monitor Diode Connection. MD is used for automatic power control.
14
SHDNDRV
Shutdown Driver Output. Provides a redundant laser shutdown.
15
BIAS
Laser Bias Current Output
17
OUT+
Positive Modulation-Current Output. Current flows from this pin when input data is high.
18
OUT-
Negative Modulation-Current Output. Current flows to this pin when input data is high.
20
MODSET
A resistor connected from this pin to ground sets the desired modulation current.
EP
Exposed Pad
Ground. This must be soldered to the circuit board ground for proper thermal and electrical
performance. See the Layout Considerations section.


Similar Part No. - MAX3996CTP+

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
MAX3996CTP-T KOA-MAX3996CTP-T Datasheet
768Kb / 16P
   3.0V to 5.5V, 2.5Gbps VCSEL and Laser Driver
More results

Similar Description - MAX3996CTP+

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
MAX3996CTP-T KOA-MAX3996CTP-T Datasheet
768Kb / 16P
   3.0V to 5.5V, 2.5Gbps VCSEL and Laser Driver
logo
Maxim Integrated Produc...
MAX3996 MAXIM-MAX3996 Datasheet
785Kb / 17P
   3.0V to 5.5V, 2.5Gbps VCSEL and Laser Driver
Rev 1; 2/02
MAX3286 MAXIM-MAX3286 Datasheet
733Kb / 28P
   3.0V to 5.5V, 1.25Gbps/2.5Gbps LAN Laser Drivers
19-1550; Rev 6; 11/04
MAX3286 MAXIM-MAX3286_V01 Datasheet
1Mb / 28P
   3.0V to 5.5V, 1.25Gbps/2.5Gbps LAN Laser Drivers
2005
MAX3264 MAXIM-MAX3264 Datasheet
344Kb / 17P
   3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
Rev 6, 5/04
MAX3264 MAXIM-MAX3264_V01 Datasheet
991Kb / 10P
   3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
19-1523; Rev 7, 2/06
logo
Samsung semiconductor
CXB1828ER SAMSUNG-CXB1828ER Datasheet
254Kb / 20P
   2.5Gbps Laser Diode Driver
logo
Sony Corporation
CXB1828ER SONY-CXB1828ER Datasheet
258Kb / 20P
   2.5Gbps Laser Diode Driver
logo
Maxim Integrated Produc...
MAX3643 MAXIM-MAX3643_14 Datasheet
372Kb / 15P
   155Mbps to 2.5Gbps Burst-Mode Laser Driver
Rev 4; 12/12
logo
KODENSHI_AUK CORP.
KTX-485-D3AA KODENSHI-KTX-485-D3AA Datasheet
145Kb / 1P
   2.5Gbps VCSEL TOSA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com