Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC28F008-12B Datasheet(PDF) 2 Page - Rochester Electronics

Part # MC28F008-12B
Description  8 MBIT (1 MBIT x 8) FLASH MEMORY Extended Cycllng Capablllty
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCHESTER [Rochester Electronics]
Direct Link  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

MC28F008-12B Datasheet(HTML) 2 Page - Rochester Electronics

  MC28F008-12B Datasheet HTML 1Page - Rochester Electronics MC28F008-12B Datasheet HTML 2Page - Rochester Electronics MC28F008-12B Datasheet HTML 3Page - Rochester Electronics MC28F008-12B Datasheet HTML 4Page - Rochester Electronics MC28F008-12B Datasheet HTML 5Page - Rochester Electronics MC28F008-12B Datasheet HTML 6Page - Rochester Electronics MC28F008-12B Datasheet HTML 7Page - Rochester Electronics MC28F008-12B Datasheet HTML 8Page - Rochester Electronics MC28F008-12B Datasheet HTML 9Page - Rochester Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
M28F008
Specification Number 28F008-M (I) REV C
Page 2 of 14
Rochester Part Number
Intel Part Number
Package
Temperature
MC28F008-10/B
MC28F008-10
CDIP-40
-55° to +125°C
MC28F008-12/B
MC28F008-12
CDIP-40
-55° to +125°C
MF28F008-10/B
MF28F008-10
FP-42, Ceramic
-55° to +125°C
MF28F008-12/B
MF28F008-12
FP-42, Ceramic
-55° to +125°C
Rochester Ordering Guide
*Most products can also be offered as RoHS compliant, designated by a –G suffix. Please contact factory for more information.


Similar Part No. - MC28F008-12B

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MC28-2-A SLPOWER-MC28-2-A Datasheet
374Kb / 7P
   DC Power Supplies
MC28-2-A SLPOWER-MC28-2-A Datasheet
720Kb / 7P
   Commercial/Medical International Linears
logo
List of Unclassifed Man...
MC2800 ETC1-MC2800 Datasheet
1Mb / 63P
   Technical Specifications Multiple Motor Type
logo
Motorola, Inc
MC2800EVK MOTOROLA-MC2800EVK Datasheet
225Kb / 10P
   FLEX Paging RF/IF Receiver Board
MC2800SYNEVK MOTOROLA-MC2800SYNEVK Datasheet
261Kb / 11P
   FLEX Paging RF/IF Frequency Synthesizer Receiver
More results

Similar Description - MC28F008-12B

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
M28F008 INTEL-M28F008 Datasheet
401Kb / 28P
   8 MBIT (1 MBIT x 8) FLASH MEMORY
VE28F008 INTEL-VE28F008 Datasheet
381Kb / 26P
   8 MBIT (1 MBIT x 8) FLASH MEMORY
logo
Sharp Corporation
LH28F008SAHR SHARP-LH28F008SAHR Datasheet
1Mb / 29P
   8 MBIT(1 MBIT x 8)FLASH MEMORY
LH28F008SAT SHARP-LH28F008SAT Datasheet
2Mb / 34P
   8 MBIT(1 MBIT x 8) FLASH MEMORY
logo
Intel Corporation
28F008SA INTEL-28F008SA Datasheet
466Kb / 33P
   8-MBIT (1-MBIT x 8) FlashFileTM MEMORY
28F008SA-L INTEL-28F008SA-L Datasheet
437Kb / 28P
   8-MBIT (1 MBIT x 8) FLASHFILETM MEMORY
28F016XS INTEL-28F016XS Datasheet
1Mb / 54P
   16-MBIT (1 MBIT x 16, 2 MBIT x 8) SYNCHRONOUS FLASH MEMORY
logo
Sharp Corporation
LH28F008SCH-V SHARP-LH28F008SCH-V Datasheet
1Mb / 41P
   8-MBIT(1 MB x 8) SmartVoltage Flash MEMORY
LH28F008SCH SHARP-LH28F008SCH Datasheet
1Mb / 44P
   8-MBIT(1 MB x 8) SmartVoltage Flash MEMORY
LH28F008SCHT SHARP-LH28F008SCHT Datasheet
3Mb / 47P
   8-MBIT(1 MB x 8) SmartVoltage Flash MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com