Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54FCT244 Datasheet(PDF) 4 Page - Rochester Electronics

Part # 54FCT244
Description  Octal Buffer/Line Driver with TRI-STATE Outputs TTL input and output level compatible
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCHESTER [Rochester Electronics]
Direct Link  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

54FCT244 Datasheet(HTML) 4 Page - Rochester Electronics

  54FCT244 Datasheet HTML 1Page - Rochester Electronics 54FCT244 Datasheet HTML 2Page - Rochester Electronics 54FCT244 Datasheet HTML 3Page - Rochester Electronics 54FCT244 Datasheet HTML 4Page - Rochester Electronics 54FCT244 Datasheet HTML 5Page - Rochester Electronics 54FCT244 Datasheet HTML 6Page - Rochester Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
54FCT244
Specification Number 54FCT244-M (N) REV A
Page 4 of 6
AC Electrical Characteristics for ’FCT Family Devices
Symbol
Parameter
54FCT
Units
Fig.
No.
TA = −55˚C to +125˚C
VCC = 4.5V–5.5V
CL = 50 pF
Min
Max
tPLH
Propagation Delay
1.5
7.5
ns
tPHL
Data to Outputs
1.5
7.5
tPZH
Output Enable
1.5
10.5
ns
tPZL
Time
1.5
10.5
tPHZ
Output Disable
1.5
8.0
ns
tPLZ
Time
1.5
8.0
Capacitance
Symbol
Parameter
Max
Units
Conditions
TA = 25˚C
CIN
Input Capacitance
10.0
pF
VCC = 0V
COUT (Note 5)
Output Capacitance
12.0
pF
VCC = 5.0V
Note 5: COUT is measured at frequency f = 1 MHz, per MIL-STD-883B, Method 3012.
www.national.com
3
TABLE 5
SPECIFICATION NUMBER: 54FCT244-M (N) REV -
Page 3 of 5


Similar Part No. - 54FCT244

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54FCT244 NSC-54FCT244 Datasheet
110Kb / 5P
   Octal Buffer/Line Driver with TRI-STATE Outputs
logo
Integrated Device Techn...
54FCT244ATDBGB IDT-54FCT244ATDBGB Datasheet
53Kb / 6P
   FAST CMOS OCTAL BUFFER/LIN DRIVER
54FCT244ATLBGB IDT-54FCT244ATLBGB Datasheet
53Kb / 6P
   FAST CMOS OCTAL BUFFER/LIN DRIVER
54FCT244ATPGBGB IDT-54FCT244ATPGBGB Datasheet
53Kb / 6P
   FAST CMOS OCTAL BUFFER/LIN DRIVER
54FCT244ATPYBGB IDT-54FCT244ATPYBGB Datasheet
53Kb / 6P
   FAST CMOS OCTAL BUFFER/LIN DRIVER
More results

Similar Description - 54FCT244

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MN54ABT240 NSC-MN54ABT240 Datasheet
168Kb / 11P
   OCTAL BUFFER AND LINE DRIVER WITH TRI-STATE OUTPUTS
MN54ABT240-X NSC-MN54ABT240-X Datasheet
184Kb / 11P
   OCTAL BUFFER AND LINE DRIVER WITH TRI-STATE OUTPUTS
MN54ABT244-X NSC-MN54ABT244-X Datasheet
209Kb / 13P
   OCTAL BUFFER AND LINE DRIVER WITH TRI-STATE OUTPUTS
54ABT240 NSC-54ABT240 Datasheet
134Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54AC244 NSC-54AC244 Datasheet
136Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT244 NSC-54FCT244 Datasheet
110Kb / 5P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54F540DM NSC-54F540DM Datasheet
166Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54AC541 NSC-54AC541 Datasheet
124Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT240 NSC-54FCT240 Datasheet
129Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT540 NSC-54FCT540 Datasheet
125Kb / 5P
   Octal Buffer/Line Driver with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com