Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Am79C940BJI Datasheet(PDF) 1 Page - Rochester Electronics

Part # Am79C940BJI
Description  Media Access Controller for Ethernet (MACE) 84-pin PLCC and 100-pin PQFP Packages
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCHESTER [Rochester Electronics]
Direct Link  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

Am79C940BJI Datasheet(HTML) 1 Page - Rochester Electronics

  Am79C940BJI Datasheet HTML 1Page - Rochester Electronics Am79C940BJI Datasheet HTML 2Page - Rochester Electronics Am79C940BJI Datasheet HTML 3Page - Rochester Electronics Am79C940BJI Datasheet HTML 4Page - Rochester Electronics Am79C940BJI Datasheet HTML 5Page - Rochester Electronics Am79C940BJI Datasheet HTML 6Page - Rochester Electronics Am79C940BJI Datasheet HTML 7Page - Rochester Electronics Am79C940BJI Datasheet HTML 8Page - Rochester Electronics Am79C940BJI Datasheet HTML 9Page - Rochester Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
79C940
© 2013 Rochester Electronics, LLC. All Rights Reserved 03112013
Specification Number 79C940B-CI (A) Rev C
Page 1 of 13
FINAL
Publication#
16235 Rev: E Amendment/0
Issue Date:
May 2000
Am79C940
Media Access Controller for Ethernet (MACE™)
DISTINCTIVE CHARACTERISTICS
Integrated Controller with Manchester
encoder/decoder and 10BASE-T transceiver
and AUI port
Supports IEEE 802.3/ANSI 8802-3 and Ethernet
standards
84-pin PLCC and 100-pin PQFP Packages
80-pin Thin Quad Flat Pack (TQFP) package
available for space critical applications such as
PCMCIA
Modular architecture allows easy tuning to
specific applications
High speed, 16-bit synchronous host system
interface with 2 or 3 cycles/transfer
Individual transmit (136 byte) and receive (128
byte) FlFOs provide increase of system latency
and support the following features:
— Automatic retransmission with no FIFO
reload
— Automatic receive stripping and transmit
padding (individually programmable)
— Automatic runt packet rejection
— Automatic deletion of collision frames
— Automatic retransmission with no FIFO
reload
Direct slave access to all on board
configuration/status registers and transmit/
receive FlFOs
Direct FIFO read/write access for simple
interface to DMA controllers or l/O processors
Arbitrary byte alignment and little/big endian
memory interface supported
Internal/external loopback capabilities
External Address Detection Interface (EADI)
for external hardware address filtering in
bridge/router applications
JTAG Boundary Scan (IEEE 1149.1) test access
port interface for board level production test
Integrated Manchester Encoder/Decoder
Digital Attachment Interface (DAI) allows
by-passing of differential Attachment Unit
Interface (AUI)
Supports the following types of network
interface:
— AUI to external 10BASE2, 10BASE5 or
10BASE-F MAU
— DAI port to external 10BASE2, 10BASE5,
10BASE-T, 10BASE-F MAU
— General Purpose Serial Interface (GPSI) to
external encoding/decoding scheme
— Internal 10BASE-T transceiver with
automatic selection of 10BASE-T or AUI port
Sleep mode allows reduced power consump-
tion for critical battery powered applications
5 MHz-25 MHz system clock speed
Support for operation in industrial temperature
range (–40°C to +85°C) available in all three
packages
GENERAL DESCRIPTION
The Media Access Controller for Ethernet (MACE) chip
is a CMOS VLSI device designed to provide flexibility
in customized LAN design. The MACE device is specif-
ically designed to address applications where multiple
I/O peripherals are present, and a centralized or sys-
tem specific DMA is required. The high speed, 16-bit
synchronous system interface is optimized for an exter-
nal DMA or I/O processor system, and is similar to
many existing peripheral devices, such as SCSI and
serial link controllers.
The MACE device is a slave register based peripheral.
All transfers to and from the system are performed
using simple memory or I/O read and write commands.
In conjunction with a user defined DMA engine, the
MACE chip provides an IEEE 802.3 interface tailored
to a specific application. Its superior modular architec-
ture and versatile system interface allow the MACE
device to be configured as a stand-alone device or
as a connectivity cell incorporated into a larger,
integrated system.
TABLE 5
SPECIFICATION NUMBER: 79C940-CI (A) REV -
Page 1 of 13
FINAL
Publication#
16235 Rev: E Amendment/0
Issue Date:
May 2000
Am79C940
Media Access Controller for Ethernet (MACE™)
DISTINCTIVE CHARACTERISTICS
Integrated Controller with Manchester
encoder/decoder and 10BASE-T transceiver
and AUI port
Supports IEEE 802.3/ANSI 8802-3 and Ethernet
standards
84-pin PLCC and 100-pin PQFP Packages
80-pin Thin Quad Flat Pack (TQFP) package
available for space critical applications such as
PCMCIA
Modular architecture allows easy tuning to
specific applications
High speed, 16-bit synchronous host system
interface with 2 or 3 cycles/transfer
Individual transmit (136 byte) and receive (128
byte) FlFOs provide increase of system latency
and support the following features:
— Automatic retransmission with no FIFO
reload
— Automatic receive stripping and transmit
padding (individually programmable)
— Automatic runt packet rejection
— Automatic deletion of collision frames
— Automatic retransmission with no FIFO
reload
Direct slave access to all on board
configuration/status registers and transmit/
receive FlFOs
Direct FIFO read/write access for simple
interface to DMA controllers or l/O processors
Arbitrary byte alignment and little/big endian
memory interface supported
Internal/external loopback capabilities
External Address Detection Interface (EADI)
for external hardware address filtering in
bridge/router applications
JTAG Boundary Scan (IEEE 1149.1) test access
port interface for board level production test
Integrated Manchester Encoder/Decoder
Digital Attachment Interface (DAI) allows
by-passing of differential Attachment Unit
Interface (AUI)
Supports the following types of network
interface:
— AUI to external 10BASE2, 10BASE5 or
10BASE-F MAU
— DAI port to external 10BASE2, 10BASE5,
10BASE-T, 10BASE-F MAU
— General Purpose Serial Interface (GPSI) to
external encoding/decoding scheme
— Internal 10BASE-T transceiver with
automatic selection of 10BASE-T or AUI port
Sleep mode allows reduced power consump-
tion for critical battery powered applications
5 MHz-25 MHz system clock speed
Support for operation in industrial temperature
range (–40°C to +85°C) available in all three
packages
GENERAL DESCRIPTION
The Media Access Controller for Ethernet (MACE) chip
is a CMOS VLSI device designed to provide flexibility
in customized LAN design. The MACE device is specif-
ically designed to address applications where multiple
I/O peripherals are present, and a centralized or sys-
tem specific DMA is required. The high speed, 16-bit
synchronous system interface is optimized for an exter-
nal DMA or I/O processor system, and is similar to
many existing peripheral devices, such as SCSI and
serial link controllers.
The MACE device is a slave register based peripheral.
All transfers to and from the system are performed
using simple memory or I/O read and write commands.
In conjunction with a user defined DMA engine, the
MACE chip provides an IEEE 802.3 interface tailored
to a specific application. Its superior modular architec-
ture and versatile system interface allow the MACE
device to be configured as a stand-alone device or
as a connectivity cell incorporated into a larger,
integrated system.
TABLE 5
SPECIFICATION NUMBER: 79C940-CI (A) REV -
Page 1 of 13
Rochester Electronics guarantees performance of its semiconductor products to the original OEM specifications. “Typical” values are for reference purposes
only. Certain minimum or maximum ratings may be based on product characterization, design, simulation, or sample testing. Rochester Electronics reserves
the right to make changes without further notice to any specification herein.
For complete Rochester ordering guide, please refer to page 3
Please consult factory for specific package availability


Similar Part No. - Am79C940BJI

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C940 AMD-AM79C940 Datasheet
914Kb / 122P
   Media Access Controller for Ethernet (MACE)
AM79C940 AMD-AM79C940 Datasheet
1Mb / 144P
   Media Access Controller for Ethernet (MACE??
logo
Pulse A Technitrol Comp...
AM79C940 PULSE-AM79C940 Datasheet
253Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Advanced Micro Devices
AM79C940JC/W AMD-AM79C940JC/W Datasheet
1Mb / 144P
   Media Access Controller for Ethernet (MACE??
AM79C940JCW AMD-AM79C940JCW Datasheet
914Kb / 122P
   Media Access Controller for Ethernet (MACE)
More results

Similar Description - Am79C940BJI

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C940 AMD-AM79C940_00 Datasheet
1Mb / 144P
   Media Access Controller for Ethernet (MACE??
AM79C940 AMD-AM79C940 Datasheet
914Kb / 122P
   Media Access Controller for Ethernet (MACE)
logo
List of Unclassifed Man...
NPC1140-BB1C ETC2-NPC1140-BB1C Datasheet
99Kb / 1P
   Quad Gigabit Ethernet Media Access Controller
logo
Silan Microelectronics ...
SC92031 SILAN-SC92031 Datasheet
476Kb / 38P
   10/100 MBPS INTEGRATED PCI ETHERNET MEDIA ACCESS CONTROLLER AND PHYSICAL LAYER
logo
Texas Instruments
DP83816 TI1-DP83816 Datasheet
1Mb / 112P
[Old version datasheet]   10/100 Mb/s Integrated PCI Ethernet Media Access Controller
logo
Digital Core Design
DMAC DCD-DMAC Datasheet
136Kb / 4P
   Media Access Controller
logo
Texas Instruments
DP83815 TI1-DP83815_11 Datasheet
969Kb / 110P
[Old version datasheet]   10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
logo
National Semiconductor ...
DP83815 NSC-DP83815 Datasheet
779Kb / 108P
   10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
logo
Texas Instruments
DP83816AVNG TI1-DP83816AVNG Datasheet
853Kb / 108P
[Old version datasheet]   DP83816 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer
DP83816AVNG-NOPB TI1-DP83816AVNG-NOPB Datasheet
854Kb / 109P
[Old version datasheet]   10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter-II)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com