Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X28HC256D-12 Datasheet(PDF) 2 Page - Rochester Electronics

Part # X28HC256D-12
Description  LOW POWER CMOS EEPROM with hi-speed page write capability 256K EEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCHESTER [Rochester Electronics]
Direct Link  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

X28HC256D-12 Datasheet(HTML) 2 Page - Rochester Electronics

  X28HC256D-12 Datasheet HTML 1Page - Rochester Electronics X28HC256D-12 Datasheet HTML 2Page - Rochester Electronics X28HC256D-12 Datasheet HTML 3Page - Rochester Electronics X28HC256D-12 Datasheet HTML 4Page - Rochester Electronics X28HC256D-12 Datasheet HTML 5Page - Rochester Electronics X28HC256D-12 Datasheet HTML 6Page - Rochester Electronics X28HC256D-12 Datasheet HTML 7Page - Rochester Electronics X28HC256D-12 Datasheet HTML 8Page - Rochester Electronics X28HC256D-12 Datasheet HTML 9Page - Rochester Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
1
®
FN8108.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2005, 2006, 2007. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
X28HC256
256k, 32k x 8-Bit
5V, Byte Alterable EEPROM
The X28HC256 is a second generation high performance
CMOS 32k x 8 EEPROM. It is fabricated with Intersil’s
proprietary, textured poly floating gate technology, providing
a highly reliable 5V only nonvolatile memory.
The X28HC256 supports a 128-byte page write operation,
effectively providing a 24µs/byte write cycle, and enabling
the entire memory to be typically rewritten in less than 0.8
seconds. The X28HC256 also features DATA Polling and
Toggle Bit Polling, two methods of providing early end of
write detection. The X28HC256 also supports the JEDEC
standard Software Data Protection feature for protecting
against inadvertent writes during power-up and power-down.
Endurance for the X28HC256 is specified as a minimum
1,000,000 write cycles per byte and an inherent data
retention of 100 years.
Features
• Access time: 70ns
• Simple byte and page write
- Single 5V supply
- No external high voltages or VP-P control circuits
- Self-timed
- No erase before write
- No complex programming algorithms
- No overerase problem
• Low power CMOS
- Active: 60mA
- Standby: 500µA
• Software data protection
- Protects data against system level inadvertent writes
• High speed page write capability
• Highly reliable Direct Writecell
- Endurance: 1,000,000 cycles
- Data retention: 100 years
• Early end of write detection
- DATA polling
- Toggle bit polling
• Pb-free plus anneal available (RoHS compliant)
Block Diagram
X BUFFERS
LATCHES AND
DECODER
I/O BUFFERS
AND LATCHES
Y BUFFERS
LATCHES AND
DECODER
CONTROL
LOGIC AND
TIMING
256kBIT
EEPROM
ARRAY
I/O0 TO I/O7
DATA INPUTS/OUTPUTS
CE
OE
VCC
VSS
A0 TO A14
WE
ADDRESS
INPUTS
Data Sheet
May 7, 2007


Similar Part No. - X28HC256D-12

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28HC256D-12 XICOR-X28HC256D-12 Datasheet
110Kb / 24P
   5 Volt, Byte Alterable E2PROM
logo
Intersil Corporation
X28HC256D-12 INTERSIL-X28HC256D-12 Datasheet
286Kb / 15P
   5 Volt, Byte Alterable EEPROM
X28HC256D-12 INTERSIL-X28HC256D-12 Datasheet
410Kb / 20P
   5V, Byte Alterable EEPROM
More results

Similar Description - X28HC256D-12

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST29EE512 SST-SST29EE512 Datasheet
423Kb / 26P
   512 Kbit (64K x8) Page-Write EEPROM
logo
Greenliant systems
GLS29EE512 GREENLIANT-GLS29EE512 Datasheet
871Kb / 23P
   512 Kbit (64K x8) Page-Write EEPROM
GLS29EE010 GREENLIANT-GLS29EE010 Datasheet
1,023Kb / 28P
   1 Mbit (128K x8) Page-Write EEPROM
logo
ATMEL Corporation
AT28HC64BF ATMEL-AT28HC64BF_09 Datasheet
373Kb / 16P
   64K High Speed Parallel EEPROM with Page Write and Sfotware Data Protection
logo
Silicon Storage Technol...
SST29EE512 SST-SST29EE512 Datasheet
423Kb / 26P
   512 Kbit (64K x8) Page-Write EEPROM
SST29EE010 SST-SST29EE010_05 Datasheet
458Kb / 30P
   1 Mbit (128K x8) Page-Write EEPROM
logo
Microchip Technology
24AA256-I MICROCHIP-24AA256-I Datasheet
700Kb / 34P
   256K I2C CMOS Serial EEPROM
01/05/10
24LC256 MICROCHIP-24LC256 Datasheet
700Kb / 34P
   256K I2C??CMOS Serial EEPROM
2010
24FC256ISN MICROCHIP-24FC256ISN Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
24LC256TISM MICROCHIP-24LC256TISM Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com