Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X28HC256P-90 Datasheet(PDF) 10 Page - Rochester Electronics

Part # X28HC256P-90
Description  LOW POWER CMOS EEPROM with hi-speed page write capability 256K EEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCHESTER [Rochester Electronics]
Direct Link  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

X28HC256P-90 Datasheet(HTML) 10 Page - Rochester Electronics

Back Button X28HC256P-90 Datasheet HTML 6Page - Rochester Electronics X28HC256P-90 Datasheet HTML 7Page - Rochester Electronics X28HC256P-90 Datasheet HTML 8Page - Rochester Electronics X28HC256P-90 Datasheet HTML 9Page - Rochester Electronics X28HC256P-90 Datasheet HTML 10Page - Rochester Electronics X28HC256P-90 Datasheet HTML 11Page - Rochester Electronics X28HC256P-90 Datasheet HTML 12Page - Rochester Electronics X28HC256P-90 Datasheet HTML 13Page - Rochester Electronics X28HC256P-90 Datasheet HTML 14Page - Rochester Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
9
FN8108.2
May 7, 2007
Resetting Software Data Protection
In the event the user wants to deactivate the software data
protection feature for testing or reprogramming in an
EEPROM programmer, the following six step algorithm will
reset the internal protection circuit. After tWC, the X28HC256
will be in standard operating mode.
Note: Once initiated, the sequence of write operations
should not be interrupted.
SYSTEM CONSIDERATIONS
Because the X28HC256 is frequently used in large memory
arrays, it is provided with a two line control architecture for
both read and write operations. Proper usage can provide
the lowest possible power dissipation, and eliminate the
possibility of contention where multiple I/O pins share the
same bus.
To gain the most benefit, it is recommended that CE be
decoded from the address bus and be used as the primary
device selection input. Both OE and WE would then be
common among all devices in the array. For a read
operation, this assures that all deselected devices are in
their standby mode, and that only the selected device(s)
is/are outputting data on the bus.
Because the X28HC256 has two power modes, standby and
active, proper decoupling of the memory array is of prime
concern. Enabling CE will cause transient current spikes.
The magnitude of these spikes is dependent on the output
capacitive loading of the l/Os. Therefore, the larger the array
sharing a common bus, the larger the transient spikes. The
voltage peaks associated with the current transients can be
suppressed by the proper selection and placement of
decoupling capacitors. As a minimum, it is recommended that
a 0.1µF high frequency ceramic capacitor be used between
VCC and VSS at each device. Depending on the size of the
array, the value of the capacitor may have to be larger.
In addition, it is recommended that a 4.7µF electrolytic bulk
capacitor be placed between VCC and VSS for each eight
devices employed in the array. This bulk capacitor is
employed to overcome the voltage droop caused by the
inductive effects of the PC board traces.
CE
WE
STANDARD
OPERATING
MODE
VCC
DATA
ADDRESS
AAA
5555
55
2AAA
80
5555
tWC
AA
5555
55
2AAA
20
5555
FIGURE 8. RESET SOFTWARE DATA PROTECTION TIMING SEQUENCE
WRITE DATA 55
TO ADDRESS
2AAA
WRITE DATA 55
TO ADDRESS
2AAA
WRITE DATA 80
TO ADDRESS
5555
WRITE DATA AA
TO ADDRESS
5555
WRITE DATA 20
TO ADDRESS
5555
WRITE DATA AA
TO ADDRESS
5555
AFTER tWC,
RE-ENTERS
UNPROTECTED
STATE
FIGURE 9. WRITE SEQUENCE FOR RESETTING SOFTWARE
X28HC256


Similar Part No. - X28HC256P-90

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28HC256P-90 XICOR-X28HC256P-90 Datasheet
110Kb / 24P
   5 Volt, Byte Alterable E2PROM
logo
Intersil Corporation
X28HC256P-90 INTERSIL-X28HC256P-90 Datasheet
410Kb / 20P
   5V, Byte Alterable EEPROM
More results

Similar Description - X28HC256P-90

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST29EE512 SST-SST29EE512 Datasheet
423Kb / 26P
   512 Kbit (64K x8) Page-Write EEPROM
logo
Greenliant systems
GLS29EE512 GREENLIANT-GLS29EE512 Datasheet
871Kb / 23P
   512 Kbit (64K x8) Page-Write EEPROM
GLS29EE010 GREENLIANT-GLS29EE010 Datasheet
1,023Kb / 28P
   1 Mbit (128K x8) Page-Write EEPROM
logo
ATMEL Corporation
AT28HC64BF ATMEL-AT28HC64BF_09 Datasheet
373Kb / 16P
   64K High Speed Parallel EEPROM with Page Write and Sfotware Data Protection
logo
Silicon Storage Technol...
SST29EE512 SST-SST29EE512 Datasheet
423Kb / 26P
   512 Kbit (64K x8) Page-Write EEPROM
SST29EE010 SST-SST29EE010_05 Datasheet
458Kb / 30P
   1 Mbit (128K x8) Page-Write EEPROM
logo
Microchip Technology
24AA256-I MICROCHIP-24AA256-I Datasheet
700Kb / 34P
   256K I2C CMOS Serial EEPROM
01/05/10
24LC256 MICROCHIP-24LC256 Datasheet
700Kb / 34P
   256K I2C??CMOS Serial EEPROM
2010
24FC256ISN MICROCHIP-24FC256ISN Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
24LC256TISM MICROCHIP-24LC256TISM Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com