Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1-102974-0 Datasheet(PDF) 45 Page - Tyco Electronics

Part # 1-102974-0
Description  AMPMODU Interconnection System
Download  321 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-102974-0 Datasheet(HTML) 45 Page - Tyco Electronics

Back Button 1-102974-0 Datasheet HTML 41Page - Tyco Electronics 1-102974-0 Datasheet HTML 42Page - Tyco Electronics 1-102974-0 Datasheet HTML 43Page - Tyco Electronics 1-102974-0 Datasheet HTML 44Page - Tyco Electronics 1-102974-0 Datasheet HTML 45Page - Tyco Electronics 1-102974-0 Datasheet HTML 46Page - Tyco Electronics 1-102974-0 Datasheet HTML 47Page - Tyco Electronics 1-102974-0 Datasheet HTML 48Page - Tyco Electronics 1-102974-0 Datasheet HTML 49Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 321 page
background image
45
1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
Germany: 49-6251-133-1999
CIS WR 08/2011
millimeters unless otherwise
reference purposes only.
Canada: 1-905-475-6222
China: 86-400-820-6015
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
te.com
are metric equivalents.
to change.
L. & S. America: 54-11-4733-2200
UK: 44-800-267-666
AMPMODU Interconnection System
3
Surface-Mount Receptacles, .050 x .100 [1.27 x 2.54] Centerline,
Board-to-Board
Note: All part numbers are RoHS compliant.
Double Row, Vertical
Material and Finish
Housing — Glass-filled thermpolastic,
black, 94V-0 rated
Contacts — Phosphor bronze; duplex
plated .000030 [0.00076] gold in
mating area, .000150 [0.00381] tin
on solder tail, with entire contact
underplated .000050 [0.00127] nickel
Holddown — Copper alloy; duplex
plated .000150 [0.00381] tin over
.000050 [0.00127] nickel
Related Product Data
Performance Characteristics —
page 63
Mateable Connectors — pages 29,
30, 34, 35 & 44
Board-to-Board Spacing — page 63
Technical Documents — page 64
Product Specification 108-1093
Application Specification
114-25035
No. of
Dimensions
Part Numbers
Pos.
AB
C
Pkg in Tube
Pkg in Tape & Reel*
10
.294 [7.47]
.200 [5.08]
.400 [10.16]
5-104550-1
5-147378-1
20
.544 [13.82]
.450 [11.43]
.650 [16.51]
5-104550-2
5-147378-2
24
.644 [16.36]
.550 [13.97]
.750 [19.05]
5-104550-3
5-147378-9
30
.794 [20.17]
.700 [17.78]
.900 [22.86]
5-104550-4
5-147378-3
40
1.044 [26.52]
.950 [24.13]
1.150 [29.21]
5-104550-5
5-147378-4
50
1.294 [32.87]
1.200 [30.48]
1.400 [35.56]
5-104550-6
5-147378-5
60
1.544 [39.22]
1.450 [36.83]
1.650 [41.91]
5-104550-7
5-147378-6
80
2.044 [51.92]
1.950 [49.53]
2.150 [54.61]
5-104550-8
5-147378-7
100
2.544 [64.62]
2.450 [62.23]
2.650 [67.31]
5-104550-9
5-147378-8
*Parts packaged in tape and reel are without hold downs and include a vacuum pick and place cover
Recommended PC Board Layout
.042±.003 Dia.Typ.
[1.07±0.08] (Plated-Thru hole)
Holes for holddowns are not
required for parts packaged
in tape and reel.
.025
[0.64]
Ref.
.125±.008
[3.18±0.20]
2 Plc.
.198±.002 [5.03±.05]
.100
[2.54]
A
.053±.006
[1.35±0.15]
.370±.003
[9.40±0.08]
.050
[1.27]
.065±.001
[1.65±0.03]
Dia. Typ. (Pad)
.285
[7.24]
Ref.


Similar Part No. - 1-102974-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-102976-0 MACOM-1-102976-0 Datasheet
125Kb / 1P
   HEADER ASSY, MOD II
1-102976-0 MACOM-1-102976-0 Datasheet
122Kb / 1P
   HEADER ASSY, MOD II, BREAKAWAY, SINGLE ROW, 100 CL, VERTICAL, WITH .025 SQUARE POSTS
1-102976-1 MACOM-1-102976-1 Datasheet
122Kb / 1P
   HEADER ASSY, MOD II, BREAKAWAY, SINGLE ROW, 100 CL, VERTICAL, WITH .025 SQUARE POSTS
1-102976-3 MACOM-1-102976-3 Datasheet
122Kb / 1P
   HEADER ASSY, MOD II, BREAKAWAY, SINGLE ROW, 100 CL, VERTICAL, WITH .025 SQUARE POSTS
1-102976-4 MACOM-1-102976-4 Datasheet
122Kb / 1P
   HEADER ASSY, MOD II, BREAKAWAY, SINGLE ROW, 100 CL, VERTICAL, WITH .025 SQUARE POSTS
More results

Similar Description - 1-102974-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
4-146260-0 MACOM-4-146260-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146139-5 MACOM-1-146139-5 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146134-7 MACOM-1-146134-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146261-7 MACOM-1-146261-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
103309-1 MACOM-103309-1 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
5-1375582-7 MACOM-5-1375582-7 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
5-146130-3 MACOM-5-146130-3 Datasheet
3Mb / 96P
   AMPMODU .025 [0.64] Square Interconnection System
5-146130-7 MACOM-5-146130-7 Datasheet
3Mb / 96P
   AMPMODU .025 [0.64] Square Interconnection System
767054-1 MACOM-767054-1 Datasheet
945Kb / 28P
   STEP-Z Interconnection System
logo
TE Connectivity Ltd
1654400-1 TEC-1654400-1 Datasheet
5Mb / 64P
   GET.64 Interconnection System
4-2010.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com