Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5541BRZ-REEL Datasheet(PDF) 7 Page - Analog Devices

Part # AD5541BRZ-REEL
Description  2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5541BRZ-REEL Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5541BRZ-REEL Datasheet HTML 3Page - Analog Devices AD5541BRZ-REEL Datasheet HTML 4Page - Analog Devices AD5541BRZ-REEL Datasheet HTML 5Page - Analog Devices AD5541BRZ-REEL Datasheet HTML 6Page - Analog Devices AD5541BRZ-REEL Datasheet HTML 7Page - Analog Devices AD5541BRZ-REEL Datasheet HTML 8Page - Analog Devices AD5541BRZ-REEL Datasheet HTML 9Page - Analog Devices AD5541BRZ-REEL Datasheet HTML 10Page - Analog Devices AD5541BRZ-REEL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
AD5541/AD5542
Rev. F | Page 7 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
0.50
0.25
0
–0.25
–0.50
–0.75
0
8192
16384
24576
32768
40960
49152
57344
65536
CODE
VDD = 5V
VREF = 2.5V
Figure 6. Integral Nonlinearity vs. Code
0.25
0
–0.25
–0.50
–0.75
–1.00
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
VDD = 5V
VREF = 2.5V
Figure 7. Integral Nonlinearity vs. Temperature
0.50
0.25
0
–0.25
–0.50
–0.75
2
3
4
5
6
7
SUPPLY VOLTAGE (V)
VREF = 2.5V
TA = 25°C
DNL
INL
Figure 8. Linearity Error vs. Supply Voltage
0.50
0.25
0
–0.25
–0.50
0
8192
16384
24576
32768
40960
49152
57344
65536
CODE
VDD = 5V
VREF = 2.5V
Figure 9. Differential Nonlinearity vs. Code
0.75
0.50
0.25
0
–0.25
–0.50
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
VDD = 5V
VREF = 2.5V
Figure 10. Differential Nonlinearity vs. Temperature
0.75
0.50
0.25
0
–0.25
–0.50
0
1
2
3
4
5
6
REFERENCE VOLTAGE (V)
VDD = 5V
TA = 25°C
DNL
INL
Figure 11. Linearity Error vs. Reference Voltage


Similar Part No. - AD5541BRZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5541BR AD-AD5541BR Datasheet
186Kb / 12P
   5 V, Serial-Input Voltage-Output, 16-Bit DACs
REV. A
More results

Similar Description - AD5541BRZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5542LRZ AD-AD5542LRZ Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5542 AD-AD5542_15 Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5542ARZ AD-AD5542ARZ Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5541 AD-AD5541_15 Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5551 AD-AD5551_10 Datasheet
460Kb / 16P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 14-Bit DACs
REV. A
AD5542ABCPZ-REEL7 AD-AD5542ABCPZ-REEL7 Datasheet
436Kb / 24P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 12-/16-Bit DAC
REV. A
AD5541A AD-AD5541A Datasheet
1Mb / 24P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-/12-Bit nanoDACs in LFCSP
Rev. PrA
AD7303BRZ AD-AD7303BRZ Datasheet
292Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303 AD-AD7303 Datasheet
361Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303BRZ AD-AD7303BRZ Datasheet
363Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com