Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5543BRM-REEL7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5543BRM-REEL7
Description  Current Output/Serial Input, 16-/14-Bit DACs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5543BRM-REEL7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5543BRM-REEL7 Datasheet HTML 6Page - Analog Devices AD5543BRM-REEL7 Datasheet HTML 7Page - Analog Devices AD5543BRM-REEL7 Datasheet HTML 8Page - Analog Devices AD5543BRM-REEL7 Datasheet HTML 9Page - Analog Devices AD5543BRM-REEL7 Datasheet HTML 10Page - Analog Devices AD5543BRM-REEL7 Datasheet HTML 11Page - Analog Devices AD5543BRM-REEL7 Datasheet HTML 12Page - Analog Devices AD5543BRM-REEL7 Datasheet HTML 13Page - Analog Devices AD5543BRM-REEL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD5543/AD5553
Data Sheet
Rev. F | Page 10 of 20
SERIAL DATA INTERFACE
The AD5543/AD5553 use a 3-wire (CS, SDI, CLK) serial data
interface. New serial data is clocked into the serial input register
in a 16-bit data-word format for the AD5543. The MSB is loaded
first. Table 5 defines the 16 data-word bits. Data is placed on the
SDI pin and clocked into the register on the positive clock edge
of CLK, subject to the data setup-and-hold time requirements
that are specified in the interface timing specifications. Only the
last 16 bits clocked into the serial register are interrogated when
the CS pin is strobed to transfer the serial register data to the DAC
register. Because most microcontrollers output serial data in 8-
bit bytes, two data bytes can be written to the AD5543/AD5553.
After loading the serial register, the rising edge of CS transfers
the serial register data to the DAC register; during this strobe,
the CLK should not be toggled. For the AD5553, with 16-bit
clock cycles, the two LSBs are ignored.
ESD PROTECTION CIRCUITS
All logic input pins contain back-biased ESD protection Zener
diodes that are connected to ground (DGND) and VDD, as
shown in Figure 20.
VDD
DIGITAL
INPUTS
DGND
5kΩ
Figure 20. Equivalent ESD Protection Circuits
PCB LAYOUT AND POWER SUPPLY BYPASSING
It is a good practice to employ compact, minimum lead length
PCB layout design. The leads to the input should be as short as
possible to minimize IR drop and stray inductance.
It is also essential to bypass the power supplies with quality
capacitors for optimum stability. Supply leads to the device
should be bypassed with 0.01 μF to 0.1 μF disc or chip ceramic
capacitors. Low ESR 1 μF to 10 μF tantalum or electrolytic
capacitors should also be applied at the supplies to minimize
transient disturbance and filter out low frequency ripple.
The PCB metal traces between VREF and RFB should also be
matched to minimize gain error.
Table 5. AD5543 Serial Input Register Data Format; Data Loaded MSB-First Format
B15 (MSB)
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0 (LSB)
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Table 6. AD5553 Serial Input Register Data Format; Data Loaded MSB-First Format
B13 (MSB)1
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0 (LSB)
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
1 A full 16-bit data-word can be loaded into the AD5553 serial input register, but only the last 14 bits entered are transferred to the DAC register when CS returns to
logic high.


Similar Part No. - AD5543BRM-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5543BRM AD-AD5543BRM Datasheet
259Kb / 12P
   Current Output/ Serial Input, 16-/14-Bit DAC
REV. A
More results

Similar Description - AD5543BRM-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5543 AD-AD5543_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5553 AD-AD5553_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5544 AD-AD5544_12 Datasheet
694Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Rev. G
AD5545 AD-AD5545 Datasheet
924Kb / 24P
   Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
Rev. G
AD5544ARSZ AD-AD5544ARSZ Datasheet
875Kb / 28P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
REV. F
AD5544 AD-AD5544_13 Datasheet
735Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Rev. G
AD5544 AD-AD5544_04 Datasheet
909Kb / 20P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
REV. A
AD5544 AD-AD5544_15 Datasheet
747Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
AD5545 AD-AD5545_16 Datasheet
977Kb / 23P
   Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
AD5544 AD-AD5544 Datasheet
473Kb / 16P
   Quad, Current-Output Serial-Input, 16-Bit/14-Bit DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com