Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-8969701XA Datasheet(PDF) 11 Page - Analog Devices

Part # 5962-8969701XA
Description  LC2MOS 16-Bit Voltage Output DAC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

5962-8969701XA Datasheet(HTML) 11 Page - Analog Devices

Back Button 5962-8969701XA Datasheet HTML 7Page - Analog Devices 5962-8969701XA Datasheet HTML 8Page - Analog Devices 5962-8969701XA Datasheet HTML 9Page - Analog Devices 5962-8969701XA Datasheet HTML 10Page - Analog Devices 5962-8969701XA Datasheet HTML 11Page - Analog Devices 5962-8969701XA Datasheet HTML 12Page - Analog Devices 5962-8969701XA Datasheet HTML 13Page - Analog Devices 5962-8969701XA Datasheet HTML 14Page - Analog Devices 5962-8969701XA Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD7846
Rev. G | Page 11 of 24
CIRCUIT DESCRIPTION
DIGITAL SECTION
Figure 20 shows the digital control logic and on-chip data latches
in the AD7846. Table 7 is the associated truth table. The digital-
to-analog converter (DAC) has two latches that are controlled
by four signals: CS, R/W, LDAC, and CLR. The input latch is
connected to the data bus (DB15 to DB0). A word is written to
the input latch by bringing CS low and R/W low. The contents
of the input latch can be read back by bringing CS low and R/W
high. This feature is called readback and is used in system
diagnostic and calibration routines.
Data is transferred from the input latch to the DAC latch with
the LDAC strobe. The equivalent analog value of the DAC latch
contents appears at the DAC output. The CLR pin resets the
DAC latch contents to 000…000 or 100…000, depending on the
state of R/W. Writing a CLR loads 000…000 and reading a CLR
loads 100…000. To reset a DAC to 0 V in a unipolar system, the
user should assert CLR while R/W is low; to reset to 0 V in a
bipolar system, assert the CLR while R/W is high.
R/W
CLR
CS
DB15
DB0
16
16
16
DAC
DB15 RST
DB15 SET
DB14 TO DB0
RST
3-STATE I/O
LATCH
DB15 TO DB0
LATCHES
LDAC
Figure 20. Input Control Logic
Table 7. Control Logic Truth Table
CS
R/W
LDAC
CLR
Function
1
X
X
X
3-state DAC I/O latch in high-Z state
0
0
X
X
DAC I/O latch loaded with DB15
to DB0
0
1
X
X
Contents of DAC I/O latch available
on DB15 to DB0
X
X
0
1
Contents of DAC I/O latch transferred
to DAC latch
X
0
X
0
DAC latch loaded with 000…000
X
1
X
0
DAC latch loaded with 100…000
DIGITAL-TO-ANALOG CONVERSION
Figure 21 shows the digital-to-analog section of the AD7846.
There are three DACs, each of which has its own buffer
amplifiers. DAC1 and DAC2 are 4-bit DACs. They share a
16-resistor string but have their own analog multiplexers. The
voltage reference is applied to the resistor string. DAC3 is a
12-bit voltage mode DAC with its own output stage.
The four MSBs of the 16-bit digital code drive DAC1 and DAC2,
and the 12 LSBs control DAC3. Using DAC1 and DAC2, the
MSBs select a pair of adjacent nodes on the resistor string and
present that voltage to the positive and negative inputs of
DAC3. This DAC interpolates between these two voltages to
produce the analog output voltage.
To prevent nonmonotonicity in the DAC due to amplifier offset
voltages, DAC1 and DAC2 leap along the resistor string. For
example, when switching from Segment 1 to Segment 2, DAC1
switches from the bottom of Segment 1 to the top of Segment 2
while DAC2 stays connected to the top of Segment 1. The code
driving DAC3 is automatically complemented to compensate
for the inversion of its inputs. This means that any linearity
effects due to amplifier offset voltages remain unchanged when
switching from one segment to the next and 16-bit monotonicity is
ensured if DAC3 is monotonic. Thus, 12-bit resistor matching
in DAC3 guarantees overall 16-bit monotonicity. This is much
more achievable than 16-bit matching, which a conventional
R-2R structure needs.


Similar Part No. - 5962-8969701XA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-89602012A TI-5962-89602012A Datasheet
512Kb / 16P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
5962-8960201RA TI-5962-8960201RA Datasheet
512Kb / 16P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
5962-8960201RA TI1-5962-8960201RA Datasheet
1Mb / 19P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
5962-8960201RA TI1-5962-8960201RA Datasheet
922Kb / 21P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
REVISED MARCH 2002
5962-8960201SA TI-5962-8960201SA Datasheet
512Kb / 16P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - 5962-8969701XA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7846 AD-AD7846 Datasheet
616Kb / 16P
   16-Bit Voltage Output DAC
REV. E
AD7224KNZ AD-AD7224KNZ Datasheet
231Kb / 8P
   LC2MOS 8-Bit DAC with Output Amplifiers
REV. B
AD7224 AD-AD7224 Datasheet
228Kb / 8P
   LC2MOS 8-Bit DAC with Output Amplifiers
REV. B
AD7224KRZ-18 AD-AD7224KRZ-18 Datasheet
231Kb / 8P
   LC2MOS 8-Bit DAC with Output Amplifiers
REV. B
LTC2688 AD-LTC2688 Datasheet
2Mb / 42P
   16-Channel, 16-Bit Voltage Output SoftSpan DAC
logo
Linear Technology
LTC1650 LINER-LTC1650 Datasheet
253Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
logo
Texas Instruments
DAC161S055 TI1-DAC161S055 Datasheet
486Kb / 23P
[Old version datasheet]   Precision 16-Bit, Buffered Voltage-Output DAC
logo
Linear Technology
LTC1650 LINER-LTC1650_15 Datasheet
525Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
logo
Analog Devices
AD7846 AD-AD7846_15 Datasheet
451Kb / 24P
   LC MOS 16-Bit Voltage Output DAC
Rev. G
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com