Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7793BRU-REEL Datasheet(PDF) 4 Page - Analog Devices

Part # AD7793BRU-REEL
Description  3-Channel, Low Noise, Low Power, 16-/24-Bit 誇-? ADC with On-Chip In-Amp and Reference
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7793BRU-REEL Datasheet(HTML) 4 Page - Analog Devices

  AD7793BRU-REEL Datasheet HTML 1Page - Analog Devices AD7793BRU-REEL Datasheet HTML 2Page - Analog Devices AD7793BRU-REEL Datasheet HTML 3Page - Analog Devices AD7793BRU-REEL Datasheet HTML 4Page - Analog Devices AD7793BRU-REEL Datasheet HTML 5Page - Analog Devices AD7793BRU-REEL Datasheet HTML 6Page - Analog Devices AD7793BRU-REEL Datasheet HTML 7Page - Analog Devices AD7793BRU-REEL Datasheet HTML 8Page - Analog Devices AD7793BRU-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD7792/AD7793
Rev. B | Page 4 of 32
Parameter
AD7792B/AD7793B1
Unit
Test Conditions/Comments
REFERENCE
Internal Reference
Internal Reference Initial Accuracy
1.17 ± 0.01%
V min/max
AVDD = 4 V, TA = 25°C
Internal Reference Drift2
4
ppm/°C typ
15
ppm/°C max
Power Supply Rejection
85
dB typ
External Reference
External REFIN Voltage
2.5
V nom
REFIN = REFIN(+)
− REFIN(−)
Reference Voltage Range2
0.1
V min
AVDD
V max
When VREF = AVDD, the differential input must be
limited to 0.9 × VREF /gain if the in-amp is active
Absolute REFIN Voltage Limits2
GND
− 30 mV
V min
AVDD + 30 mV
V max
Average Reference Input Current
400
nA/V typ
Average Reference Input Current
Drift
±0.03
nA/V/°C typ
Normal Mode Rejection
Same as for analog inputs
Common-Mode Rejection
100
dB typ
EXCITATION CURRENT SOURCES
(IEXC1 and IEXC2)
Output Current
10/210/1000
μA nom
Initial Tolerance at 25°C
±5
% typ
Drift
200
ppm/°C typ
Current Matching
±0.5
% typ
Matching between IEXC1 and IEXC2; VOUT = 0 V
Drift Matching
50
ppm/°C typ
Line Regulation (VDD)
2
%/V typ
AVDD = 5 V ± 5%
Load Regulation
0.2
%/V typ
Output Compliance
AVDD
− 0.65
V max
10 μA or 210 μA currents selected
AVDD
− 1.1
V max
1 mA currents selected
GND
− 30 mV
V min
TEMPERATURE SENSOR
Accuracy
Sensitivity
±2
0.81
°C typ
mV/°C typ
Applies if user calibrates the temperature
sensor
BIAS VOLTAGE GENERATOR
VBIAS
AVDD/2
V nom
VBIAS Generator Start-Up Time
See Figure 10
ms/nF typ
Dependent on the capacitance on the AIN pin
INTERNAL/EXTERNAL CLOCK
Internal Clock
Frequency2
64 ± 3%
kHz min/max
Duty Cycle
50:50
% typ
External Clock
Frequency
64
kHz nom
A 128 kHz external clock can be used if the
divide-by-2 function is used
(Bit CLK1 = CLK0 = 1)
Duty Cycle
45:55 to 55:45
% typ
Applies for external 64 kHz clock; a 128 kHz
clock can have a less stringent duty cycle
LOGIC INPUTS
CS2
VINL, Input Low Voltage
0.8
V max
DVDD = 5 V
VINH, Input High Voltage
0.4
2.0
V max
V min
DVDD = 3 V
DVDD = 3 V or 5 V


Similar Part No. - AD7793BRU-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7793B AD-AD7793B Datasheet
241Kb / 18P
   Low Power, 16/24-Bit Sigma-Delta ADC with Low-Noise In-Amp and Embedded Reference
REV.PrF 6/04
More results

Similar Description - AD7793BRU-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7794 AD-AD7794_07 Datasheet
814Kb / 36P
   6-Channel, Low Noise, Low Power, 24-/16-Bit 誇-? ADC with On-Chip In-Amp and Reference
REV. D
AD7799BRUZ-REEL AD-AD7799BRUZ-REEL Datasheet
897Kb / 28P
   3-Channel, Low Noise, Low Power, 16-/24-Bit, 誇-? ADC with On-Chip In-Amp
REV. A
AD7798 AD-AD7798 Datasheet
445Kb / 28P
   3-Channel, Low Noise, Low Power, 16-/24-Bit, ADC with On-Chip In-Amp
REV. B
AD7785 AD-AD7785_17 Datasheet
480Kb / 33P
   3-Channel, Low Noise, Low Power ADC with On-Chip In-Amp and Reference
AD7785 AD-AD7785 Datasheet
635Kb / 32P
   3-Channel, Low Noise, Low Power, 20-Bit ??? ADC with On-Chip In-Amp and Reference
REV. 0
AD7792 AD-AD7792 Datasheet
241Kb / 18P
   Low Power, 16/24-Bit Sigma-Delta ADC with Low-Noise In-Amp and Embedded Reference
REV.PrF 6/04
EVAL-AD7798EB AD-EVAL-AD7798EB Datasheet
520Kb / 7P
   16-Bit Low Power 誇-? ADC (3 Channels)
Rev. Pr A
AD7794 AD-AD7794 Datasheet
260Kb / 21P
   Low Power, 24-Bit Sigma-Delta ADC with In-Amp and Embedded Reference (6 Channel)
REV.PrE 6/04
AD7124-4 AD-AD7124-4 Datasheet
1Mb / 90P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-8 AD-AD7124-8 Datasheet
1Mb / 91P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com