Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7846KN Datasheet(PDF) 5 Page - Analog Devices

Part # AD7846KN
Description  LC2MOS 16-Bit Voltage Output DAC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7846KN Datasheet(HTML) 5 Page - Analog Devices

  AD7846KN Datasheet HTML 1Page - Analog Devices AD7846KN Datasheet HTML 2Page - Analog Devices AD7846KN Datasheet HTML 3Page - Analog Devices AD7846KN Datasheet HTML 4Page - Analog Devices AD7846KN Datasheet HTML 5Page - Analog Devices AD7846KN Datasheet HTML 6Page - Analog Devices AD7846KN Datasheet HTML 7Page - Analog Devices AD7846KN Datasheet HTML 8Page - Analog Devices AD7846KN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD7846
Rev. G | Page 5 of 24
TIMING CHARACTERISTICS
VDD = +14.25 V to +15.75 V, VSS = −14.25 V to −15.75 V, VCC = +4.75 V to +5.25 V, unless otherwise noted.
Table 3.
Parameter1
Limit at TMIN to TMAX (All Versions)
Unit
Test Conditions/Comments
t1
0
ns min
R/W to CS setup time
t2
60
ns min
CS pulse width (write cycle)
t3
0
ns min
R/W to CS hold time
t4
60
ns min
Data setup time
t5
0
ns min
Data hold time
t62
120
ns max
Data access time
t73
10
ns min
Bus relinquish time
60
ns max
t8
0
ns min
CLR setup time
t9
70
ns min
CLR pulse width
t10
0
ns min
CLR hold time
t11
70
ns min
LDAC pulse width
t12
130
ns min
CS pulse width (read cycle)
1 Timing specifications are sample tested at +25°C to ensure compliance. All input control signals are specified with tR = tF = 5 ns (10% to 90% of +5 V) and timed from a
voltage level of 1.6 V.
2 t6 is measured with the load circuits of Figure 3 and Figure 4 and defined as the time required for an output to cross 0.8 V or 2.4 V.
3 t7 is defined as the time required for an output to change 0.5 V when loaded with the circuits of Figure 5 and Figure 6.
DB0
TO
DB15
5V
t3
t1
t3
DATA VALID
DATA VALID
t11
t10
LDAC
CLR
CS
R/W
0V
5V
0V
5V
0V
5V
0V
5V
0V
t10
t8
t9
t6
t1
t8
t9
t4
t5
t7
t12
t2
Figure 2. Timing Diagram
DBn
3kΩ
100pF
DGND
Figure 3. Load Circuit for Access Time (t6)—High Z to VOH
DBn
100pF
3kΩ
DGND
5V
Figure 4. Load Circuits for Bus Relinquish Time (t6)—High Z to VOL
DBn
3kΩ
10pF
DGND
Figure 5. Load Circuit for Access Time (t7)—High Z to VOH
DBn
10pF
3kΩ
DGND
5V
Figure 6. Load Circuits for Bus Relinquish Time (t7)—High Z to VOL


Similar Part No. - AD7846KN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7846KN AD-AD7846KN Datasheet
616Kb / 16P
   16-Bit Voltage Output DAC
REV. E
logo
List of Unclassifed Man...
AD7846KN ETC2-AD7846KN Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - AD7846KN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7846 AD-AD7846 Datasheet
616Kb / 16P
   16-Bit Voltage Output DAC
REV. E
AD7224KNZ AD-AD7224KNZ Datasheet
231Kb / 8P
   LC2MOS 8-Bit DAC with Output Amplifiers
REV. B
AD7224 AD-AD7224 Datasheet
228Kb / 8P
   LC2MOS 8-Bit DAC with Output Amplifiers
REV. B
AD7224KRZ-18 AD-AD7224KRZ-18 Datasheet
231Kb / 8P
   LC2MOS 8-Bit DAC with Output Amplifiers
REV. B
LTC2688 AD-LTC2688 Datasheet
2Mb / 42P
   16-Channel, 16-Bit Voltage Output SoftSpan DAC
logo
Linear Technology
LTC1650 LINER-LTC1650 Datasheet
253Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
logo
Texas Instruments
DAC161S055 TI1-DAC161S055 Datasheet
486Kb / 23P
[Old version datasheet]   Precision 16-Bit, Buffered Voltage-Output DAC
logo
Linear Technology
LTC1650 LINER-LTC1650_15 Datasheet
525Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
logo
Analog Devices
AD7846 AD-AD7846_15 Datasheet
451Kb / 24P
   LC MOS 16-Bit Voltage Output DAC
Rev. G
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com