Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7846JPZ-REEL Datasheet(PDF) 4 Page - Analog Devices

Part # AD7846JPZ-REEL
Description  LC2MOS 16-Bit Voltage Output DAC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7846JPZ-REEL Datasheet(HTML) 4 Page - Analog Devices

  AD7846JPZ-REEL Datasheet HTML 1Page - Analog Devices AD7846JPZ-REEL Datasheet HTML 2Page - Analog Devices AD7846JPZ-REEL Datasheet HTML 3Page - Analog Devices AD7846JPZ-REEL Datasheet HTML 4Page - Analog Devices AD7846JPZ-REEL Datasheet HTML 5Page - Analog Devices AD7846JPZ-REEL Datasheet HTML 6Page - Analog Devices AD7846JPZ-REEL Datasheet HTML 7Page - Analog Devices AD7846JPZ-REEL Datasheet HTML 8Page - Analog Devices AD7846JPZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD7846
Rev. G | Page 4 of 24
Parameter1
J, A Versions
K, B Versions
Unit
Test Conditions/Comments
DIGITAL OUTPUTS
VOL (Output Low Voltage)
0.4
0.4
V max
ISINK = 1.6 mA
VOH (Output High Voltage)
4.0
4.0
V min
ISOURCE = 400 μA
Floating State Leakage Current
±10
±10
μA max
DB0 to DB15 = 0 to VCC
Floating State Output Capacitance2
10
10
pF max
POWER REQUIREMENTS3
VDD
+11.4/+15.75
+11.4/+15.75
V min/V max
VSS
−11.4/−15.75
−11.4/−15.75
V min/V max
VCC
+4.75/+5.25
+4.75/+5.25
V min/V max
IDD
5
5
mA max
VOUT unloaded
ISS
5
5
mA max
VOUT unloaded
ICC
1
1
mA max
Power Supply Sensitivity4
1.5
1.5
LSB/V max
Power Dissipation
100
100
mW typ
VOUT unloaded
1 Temperature ranges as follows: J, K versions: 0°C to +70°C; A, B versions: −40°C to +85°C.
2 Guaranteed by design and characterization, not production tested.
3 The AD7846 is functional with power supplies of ±12 V. See the Typical Performance Characteristics section.
4 Sensitivity of gain error, offset error, and bipolar zero error to VDD, VSS variations.
AC PERFORMANCE CHARACTERISTICS
These characteristics are included for design guidance and are not subject to test. VREF+ = +5 V; VDD = +14.25 V to +15.75 V; VSS = −14.25 V
to −15.75 V; VCC = +4.75 V to +5.25 V; RIN connected to 0 V, unless otherwise noted.
Table 2.
Parameter
Limit at TMIN to TMAX (All Versions)
Unit
Test Conditions/Comments
Output Settling Time1
6
μs max
To 0.006% FSR, VOUT loaded, VREF− = 0 V, typically 3.5 μs
9
μs max
To 0.003% FSR, VOUT loaded, VREF− = –5 V, typically 6.5 μs
Slew Rate
7
V/μs typ
Digital-to-Analog Glitch
Impulse
70
nV-sec typ
DAC alternately loaded with 10…0000 and 01…1111,
VOUT unloaded
AC Feedthrough
0.5
mV p-p typ
VREF− = 0 V, VREF+ = 1 V rms, 10 kHz sine wave, DAC loaded
with all 0s
Digital Feedthrough
10
nV-sec typ
DAC alternately loaded with all 1s and all 0s. CS high
Output Noise Voltage
Density, 1 kHz to 100 kHz
50
nV/√Hz typ
Measured at VOUT, DAC loaded with 0111011…11,
VREF+ = VREF− = 0 V
1
LDAC = 0. Settling time does not include deglitching time of 2.5 μs (typ).


Similar Part No. - AD7846JPZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7846JP AD-AD7846JP Datasheet
616Kb / 16P
   16-Bit Voltage Output DAC
REV. E
More results

Similar Description - AD7846JPZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7846 AD-AD7846 Datasheet
616Kb / 16P
   16-Bit Voltage Output DAC
REV. E
AD7224KNZ AD-AD7224KNZ Datasheet
231Kb / 8P
   LC2MOS 8-Bit DAC with Output Amplifiers
REV. B
AD7224 AD-AD7224 Datasheet
228Kb / 8P
   LC2MOS 8-Bit DAC with Output Amplifiers
REV. B
AD7224KRZ-18 AD-AD7224KRZ-18 Datasheet
231Kb / 8P
   LC2MOS 8-Bit DAC with Output Amplifiers
REV. B
LTC2688 AD-LTC2688 Datasheet
2Mb / 42P
   16-Channel, 16-Bit Voltage Output SoftSpan DAC
logo
Linear Technology
LTC1650 LINER-LTC1650 Datasheet
253Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
logo
Texas Instruments
DAC161S055 TI1-DAC161S055 Datasheet
486Kb / 23P
[Old version datasheet]   Precision 16-Bit, Buffered Voltage-Output DAC
logo
Linear Technology
LTC1650 LINER-LTC1650_15 Datasheet
525Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
logo
Analog Devices
AD7846 AD-AD7846_15 Datasheet
451Kb / 24P
   LC MOS 16-Bit Voltage Output DAC
Rev. G
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com