Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7887ARZ2 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7887ARZ2
Description  2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7887ARZ2 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7887ARZ2 Datasheet HTML 3Page - Analog Devices AD7887ARZ2 Datasheet HTML 4Page - Analog Devices AD7887ARZ2 Datasheet HTML 5Page - Analog Devices AD7887ARZ2 Datasheet HTML 6Page - Analog Devices AD7887ARZ2 Datasheet HTML 7Page - Analog Devices AD7887ARZ2 Datasheet HTML 8Page - Analog Devices AD7887ARZ2 Datasheet HTML 9Page - Analog Devices AD7887ARZ2 Datasheet HTML 10Page - Analog Devices AD7887ARZ2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD7887
Rev. D | Page 7 of 24
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
CS 1
VDD 2
GND 3
AIN1/VREF 4
SCLK
8
DOUT
7
DIN
6
AIN0
5
AD7887
TOP VIEW
(Not to Scale)
CS 1
VDD 2
GND 3
AIN1/VREF 4
SCLK
8
DOUT
7
DIN
6
AIN0
5
AD7887
TOP VIEW
(Not to Scale)
Figure 3. SOIC_N Pin Configuration
Figure 4. MSOP Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
CS
Chip Select. Active low logic input. This input provides the dual function of initiating conversions on the AD7887
and also frames the serial data transfer. When the AD7887 operates in its default mode, the CS pin also acts as
the shutdown pin such that with the CS pin high, the AD7887 is in its power-down mode.
2
VDD
Power Supply Input. The VDD range for the AD7887 is from 2.7 V to 5.25 V. When the AD7887 is configured for
two-channel operation, this pin also provides the reference source for the part.
3
GND
Ground Pin. This pin is the ground reference point for all circuitry on the AD7887. In systems with separate AGND
and DGND planes, these planes should be tied together as close as possible to this GND pin. Where this is not
possible, this GND pin should connect to the AGND plane.
4
AIN1/VREF
Analog Input 1/Voltage Reference Input. In single-channel mode, this pin becomes the reference input/output.
In this case, the user can either access the internal 2.5 V reference or overdrive the internal reference with the
voltage applied to this pin. The reference voltage range for an externally applied reference is 1.2 V to VDD. In two-
channel mode, this pin provides the second analog input channel, AIN1. The input voltage range on AIN1 is
0 to VDD.
5
AIN0
Analog Input 0. In single-channel mode, this is the analog input and the input voltage range is 0 to VREF. In dual-
channel mode, it has an analog input range of 0 to VDD.
6
DIN
Data In. Logic Input. Data to be written to the AD7887’s control register is provided on this input and clocked into
the register on the rising edge of SCLK (see the Control Register section). The AD7887 can be operated as a
single-channel, read-only ADC by tying the DIN line permanently to GND.
7
DOUT
Data Out. Logic output. The conversion result from the AD7887 is provided on this output as a serial data stream.
The bits are clocked out on the falling edge of the SCLK input. The data stream consists of four leading zeros
followed by the 12 bits of conversion data, which is provided MSB first.
8
SCLK
Serial Clock. Logic input. SCLK provides the serial clock for accessing data from the part and writing serial data to
the control register. This clock input is also used as the clock source for the AD7887’s conversion process.


Similar Part No. - AD7887ARZ2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7887ARZ AD-AD7887ARZ Datasheet
465Kb / 25P
   Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
AD7887ARZ-REEL7 AD-AD7887ARZ-REEL7 Datasheet
465Kb / 25P
   Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
More results

Similar Description - AD7887ARZ2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7887 AD-AD7887_15 Datasheet
392Kb / 24P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
Rev. E
AD7887 AD-AD7887 Datasheet
133Kb / 16P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead uSOIC
REV. B
AD7888 AD-AD7888_10 Datasheet
197Kb / 17P
   2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
AD7888ARUZ-REEL7 AD-AD7888ARUZ-REEL7 Datasheet
197Kb / 17P
   2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
AD7887 AD-AD7887_17 Datasheet
465Kb / 25P
   Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
AD7888 AD-AD7888 Datasheet
175Kb / 16P
   2.7V to 5.25 V Micropower 8-Channel 125 kSPS 12-Bit ADC in 16-Lead TSSOP
REV. B
AD7888 AD-AD7888_17 Datasheet
245Kb / 18P
   Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
AD7896 AD-AD7896_17 Datasheet
1Mb / 16P
   2.7 V to 5.5 V, 12-Bit ADC in 8-Lead SOIC/PDIP
AD7911 AD-AD7911 Datasheet
312Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. 0
AD7911 AD-AD7911_11 Datasheet
353Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com