Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7942BRM-RL7 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7942BRM-RL7
Description  14-Bit, 250 kSPS PulSAR, Pseudo Differential ADC in MSOP/QFN
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7942BRM-RL7 Datasheet(HTML) 3 Page - Analog Devices

  AD7942BRM-RL7 Datasheet HTML 1Page - Analog Devices AD7942BRM-RL7 Datasheet HTML 2Page - Analog Devices AD7942BRM-RL7 Datasheet HTML 3Page - Analog Devices AD7942BRM-RL7 Datasheet HTML 4Page - Analog Devices AD7942BRM-RL7 Datasheet HTML 5Page - Analog Devices AD7942BRM-RL7 Datasheet HTML 6Page - Analog Devices AD7942BRM-RL7 Datasheet HTML 7Page - Analog Devices AD7942BRM-RL7 Datasheet HTML 8Page - Analog Devices AD7942BRM-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD7942
Rev. B | Page 3 of
24
SPECIFICATIONS
VDD = 2.3 V to 5.5 V, VIO = 2.3 V to VDD, VREF = VDD, TA = –40°C to +85°C, unless otherwise noted.
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
RESOLUTION
14
Bits
ANALOG INPUT
Voltage Range
IN+ − IN−
0
VREF
V
Absolute Input Voltage
IN+
−0.1
VDD + 0.1
V
IN−
−0.1
+0.1
V
Analog Input CMRR
fIN = 250 kHz
65
dB
Leakage Current
TA = 25°C, acquisition phase
1
nA
Input Impedance
See the Analog Input section
ACCURACY
No Missing Codes
14
Bits
Differential Linearity Error
−0.7
±0.3
+0.7
LSB1
Integral Linearity Error
−1
±0.4
+1
LSB
Transition Noise
VREF = VDD = 5 V
0.33
LSB
Gain Error2, TMIN to TMAX
±0.7
±6
LSB
Gain Error Temperature Drift
±1
ppm/°C
Offset Error2, TMIN to TMAX
VDD = 4.5 V to 5.5 V
±0.45
±3
mV
VDD = 2.3 V to 4.5 V
±0.75
±4.5
mV
Offset Temperature Drift
±2.5
ppm/°C
Power Supply Sensitivity
VDD = 5 V
± 5%
±0.1
LSB
THROUGHPUT
Conversion Rate
VDD = 4.5 V to 5.5 V
0
250
kSPS
VDD = 2.3 V to 4.5 V
0
200
kSPS
Transient Response
Full-scale step
1.8
μs
AC ACCURACY
Signal-to-Noise Ratio (SNR)
fIN = 20 kHz, VREF = 5 V
84.5
85
dB3
fIN = 20 kHz, VREF = 2.5 V
84
dB
Spurious-Free Dynamic Range (SFDR)
fIN = 20 kHz
−100
dB
Total Harmonic Distortion (THD)
fIN = 20 kHz
−100
dB
Signal-to-Noise and Distortion Ratio (SINAD)
fIN = 20 kHz, VREF = 5 V
83
85
dB
fIN = 20 kHz, VREF = 5 V, −60 dB input
25
dB
fIN = 20 kHz, VREF = 2.5 V
84
dB
REFERENCE
Voltage Range
0.5
VDD + 0.3
V
Load Current
250 kSPS, VREF = 5 V
50
μA
SAMPLING DYNAMICS
−3 dB Input Bandwidth
2
MHz
Aperture Delay
VDD = 5 V
2.5
ns
DIGITAL INPUTS
Logic Levels
VIL
–0.3
+0.3 × VIO
V
VIH
0.7 × VIO
VIO + 0.3
V
IIL
−1
+1
μA
IIH
−1
+1
μA


Similar Part No. - AD7942BRM-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7942BRMZ AD-AD7942BRMZ Datasheet
463Kb / 25P
   Pseudo Differential ADC in MSOP/LFCSP
AD7942BRMZ-RL7 AD-AD7942BRMZ-RL7 Datasheet
463Kb / 25P
   Pseudo Differential ADC in MSOP/LFCSP
More results

Similar Description - AD7942BRM-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7942 AD-AD7942_15 Datasheet
383Kb / 24P
   14-Bit, 250 kSPS PulSAR, Pseudo Differential ADC in MSOP/LFCSP
REV. C
AD7685BRM AD-AD7685BRM Datasheet
641Kb / 28P
   16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. B
AD7685BRMZ AD-AD7685BRMZ Datasheet
484Kb / 28P
   16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. C
AD7685ARMZ AD-AD7685ARMZ Datasheet
484Kb / 28P
   16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. C
AD7687BRMZ AD-AD7687BRMZ Datasheet
469Kb / 28P
   16-Bit, 1.5 LSB INL, 250 kSPS PulSAR??Differential ADC in MSOP/QFN
REV. B
AD7691 AD-AD7691 Datasheet
898Kb / 28P
   18-Bit, 1.5 LSB INL, 250 kSPS PulSAR Differential ADC in MSOP/QFN
REV. 0
AD7691 AD-AD7691_17 Datasheet
921Kb / 29P
   250 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7685 AD-AD7685 Datasheet
542Kb / 29P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
AD7694 AD-AD7694_17 Datasheet
360Kb / 17P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
AD7683 AD-AD7683 Datasheet
467Kb / 16P
   16-Bit, 100 kSPS PulSAR ADC in MSOP/QFN
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com