Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8206YRZ-REEL Datasheet(PDF) 6 Page - Analog Devices

Part # AD8206YRZ-REEL
Description  High Common-Mode Voltage, Bidirectional Current Shunt Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8206YRZ-REEL Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8206YRZ-REEL Datasheet HTML 2Page - Analog Devices AD8206YRZ-REEL Datasheet HTML 3Page - Analog Devices AD8206YRZ-REEL Datasheet HTML 4Page - Analog Devices AD8206YRZ-REEL Datasheet HTML 5Page - Analog Devices AD8206YRZ-REEL Datasheet HTML 6Page - Analog Devices AD8206YRZ-REEL Datasheet HTML 7Page - Analog Devices AD8206YRZ-REEL Datasheet HTML 8Page - Analog Devices AD8206YRZ-REEL Datasheet HTML 9Page - Analog Devices AD8206YRZ-REEL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8206
Data Sheet
Rev. B | Page 6 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 2. Metallization Diagram
NC = NO CONNECT
AD8206
TOP VIEW
(Not to Scale)
–IN
1
GND
2
VREF2 3
NC
4
+IN
VREF1
V+
OUT
8
7
6
5
Figure 3. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
X
Y
1
−IN
−209
+486
2
GND
−447
+34
3
VREF2
−432
−480
4
NC
N/A
N/A
5
OUT
+444
−495
6
V+
+444
−227
7
VREF1
+456
+342
8
+IN
+207
+486
Die size is 1245 µm by 1400 µm.
Die thickness is 13 mil.
Minimum passivation opening (minimum bond pad size)
is 92 µm × 92 µm.
Passivation type is 8KA USG (Oxide) + 10KA Oxynitride.
Bond pad metal composition is 98.5% Al, 1% Si, and 0.5% Cu.
Backside potential is V+.


Similar Part No. - AD8206YRZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8206YRZ-REEL AD-AD8206YRZ-REEL Datasheet
344Kb / 12P
   Single-Supply, 42 V System Difference Amplifier
REV. 0
AD8206YRZ-REEL7 AD-AD8206YRZ-REEL7 Datasheet
344Kb / 12P
   Single-Supply, 42 V System Difference Amplifier
REV. 0
More results

Similar Description - AD8206YRZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8206 AD-AD8206_15 Datasheet
361Kb / 13P
   High Common-Mode Voltage, Bidirectional Current Shunt Amplifier
REV. C
logo
Texas Instruments
LMP8601 TI1-LMP8601_15 Datasheet
1Mb / 33P
[Old version datasheet]   Common-Mode Bidirectional Precision Current-Sensing Amplifier
logo
Analog Devices
AD8210 AD-AD8210_15 Datasheet
329Kb / 16P
   High Voltage, Bidirectional Current Shunt Monitor
REV. D
AD8210 AD-AD8210_12 Datasheet
293Kb / 16P
   High Voltage, Bidirectional Current Shunt Monitor
REV. C
AD8210 AD-AD8210_07 Datasheet
406Kb / 16P
   High Voltage, Bidirectional Current Shunt Monitor
REV. A
AD8210YR-R7 AD-AD8210YR-R7 Datasheet
329Kb / 16P
   High Voltage, Bidirectional Current Shunt Monitor
REV. D
AD8210 AD-AD8210_17 Datasheet
284Kb / 15P
   High Voltage, Bidirectional Current Shunt Monitor
AD8210 AD-AD8210_06 Datasheet
354Kb / 16P
   High Voltage, Bidirectional Current Shunt Monitor
REV. 0
logo
National Semiconductor ...
LMP8601 NSC-LMP8601 Datasheet
533Kb / 22P
   60V Common Mode, Bidirectional Precision Current Sensing Amplifier
logo
Texas Instruments
INA240 TI1-INA240 Datasheet
543Kb / 8P
[Old version datasheet]   Wide Common-Mode Range, Voltage Output High- or Low-Side Bidirectional, Zero-Drift, Current-Shunt Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com