Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74CBTD16210DLR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74CBTD16210DLR
Description  SN74CBTD16210 20-BIT FET BUS SWITCH WITH LEVEL SHIFTING
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CBTD16210DLR Datasheet(HTML) 5 Page - Texas Instruments

  SN74CBTD16210DLR Datasheet HTML 1Page - Texas Instruments SN74CBTD16210DLR Datasheet HTML 2Page - Texas Instruments SN74CBTD16210DLR Datasheet HTML 3Page - Texas Instruments SN74CBTD16210DLR Datasheet HTML 4Page - Texas Instruments SN74CBTD16210DLR Datasheet HTML 5Page - Texas Instruments SN74CBTD16210DLR Datasheet HTML 6Page - Texas Instruments SN74CBTD16210DLR Datasheet HTML 7Page - Texas Instruments SN74CBTD16210DLR Datasheet HTML 8Page - Texas Instruments SN74CBTD16210DLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SN74CBTD16210
20-BIT FET BUS SWITCH
WITH LEVEL SHIFTING
SCDS049H – MARCH 1998 – REVISED JULY 2002
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
2
2.5
2.25
3
2.75
3.25
3.5
3.75
4.5
4.75
5
5.25
5.5
VCC – Supply Voltage – V
1.75
OUTPUT VOLTAGE HIGH
vs
SUPPLY VOLTAGE
TA = 85°C
5.75
1.5
4
2
2.5
2.25
3
2.75
3.25
3.5
3.75
4.5
4.75
5
5.25
5.5
VCC – Supply Voltage – V
1.75
OUTPUT VOLTAGE HIGH
vs
SUPPLY VOLTAGE
TA = 25°C
5.75
1.5
4
2
2.5
2.25
3
2.75
3.25
3.5
3.75
4.5
4.75
5
5.25
5.5
–100
µA
–6 mA
–12 mA
–24 mA
VCC – Supply Voltage – V
1.75
OUTPUT VOLTAGE HIGH
vs
SUPPLY VOLTAGE
TA = 0°C
5.75
1.5
4
–100
µA
–6 mA
–12 mA
–24 mA
–100
µA
–6 mA
–12 mA
–24 mA
Figure 2. VOH Values


Similar Part No. - SN74CBTD16210DLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTD16210DL TI-SN74CBTD16210DL Datasheet
87Kb / 6P
[Old version datasheet]   20-BIT FET BUS SWITCH WITH LEVEL SHIFTING
More results

Similar Description - SN74CBTD16210DLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTD16210 TI-SN74CBTD16210 Datasheet
87Kb / 6P
[Old version datasheet]   20-BIT FET BUS SWITCH WITH LEVEL SHIFTING
logo
Fairchild Semiconductor
FSTD16861 FAIRCHILD-FSTD16861 Datasheet
164Kb / 5P
   20-Bit Bus Switch with Level Shifting
FSTD16861 FAIRCHILD-FSTD16861_05 Datasheet
174Kb / 6P
   20-Bit Bus Switch with Level Shifting
logo
ON Semiconductor
FSTD16861 ONSEMI-FSTD16861 Datasheet
273Kb / 8P
   20-Bit Bus Switch with Level Shifting
Revised June 2005
logo
Texas Instruments
SN74CBTD16211 TI-SN74CBTD16211 Datasheet
87Kb / 6P
[Old version datasheet]   24-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD16211DGVR TI-SN74CBTD16211DGVR Datasheet
330Kb / 12P
[Old version datasheet]   24-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD3861 TI-SN74CBTD3861 Datasheet
80Kb / 6P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD3861 TI1-SN74CBTD3861_15 Datasheet
669Kb / 16P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD3861 TI-SN74CBTD3861_06 Datasheet
303Kb / 13P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD3306DRG4 TI-SN74CBTD3306DRG4 Datasheet
755Kb / 12P
[Old version datasheet]   DUAL FET BUS SWITCH WITH LEVEL SHIFTING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com