Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8332ARU-REEL Datasheet(PDF) 4 Page - Analog Devices

Part # AD8332ARU-REEL
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8332ARU-REEL Datasheet(HTML) 4 Page - Analog Devices

  AD8332ARU-REEL Datasheet HTML 1Page - Analog Devices AD8332ARU-REEL Datasheet HTML 2Page - Analog Devices AD8332ARU-REEL Datasheet HTML 3Page - Analog Devices AD8332ARU-REEL Datasheet HTML 4Page - Analog Devices AD8332ARU-REEL Datasheet HTML 5Page - Analog Devices AD8332ARU-REEL Datasheet HTML 6Page - Analog Devices AD8332ARU-REEL Datasheet HTML 7Page - Analog Devices AD8332ARU-REEL Datasheet HTML 8Page - Analog Devices AD8332ARU-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
AD8331/AD8332/AD8334
Rev. G | Page 4 of 56
SPECIFICATIONS
TA = 25°C, VS = 5 V, RL = 500 Ω, RS = RIN = 50 Ω, RIZ = 280 Ω, CSH = 22 pF, f = 10 MHz, RCLMP = ∞, CL = 1 pF, VCM pin floating,
−4.5 dB to +43.5 dB gain (HILO = LO), and differential output voltage, unless otherwise specified.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit1
LNA CHARACTERISTICS
Gain
Single-ended input to differential output
19
dB
Input to output (single-ended)
13
dB
Input Voltage Range
AC-coupled
±275
mV
Input Resistance
RIZ = 280 Ω
50
Ω
RIZ = 412 Ω
75
Ω
RIZ = 562 Ω
100
Ω
RIZ = 1.13 kΩ
200
Ω
RIZ = ∞
6
Input Capacitance
13
pF
Output Impedance
Single-ended, either output
5
Ω
−3 dB Small Signal Bandwidth
VOUT = 0.2 V p-p
130
MHz
Slew Rate
650
V/μs
Input Voltage Noise
RS = 0 Ω, HI or LO gain, RIZ = ∞, f = 5 MHz
0.74
nV/√Hz
Input Current Noise
RIZ = ∞, HI or LO gain, f = 5 MHz
2.5
pA/√Hz
Noise Figure
f = 10 MHz, LOP output
Active Termination Match
RS = RIN = 50 Ω
3.7
dB
Unterminated
RS = 50 Ω, RIZ = ∞
2.5
dB
Harmonic Distortion at LOP1 or LOP2
VOUT = 0.5 V p-p, single-ended, f = 10 MHz
HD2
−56
dBc
HD3
−70
dBc
Output Short-Circuit Current
Pin LON, Pin LOP
165
mA
LNA AND VGA CHARACTERISTICS
−3 dB Small Signal Bandwidth
VOUT = 0.2 V p-p
AD8331
120
MHz
AD8332, AD8334
100
MHz
−3 dB Large Signal Bandwidth
VOUT = 2 V p-p
AD8331
110
MHz
AD8332, AD8334
90
MHz
Slew Rate
AD8331
LO gain
300
V/μs
HI gain
1200
V/μs
AD8332, AD8334
LO gain
275
V/μs
HI gain
1100
V/μs
Input Voltage Noise
RS = 0 Ω, HI or LO gain, RIZ = ∞, f = 5 MHz
0.82
nV/√Hz
Noise Figure
VGAIN = 1.0 V
Active Termination Match
RS = RIN = 50 Ω, f = 10 MHz, measured
4.15
dB
RS = RIN = 200 Ω, f = 5 MHz, simulated
2.0
dB
Unterminated
RS = 50 Ω, RIZ = ∞, f = 10 MHz, measured
2.5
dB
RS = 200 Ω, RIZ = ∞, f = 5 MHz, simulated
1.0
dB
Output-Referred Noise
AD8331
VGAIN = 0.5 V, LO gain
48
nV/√Hz
VGAIN = 0.5 V, HI gain
178
nV/√Hz
AD8332, AD8334
VGAIN = 0.5 V, LO gain
40
nV/√Hz
VGAIN = 0.5 V, HI gain
150
nV/√Hz
Output Impedance, Postamplifier
DC to 1 MHz
1
Ω


Similar Part No. - AD8332ARU-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8332ARU-REEL AD-AD8332ARU-REEL Datasheet
482Kb / 32P
   Ultralow Noise VGAs with Preamplifier and Programmable RIN
Rev. C
AD8332ARU-REEL AD-AD8332ARU-REEL Datasheet
606Kb / 28P
   Dual VGA with Ultralow Noise Preamplifier and Programmable RIN
REV. 0
AD8332ARU-REEL AD-AD8332ARU-REEL Datasheet
867Kb / 40P
   Ultralow Noise VGAs with Preamplifier and Programmable RIN
Rev. E
AD8332ARU-REEL7 AD-AD8332ARU-REEL7 Datasheet
482Kb / 32P
   Ultralow Noise VGAs with Preamplifier and Programmable RIN
Rev. C
AD8332ARU-REEL7 AD-AD8332ARU-REEL7 Datasheet
606Kb / 28P
   Dual VGA with Ultralow Noise Preamplifier and Programmable RIN
REV. 0
More results

Similar Description - AD8332ARU-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8331 AD-AD8331_06 Datasheet
867Kb / 40P
   Ultralow Noise VGAs with Preamplifier and Programmable RIN
Rev. E
AD8331 AD-AD8331 Datasheet
482Kb / 32P
   Ultralow Noise VGAs with Preamplifier and Programmable RIN
Rev. C
AD8332 AD-AD8332_15 Datasheet
1Mb / 56P
   Ultralow Noise VGAs with Preamplifier and Programmable R
Rev. G
AD8331 AD-AD8331_15 Datasheet
1Mb / 56P
   Ultralow Noise VGAs with Preamplifier and Programmable R
Rev. G
AD8334 AD-AD8334_15 Datasheet
1Mb / 56P
   Ultralow Noise VGAs with Preamplifier and Programmable R
Rev. G
AD8332 AD-AD8332 Datasheet
606Kb / 28P
   Dual VGA with Ultralow Noise Preamplifier and Programmable RIN
REV. 0
ADRF6520 AD-ADRF6520 Datasheet
1Mb / 29P
   Dual Programmable Filters and VGAs
ADL5336 AD-ADL5336_18 Datasheet
1Mb / 30P
   Cascadable IF VGAs with Programmable RMS Detectors
SSM2165 AD-SSM2165_15 Datasheet
338Kb / 12P
   Microphone Preamplifier with Variable Compression and Noise Gating
SSM2166 AD-SSM2166_08 Datasheet
549Kb / 20P
   Microphone Preamplifier with Variable Compression and Noise Gating
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com