Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9778-EB Datasheet(PDF) 3 Page - Analog Devices

Part # AD9778-EB
Description  Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9778-EB Datasheet(HTML) 3 Page - Analog Devices

  AD9778-EB Datasheet HTML 1Page - Analog Devices AD9778-EB Datasheet HTML 2Page - Analog Devices AD9778-EB Datasheet HTML 3Page - Analog Devices AD9778-EB Datasheet HTML 4Page - Analog Devices AD9778-EB Datasheet HTML 5Page - Analog Devices AD9778-EB Datasheet HTML 6Page - Analog Devices AD9778-EB Datasheet HTML 7Page - Analog Devices AD9778-EB Datasheet HTML 8Page - Analog Devices AD9778-EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
AD9776/AD9778/AD9779
Rev. A | Page 3 of 56
FUNCTIONAL BLOCK DIAGRAM
10
10
10
10
CLOCK GENERATION/DISTRIBUTION
DATA
ASSEMBLER
DIGITAL CONTROLLER
SYNC1
CLOCK
MULTIPLIER
2×/4×/8×
16-BIT
IDAC
CLK+
CLK–
IOUT1_P
IOUT1_N
AUX1_P
AUX1_N
AUX2_P
AUX2_N
IOUT2_P
IOUT2_N
GAIN
GAIN
GAIN
GAIN
16-BIT
QDAC
SYNC1
I
LATCH
DELAY
LINE
Q
LATCH
P2D(15:0)
P1D(15:0)
SYNC_O
SYNC_I
DATACLK_OUT
n ×
fDAC/8
n = 0, 1, 2 ... 7
POWER-ON
RESET
SERIAL
PERIPHERAL
INTERFACE
VREF
I120
DELAY
LINE
Figure 2. Functional Block Diagram


Similar Part No. - AD9778-EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9778 AD-AD9778 Datasheet
2Mb / 20P
   300 MHz to 1000 MHz Quadrature Modulator
REV. 0
AD9778 AD-AD9778 Datasheet
2Mb / 32P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
AD9778A AD-AD9778A Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
REV. B
AD9778A AD-AD9778A Datasheet
1Mb / 55P
   Digital-to-Analog Converters
AD9778A-EBZ AD-AD9778A-EBZ Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS
REV. B
More results

Similar Description - AD9778-EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9778A AD-AD9778A_15 Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
REV. B
AD9779A AD-AD9779A_15 Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
REV. B
AD9779 AD-AD9779_15 Datasheet
1Mb / 56P
   Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
REV. A
AD9779BSVZ AD-AD9779BSVZ Datasheet
1Mb / 56P
   Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
REV. A
AD9776A AD-AD9776A Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
REV. B
AD9778 AD-AD9778_15 Datasheet
1Mb / 56P
   Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
REV. A
AD9779ABSVZ AD-AD9779ABSVZ Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS
REV. B
AD9776A AD-AD9776A_15 Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS
REV. B
AD9161 AD-AD9161 Datasheet
2Mb / 144P
   11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
Rev. D
logo
Texas Instruments
ADS5400-SP TI1-ADS5400-SP Datasheet
1Mb / 46P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com