Electronic Components Datasheet Search |
|
ADG714BRUZ-REEL7 Datasheet(PDF) 4 Page - Analog Devices |
|
ADG714BRUZ-REEL7 Datasheet(HTML) 4 Page - Analog Devices |
4 / 16 page –4– REV. ADG714/ADG715–SPECIFICATIONS1 DUAL SUPPLY B Version –40 C Parameter +25 C to +85 C Unit Test Conditions/Comments ANALOG SWITCH Analog Signal Range VSS to VDD V On Resistance (RON) 2.5 Ω typ VS = VSS to VDD, IDS = 10 mA 4.5 5 Ω max On Resistance Match Between Channels ( ΔR ON) 0.4 Ω typ VS = VSS to VDD, IDS = 10 mA 0.8 Ω max On Resistance Flatness (RFLAT(ON)) 0.6 Ω typ VS = VSS to VDD, IDS = 10 mA 1 Ω max LEAKAGE CURRENTS VDD = +2.75 V, VSS = –2.75 V Source OFF Leakage IS (OFF) ±0.01 nA typ VS = +2.25 V/–1.25 V, VD = –1.25 V/+2.25 V ±0.1 ±0.3 nA max Drain OFF Leakage ID (OFF) ±0.01 nA typ VS = +2.25 V/–1.25 V, VD = –1.25 V/+2.25 V ±0.1 ±0.3 nA max Channel ON Leakage ID, IS (ON) ±0.01 nA typ VS = VD = +2.25 V/–1.25 V ±0.1 ±0.3 nA max DIGITAL INPUTS Input High Voltage, VINH 1.7 V min Input Low Voltage, VINL 0.7 V max Input Current, IINL or IINH 0.005 μA typ VIN = VINL or VINH ±0.1 μA max CIN, Digital Input Capacitance 2 3 pF typ DIGITAL OUTPUT ADG714 DOUT 2 Output Low Voltage 0.4 V max ISINK = 6 mA COUT Digital Output Capacitance 4 pF typ DIGITAL INPUTS (SCL, SDA) 2 Input High Voltage, VINH 0.7 VDD V min VDD + 0.3 V max Input Low Voltage, VINL –0.3 V min 0.3 VDD V max IIN, Input Leakage Current 0.005 μA typ VIN = 0 V to VDD ±1 μA max VHYST, Input Hysteresis 0.05 VDD V min CIN, Input Capacitance 6 pF typ LOGIC OUTPUT (SDA) 2 VOL, Output Low Voltage 0.4 V max ISINK = 3 mA 0.6 V max ISINK = 6 mA DYNAMIC CHARACTERISTICS 2 tON ADG714 20 ns typ VS = 1.5 V, RL = 300 Ω, C L = 35 pF 32 ns max tON ADG715 133 ns typ VS = 1.5 V, RL = 300 Ω, C L = 35 pF 200 ns max tOFF ADG714 8 ns typ VS = 1.5 V, RL = 300 Ω, C L = 35 pF 18 ns max tOFF ADG715 124 ns typ VS = 1.5 V, RL = 300 Ω, C L = 35 pF 190 ns max Break-Before-Make Time Delay, tD 8 ns typ VS = 1.5 V, RL = 300 Ω, C L = 35 pF 1 ns min Charge Injection ±3 pC typ VS = 0 V, RS = 0 Ω, C L = 1 nF Off Isolation –60 dB typ RL = 50 Ω, C L = 5 pF, f = 10 MHz –80 dB typ RL = 50 Ω, C L = 5 pF, f = 1 MHz Channel-to-Channel Crosstalk –70 dB typ RL = 50 Ω, C L = 5 pF, f = 10 MHz –90 dB typ RL = 50 Ω, C L = 5 pF, f = 1 MHz –3 dB Bandwidth 155 MHz typ RL = 50 Ω, C L = 5 pF CS (OFF) 11 pF typ CD (OFF) 11 pF typ CD, CS (ON) 22 pF typ POWER REQUIREMENTS VDD = +2.75 V, VSS = –2.75 V IDD 15 μA typ Digital Inputs = 0 V or 25 μA max ISS 15 μA typ 25 μA max NOTES 1Temperature range is as follows: B Version: –40 °C to +85°C. 2Guaranteed by design, not subject to production test. Specifications subject to change without notice. C (VDD = +2.5 V ± 10%, VSS = −2.5 V ± 10%, GND = 0 V unless otherwise noted.) VDD |
Similar Part No. - ADG714BRUZ-REEL7 |
|
Similar Description - ADG714BRUZ-REEL7 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |