Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFFR3506P Datasheet(PDF) 1 Page - First Components International

Part # PFFR3506P
Description  35Amp Flag Pressfit 1.0mm LEAD Auto Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

PFFR3506P Datasheet(HTML) 1 Page - First Components International

  PFFR3506P Datasheet HTML 1Page - First Components International PFFR3506P Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Data Sheet
35Amp Flag Pressfit
1.0mm LEAD Auto Rectifiers
MECHANICAL DIMENSIONS
DESCRIPTION
FLAG PRESS-FIT
DIMENSIONS IN INCHES (mm)
NOTE:
Cathode To Case,Color Code Red
Anode To Case, Color Code Black
Features
Low Cost
Super Cool
Long life Features
High Current Capability
35
100
200
400
600
100
200
400
600
70
140
280
420
1.15
400
10
500
1.2
C
Average Forward Current, Io at Tc=150C
60HZ, Resistive Or Inductive Load
Peak Reverse Voltage, Repetitive:VRRM
Unit
VRRM
DC Reverse Voltage, VR
V(DC)
Maximum RMS Voltage
VRMS
Max. Inst Forward Voltage Drop. VF at 80Amp
V(DC)
VF
Peak Forward Surge Current, IFM(surge):
V
8.3ms. Single Half Sine-Wave
A(DC)
A
Symbol
IFSM
IR
Superimposed On Rated Load (JEDEC method)
IR
Maximum Reverse Current IR At Rated DC
Reverse Voltage. TC= 25C
Tj; Tstrg
Maximum Reverse Current IR At Rated DC
R0JA
Reverse Voltage. TC=100C
Maximum Thermal Resistance, Junction To Case
-
(single side cooled)
Operating And Storage Temperature Range
C/W
-65 to +175
uA
uA
IF
Electrical Characteristics@25C
PFFR3501P PFFR3502P PFFR3504P PFFR3506P
PFFR3501N PFFR3502N PFFR3504N PFFR3506N
PFFR350XP Positive(Forward)(+)
PFFR350XP Negative(Reverse)(-)


Similar Part No. - PFFR3506P

ManufacturerPart #DatasheetDescription
logo
FCI connector
PFFR3501 FCI-CONNECTOR-PFFR3501 Datasheet
320Kb / 2P
   35Amp Flag Pressfit 1.0mm LEAD Auto Rectifiers
More results

Similar Description - PFFR3506P

ManufacturerPart #DatasheetDescription
logo
FCI connector
PFFR3501 FCI-CONNECTOR-PFFR3501 Datasheet
320Kb / 2P
   35Amp Flag Pressfit 1.0mm LEAD Auto Rectifiers
PFR3501 FCI-CONNECTOR-PFR3501 Datasheet
342Kb / 2P
   35Amp 1/2" Pressfit 1.0mm LEAD Auto Rectifiers
logo
First Components Intern...
PFR3501 FCI-PFR3501_17 Datasheet
542Kb / 2P
   35Amp 1/2" Pressfit 1.0mm LEAD Auto Rectifiers
PFR3501P FCI-PFR3501P Datasheet
342Kb / 2P
   35Amp 1/2 Pressfit 1.0mm LEAD Auto Rectifiers High Current Capability
logo
FCI connector
PIFR3501 FCI-CONNECTOR-PIFR3501 Datasheet
232Kb / 1P
   35Amp Insulate Flag Pressfit Automotive Rectifiers
logo
First Components Intern...
PIFR3501P FCI-PIFR3501P Datasheet
232Kb / 1P
   35Amp Insulate Flag Pressfit 35Amp Insulate Flag Pressfit High Current Capability
PFR2500 FCI-PFR2500_17 Datasheet
485Kb / 2P
   25Amp 1/2" Pressfit 1.0mm LEAD Auto Rectifiers
logo
FCI connector
PBFR3523-43 FCI-CONNECTOR-PBFR3523-43 Datasheet
236Kb / 1P
   35Amp Bosch Type Pressfit AVALANCHE Automotive Rectifiers
PBFR3501 FCI-CONNECTOR-PBFR3501 Datasheet
236Kb / 1P
   35Amp Bosch Type Pressfit Automotive Rectifiers
logo
First Components Intern...
PBFR3501 FCI-PBFR3501 Datasheet
236Kb / 1P
   35Amp Bosch Type Pressfit Automotive Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com