Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIFR2506N Datasheet(PDF) 1 Page - First Components International

Part # PIFR2506N
Description  25Amp Insulate Flag Pressfit Automotive Rectifiers High Current Capability
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

PIFR2506N Datasheet(HTML) 1 Page - First Components International

  PIFR2506N Datasheet HTML 1Page - First Components International PIFR2506N Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MECHANICAL DIMENSIONS
DESCRIPTION
INSULATE PRESS-FIT
NOTE:
Cathode To Case,Color Code Red
Anode To Case, Color Code Black
Features
Low Cost
Super Cool
Long life Features
High Current Capability
100
200
400
600
100
200
400
600
70
140
280
420
1.2
10
500
0.8
C
Average Forward Current, Io at Tc=150C
60HZ, Resistive Or Inductive Load
Peak Reverse Voltage, Repetitive:VRRM
Unit
VRRM
DC Reverse Voltage, VR
V(DC)
Maximum RMS Voltage
VRMS
Max. Inst Forward Voltage Drop. VF at 100Amp
V(DC)
VF
Peak Forward Surge Current, IFM(surge):
V
8.3ms. Single Half Sine-Wave
A(DC)
A
Symbol
IFSM
IR
Superimposed On Rated Load (JEDEC method)
IR
Maximum Reverse Current IR At Rated DC
Reverse Voltage. TC= 25C
Tj; Tstrg
Maximum Reverse Current IR At Rated DC
R0JA
Reverse Voltage. TC=100C
Maximum Thermal Resistance, Junction To Case
-
(single side cooled)
Operating And Storage Temperature Range
C/W
-65 to +175
uA
uA
IF
Electrical Characteristics@25C
3.Lead have 1mm, 1.3mm And 2.5mm
PIFR2501P PIFR2502P PIFR2504P PIFR2506P
PIFR2501N PIFR2502N PIFR2504N PIFR2506N
1. PILFR25XXP Positive (Forward) (+)
2. PILFR25XXN Negative (Reverse) (-)
25Amp Insulate Flag Pressfit
Automotive Rectifiers
Data Sheet
25
400


Similar Part No. - PIFR2506N

ManufacturerPart #DatasheetDescription
logo
FCI connector
PIFR2501 FCI-CONNECTOR-PIFR2501 Datasheet
418Kb / 2P
   25Amp Insulate Flag Pressfit Automotive Rectifiers
More results

Similar Description - PIFR2506N

ManufacturerPart #DatasheetDescription
logo
FCI connector
PIFR2501 FCI-CONNECTOR-PIFR2501 Datasheet
418Kb / 2P
   25Amp Insulate Flag Pressfit Automotive Rectifiers
logo
First Components Intern...
PIFR3501P FCI-PIFR3501P Datasheet
232Kb / 1P
   35Amp Insulate Flag Pressfit 35Amp Insulate Flag Pressfit High Current Capability
HPFR2501P FCI-HPFR2501P Datasheet
452Kb / 2P
   25Amp HOOK Pressfit Automotive Rectifiers High Current Capability
logo
FCI connector
PIFR3501 FCI-CONNECTOR-PIFR3501 Datasheet
232Kb / 1P
   35Amp Insulate Flag Pressfit Automotive Rectifiers
logo
First Components Intern...
PIFR5002 FCI-PIFR5002 Datasheet
532Kb / 2P
   50.0 Amp INSULATE FLAG TYPE AUTO PRESSFIT High surge current capability
logo
FCI connector
HPFR2501-06 FCI-CONNECTOR-HPFR2501-06 Datasheet
452Kb / 2P
   25Amp HOOK Pressfit Automotive Rectifiers
logo
First Components Intern...
HPFR5001P FCI-HPFR5001P Datasheet
429Kb / 2P
   50Amp HOOK Pressfit Automotive Rectifiers High Current Capability
PFR7001P FCI-PFR7001P Datasheet
341Kb / 2P
   70Amp 1/2 Pressfit Automotive Rectifiers High Current Capability
logo
Cystech Electonics Corp...
MSR2560E2 CYSTEKEC-MSR2560E2 Datasheet
198Kb / 4P
   25Amp. Superfast High Voltage Rectifiers
logo
First Components Intern...
PFR2500 FCI-PFR2500_17 Datasheet
485Kb / 2P
   25Amp 1/2" Pressfit 1.0mm LEAD Auto Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com