Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD694ARZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD694ARZ
Description  4??0 mA Transmitter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD694ARZ Datasheet(HTML) 1 Page - Analog Devices

  AD694ARZ Datasheet HTML 1Page - Analog Devices AD694ARZ Datasheet HTML 2Page - Analog Devices AD694ARZ Datasheet HTML 3Page - Analog Devices AD694ARZ Datasheet HTML 4Page - Analog Devices AD694ARZ Datasheet HTML 5Page - Analog Devices AD694ARZ Datasheet HTML 6Page - Analog Devices AD694ARZ Datasheet HTML 7Page - Analog Devices AD694ARZ Datasheet HTML 8Page - Analog Devices AD694ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
FUNCTIONAL BLOCK DIAGRAM
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
4–20 mA Transmitter
AD694
FEATURES
4–20 mA, 0–20 mA Output Ranges
Precalibrated Input Ranges:
0 V to 2 V, 0 V to 10 V
Precision Voltage Reference
Programmable to 2.000 V or 10.000 V
Single or Dual Supply Operation
Wide Power Supply Range: 4.5 V to 36 V
Wide Output Compliance
Input Buffer Amplifier
Open-Loop Alarm
Optional External Pass Transistor to Reduce
Self-Heating Errors
0.002% Typ Nonlinearity
PRODUCT DESCRIPTION
The AD694 is a monolithic current transmitter that accepts
high level signal inputs to drive a standard 4–20 mA current
loop for the control of valves, actuators, and other devices com-
monly used in process control. The input signal is buffered by
an input amplifier that can be used to scale the input signal or
buffer the output from a current mode DAC. Precalibrated in-
put spans of 0 V to 2 V and 0 V to 10 V are selected by simple
pin strapping; other spans may be programmed with external
resistors.
The output stage compliance extends to within 2 V of VS and
its special design allows the output voltage to extend below
common in dual supply operation. An alarm warns of an open
4–20 mA loop or noncompliance of the output stage.
Active laser trimming of the AD694’s thin film resistors results
in high levels of accuracy without the need for additional adjust-
ments and calibration. An external pass transistor may be used
with the AD694 to off-load power dissipation, extending the
temperature range of operation.
The AD694 is the ideal building block for systems requiring
noise immune 4–20 mA signal transmission to operate valves,
actuators, and other control devices, as well as for the transmis-
sion of process parameters such as pressure, temperature, or
flow. It is recommended as a replacement for discrete designs in
a variety of applications in industrial process control, factory
automation, and system monitoring.
The AD694 is available in hermetically sealed, 16-pin CERDIP
and plastic SOIC, specified over the –40
°C to +85°C industrial
temperature range, and in a 16-pin plastic DIP, specified over
the 0
°C to +70°C temperature range.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
PRODUCT HIGHLIGHTS
1. The AD694 is a complete voltage in to 4–20 mA out current
transmitter.
2. Pin programmable input ranges are precalibrated at 0 V to
2 V and 0 V to 10 V.
3. The input amplifier may be configured to buffer and scale the
input voltage, or to serve as an output amplifier for current
output DACs.
4. The output voltage compliance extends to within 2 V of the
positive supply and below common. When operated with a
5 V supply, the output voltage compliance extends 30 V be-
low common.
5. The AD694 interfaces directly to 8-, 10-, and 12-bit single
supply CMOS and bipolar DACs.
6. The 4 mA zero current may be switched on and off with a
TTL control pin, allowing 0–20 mA operation.
7. An open collector alarm warns of loop failure due to open
wires or noncompliance of the output stage.
8. A monitored output is provided to drive an external pass
transistor. The feature off-loads power dissipation to extend
the temperature range of operation and minimize self-heating
error.


Similar Part No. - AD694ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD694AR AD-AD694AR Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694AR AD-AD694AR Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694AR AD-AD694AR Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694AR AD-AD694AR Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
More results

Similar Description - AD694ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD694 AD-AD694_02 Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694BRZ AD-AD694BRZ Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694BRZ-REEL AD-AD694BRZ-REEL Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694 AD-AD694 Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694BRZ AD-AD694BRZ Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694JNZ AD-AD694JNZ Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD693BQ AD-AD693BQ Datasheet
462Kb / 12P
   Loop-Powered 4??0 mA Sensor Transmitter
REV. A
AD420ANZ-32 AD-AD420ANZ-32 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420 AD-AD420_11 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420 AD-AD420_15 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com