Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7305BRUZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD7305BRUZ
Description  3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7305BRUZ Datasheet(HTML) 5 Page - Analog Devices

  AD7305BRUZ Datasheet HTML 1Page - Analog Devices AD7305BRUZ Datasheet HTML 2Page - Analog Devices AD7305BRUZ Datasheet HTML 3Page - Analog Devices AD7305BRUZ Datasheet HTML 4Page - Analog Devices AD7305BRUZ Datasheet HTML 5Page - Analog Devices AD7305BRUZ Datasheet HTML 6Page - Analog Devices AD7305BRUZ Datasheet HTML 7Page - Analog Devices AD7305BRUZ Datasheet HTML 8Page - Analog Devices AD7305BRUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD7304/AD7305
Rev. C | Page 5 of 20
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
VDD to GND
−0.3 V, +8 V
VSS to GND
+0.3 V,
−8 V
VREFX to GND
VSS, VDD
Logic Inputs to GND
−0.3 V, VDD + 0.3 V
VOUTX to GND
−0.3 V, VDD + 0.3 V
IOUT Short-Circuit to GND
50 mA
Package Power Dissipation
(TJ MAX – TA)/
θJA
Thermal Resistance
θJA
16-Lead SOIC Package (R-16)
73°C/W
16-Lead TSSOP Package (RU-16)
180°C/W
20-Lead SOIC Package (R-20)
74°C/W
20-Lead TSSOP Package (RU-20)
155°C/W
Maximum Junction Temperature (TJ MAX)
150°C
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature
R-16, R-20, RU-16, RU-20 (Vapor Phase, 60 sec)
235°C
R-16, R-20, RU-16, RU-20 (Infrared, 15 sec)
220°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods may
affect device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Similar Part No. - AD7305BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7305BRUZ AD-AD7305BRUZ Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305BRUZ-REEL7 AD-AD7305BRUZ-REEL7 Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305BRUZ-REEL71 AD-AD7305BRUZ-REEL71 Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305BRUZ1 AD-AD7305BRUZ1 Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
More results

Similar Description - AD7305BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7304 AD-AD7304 Datasheet
936Kb / 14P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. A
AD7304 AD-AD7304_15 Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305BRZ-REEL AD-AD7305BRZ-REEL Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305BRZ AD-AD7305BRZ Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305 AD-AD7305_15 Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD5300 AD-AD5300_15 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
logo
Maxim Integrated Produc...
MAX533 MAXIM-MAX533 Datasheet
146Kb / 16P
   2.7V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Rev 0; 6/96
logo
Analog Devices
AD5300 AD-AD5300 Datasheet
202Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
AD5300BRMZ-REEL7 AD-AD5300BRMZ-REEL7 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
logo
Maxim Integrated Produc...
MAX534 MAXIM-MAX534 Datasheet
125Kb / 16P
   5V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Rev 0; 8/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com