Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7304BRZ1 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7304BRZ1
Description  3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7304BRZ1 Datasheet(HTML) 1 Page - Analog Devices

  AD7304BRZ1 Datasheet HTML 1Page - Analog Devices AD7304BRZ1 Datasheet HTML 2Page - Analog Devices AD7304BRZ1 Datasheet HTML 3Page - Analog Devices AD7304BRZ1 Datasheet HTML 4Page - Analog Devices AD7304BRZ1 Datasheet HTML 5Page - Analog Devices AD7304BRZ1 Datasheet HTML 6Page - Analog Devices AD7304BRZ1 Datasheet HTML 7Page - Analog Devices AD7304BRZ1 Datasheet HTML 8Page - Analog Devices AD7304BRZ1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
3 V/5 V, Rail-to-Rail
Quad, 8-Bit DAC
AD7304/AD7305
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Four 8-bit DACs in one package
+3 V, +5 V, and ±5 V operation
Rail-to-rail REF input to voltage output swing
2.6 MHz reference multiplying bandwidth
Internal power-on reset
SPI serial interface-compatible—AD7304
Fast parallel interface—AD7305
40 µA power shutdown
APPLICATIONS
Automotive output span voltage
Instrumentation, digitally controlled calibration
Pin-compatible AD7226 replacement when VDD < 5.5 V
GENERAL DESCRIPTION
The AD7304/AD73051 are quad, 8-bit DACs that operate from
a single +3 V to +5 V supply, or ±5 V supplies. The AD7304 has
a serial interface, while the AD7305 has a parallel interface.
Internal precision buffers swing rail-to-rail. The reference input
range includes both supply rails, allowing for positive or negative
full-scale output voltages. Operation is guaranteed over the
supply voltage range of 2.7 V to 5.5 V, consuming less than
9 mW from a 3 V supply.
The full-scale voltage output is determined by the external
reference input voltage applied. The rail-to-rail VREF input to
DAC VOUT allows for a full-scale voltage set equal to the positive
supply, VDD, the negative supply, VSS, or any value in between.
The AD7304’s doubled-buffered serial data interface offers high
speed, 3-wire, SPI®-, and microcontroller-compatible inputs
using data in (SDI), clock (CLK), and chip select (CS) pins.
Additionally, an internal power-on reset sets the output to zero
scale.
The parallel input AD7305 uses a standard address decode
along with the WR control line to load data into the input
registers.
The double-buffered architecture allows all four input registers
to be preloaded with new values, followed by an LDAC control
strobe that copies all the new data into the DAC registers,
thereby updating the analog output values.
_____________________________________________________
1 Protected under Patent No. 5684481.
FUNCTIONAL BLOCK DIAGRAMS
CS
PWR-ON
RESET
VSS
AD7304
VOUTA
INPUT
REG A
DAC A
LDAC
SDI/SHDN
GND
CLK
8
8
8
8
DAC A
REG
DAC B
8
8
8
8
8
DAC D
DAC C
SERIAL
REG
VREFB VREFA
CLR
VREFCVREFD
VDD
VOUTB
VOUTC
VOUTD
INPUT
REG B
DAC B
REG
INPUT
REG C
DAC C
REG
INPUT
REG D
DAC D
REG
Figure 1.
PWR-ON
RESET
AD7305
VOUTA
INPUT
REG A
DAC A
LDAC
8
8
8
8
DAC A
REG
DAC B
8
8
8
8
8
DAC D
DAC C
DECODE
VREF
VSS
GND
VDD
VOUTB
VOUTC
VOUTD
INPUT
REG B
DAC B
REG
INPUT
REG C
DAC C
REG
INPUT
REG D
DAC D
REG
DB0
DB1
DB2
DB3
DB4
DB5
DB6
8
WR
A0/SHDN
A1
Figure 2.
When operating from less than 5.5 V, the AD7305 is
pin-compatible with the popular industry-standard AD7226.
An internal power-on reset places both parts in the zero-scale
state at turn-on. A 40 µA power shutdown (SHDN) feature is
activated on both parts by three-stating the SDI/SHDN pin on
the AD7304 and three-stating the A0/SHDN address pin on the
AD7305.
The AD7304/AD7305 are specified over the extended industrial
−40°C to +85°C and the automotive −40°C to +125°C
temperature ranges. AD7304s are available in a wide-body
16-lead SOIC (R-16) package. The parallel input AD7305 is
available in the wide-body 20-lead SOIC (R-20) surface-mount
package. For ultracompact applications, the thin 1.1 mm,
16-lead TSSOP (RU-16) package is available for the AD7304,
while the 20-lead TSSOP (RU-20) houses the AD7305.


Similar Part No. - AD7304BRZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7304BRZ1 AD-AD7304BRZ1 Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
More results

Similar Description - AD7304BRZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7304 AD-AD7304 Datasheet
936Kb / 14P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. A
AD7304 AD-AD7304_15 Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305BRZ-REEL AD-AD7305BRZ-REEL Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305BRZ AD-AD7305BRZ Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305 AD-AD7305_15 Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD5300 AD-AD5300_15 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
logo
Maxim Integrated Produc...
MAX533 MAXIM-MAX533 Datasheet
146Kb / 16P
   2.7V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Rev 0; 6/96
logo
Analog Devices
AD5300 AD-AD5300 Datasheet
202Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
AD5300BRMZ-REEL7 AD-AD5300BRMZ-REEL7 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
logo
Maxim Integrated Produc...
MAX534 MAXIM-MAX534 Datasheet
125Kb / 16P
   5V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Rev 0; 8/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com