Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7569KNZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD7569KNZ
Description  LC2MOS Complete, 8-Bit Analog I/0 Systems
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7569KNZ Datasheet(HTML) 1 Page - Analog Devices

  AD7569KNZ Datasheet HTML 1Page - Analog Devices AD7569KNZ Datasheet HTML 2Page - Analog Devices AD7569KNZ Datasheet HTML 3Page - Analog Devices AD7569KNZ Datasheet HTML 4Page - Analog Devices AD7569KNZ Datasheet HTML 5Page - Analog Devices AD7569KNZ Datasheet HTML 6Page - Analog Devices AD7569KNZ Datasheet HTML 7Page - Analog Devices AD7569KNZ Datasheet HTML 8Page - Analog Devices AD7569KNZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
LC2MOS
Complete, 8-Bit Analog I/0 Systems
AD7569/AD7669
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106,
U.S.A.
Tel: 617/329-4700
World Wide Web Site: http://www.analog.com
Fax: 617/326-8703
© Analog Devices, Inc., 1996
FEATURES
2
s ADC with Track/Hold
1
s DAC with Output Amplifier
AD7569, Single DAC Output
AD7669, Dual DAC Output
On-Chip Bandgap Reference
Fast Bus Interface
Single or Dual 5 V Supplies
GENERAL DESCRIPTION
The AD7569/AD7669 is a complete, 8-bit, analog I/O system
on a single monolithic chip. The AD7569 contains a high speed
successive approximation ADC with 2
µs conversion time, a track/
hold with 200 kHz bandwidth, a DAC and an output buffer ampli-
fier with 1
µs settling time. A temperature-compensated 1.25 V
bandgap reference provides a precision reference voltage for the
ADC and the DAC. The AD7669 is similar, but contains two
DACs with output buffer amplifiers.
A choice of analog input/output ranges is available. Using a sup-
ply voltage of +5 V, input and output ranges of zero to 1.25 V
and zero to 2.5 volts may be programmed using the RANGE in-
put pin. Using a
±5 V supply, bipolar ranges of ±1.25 V or
±2.5 V may be programmed.
Digital interfacing is via an 8-bit I/O port and standard micro-
processor control lines. Bus interface timing is extremely fast, al-
lowing easy connection to all popular 8-bit microprocessors. A
separate start convert line controls the track/hold and ADC to
give precise control of the sampling period.
The AD7569/AD7669 is fabricated in Linear-Compatible
CMOS (LC
2MOS), an advanced, mixed technology process
combining precision bipolar circuits with low power CMOS
logic. The AD7569 is packaged in a 24-pin, 0.3" wide “skinny”
DIP, a 24-terminal SOIC and 28-terminal PLCC and LCCC
packages. The AD7669 is available in a 28-pin, 0.6" plastic
DIP, 28-terminal SOIC and 28-terminal PLCC package.
AD7569 FUNCTIONAL BLOCK DIAGRAM
AD7669 FUNCTIONAL BLOCK DIAGRAM
PRODUCT HIGHLIGHTS
1. Complete Analog I/O on a Single Chip.
The AD7569/AD7669 provides everything necessary to
interface a microprocessor to the analog world. No external
components or user trims are required and the overall accu-
racy of the system is tightly specified, eliminating the need
to calculate error budgets from individual component
specifications.
2. Dynamic Specifications for DSP Users.
In addition to the traditional ADC and DAC specifications,
the AD7569/AD7669 is specified for ac parameters, includ-
ing signal-to-noise ratio, distortion and input bandwidth.
3. Fast Microprocessor Interface.
The AD7569/AD7669 has bus interface timing compatible
with all modern microprocessors, with bus access and relin-
quish times less than 75 ns and write pulse width less than
80 ns.


Similar Part No. - AD7569KNZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7569KN AD-AD7569KN Datasheet
504Kb / 20P
   LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
AD7569KN AD-AD7569KN Datasheet
443Kb / 20P
   LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
AD7569KN AD-AD7569KN Datasheet
443Kb / 20P
   LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
More results

Similar Description - AD7569KNZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7569 AD-AD7569 Datasheet
504Kb / 20P
   LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
AD7569JNZ AD-AD7569JNZ Datasheet
443Kb / 20P
   LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
AD7569TQ AD-AD7569TQ Datasheet
443Kb / 20P
   LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
AD7669 AD-AD7669_15 Datasheet
506Kb / 20P
   Complete, 8-Bit Analog I/0 Systems
REV. B
AD7569 AD-AD7569_15 Datasheet
506Kb / 20P
   Complete, 8-Bit Analog I/0 Systems
REV. B
AD7869 AD-AD7869 Datasheet
297Kb / 16P
   LC2MOS Complete, 14-Bit Analog I/O System
REV. A
AD7868 AD-AD7868 Datasheet
337Kb / 16P
   LC2MOS Complete, 12-Bit Analog I/O System
REV. B
AD7840 AD-AD7840 Datasheet
338Kb / 16P
   LC2MOS Complete 14-Bit DAC
REV. B
AD7872KRZ-REEL AD-AD7872KRZ-REEL Datasheet
324Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7847ANZ AD-AD7847ANZ Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACS
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com