Electronic Components Datasheet Search |
|
AD7305BR Datasheet(PDF) 4 Page - Analog Devices |
|
AD7305BR Datasheet(HTML) 4 Page - Analog Devices |
4 / 20 page AD7304/AD7305 Rev. C | Page 4 of 20 VOUT = 10V p-p +5V 0V –5V +5V 0V –5V (IN) VREF = 10V p-p f = 20kHz (OUT) Figure 3. Rail-to-Rail Reference Input to Output at 20 kHz TIMING SPECIFICATIONS @ VDD = 3 V or 5 V, VSS = 0 V; or VDD = +5 V and VSS = –5 V, VSS ≤ VREF ≤ VDD, –40°C < TA < +85°C/+125°C, unless otherwise noted. Table 2. Parameter Symbol 3 V ± 10% 5 V ± 10% ±5 V ± 10% Unit INTERFACE TIMING SPECIFICATIONS1, 2 AD7304 Only Clock Width High tCH 70 55 55 ns min Clock Width Low tCL 70 55 55 ns min Data Setup tDS 50 40 40 ns min Data Hold tDH 30 20 20 ns min Load Pulse Width tLDW 70 60 60 ns min Load Setup tLD1 40 30 30 ns min Load Hold tLD2 40 30 30 ns min Clear Pulse Width tCLWR 60 60 60 ns min Select tCSS 30 20 20 ns min Deselect tCSH 60 40 40 ns min AD7305 Only Data Setup tDS 60 40 40 ns min Data Hold tDH 30 20 20 ns min Address Setup tAS 60 40 40 ns min Address Hold tAH 30 20 20 ns min Write Width tWR 60 50 50 ns min Load Pulse Width tLDW 60 50 50 ns min Load Setup tLS 60 40 40 ns min Load Hold tLH 30 20 20 ns min 1 These parameters are guaranteed by design and not subject to production testing. 2 All input control signals are specified with tR = tF = 2 ns (10% to 90% of VDD) and timed from a voltage level of 1.6 V. |
Similar Part No. - AD7305BR |
|
Similar Description - AD7305BR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |