Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7305YR-REEL Datasheet(PDF) 6 Page - Analog Devices

Part # AD7305YR-REEL
Description  3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7305YR-REEL Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7305YR-REEL Datasheet HTML 2Page - Analog Devices AD7305YR-REEL Datasheet HTML 3Page - Analog Devices AD7305YR-REEL Datasheet HTML 4Page - Analog Devices AD7305YR-REEL Datasheet HTML 5Page - Analog Devices AD7305YR-REEL Datasheet HTML 6Page - Analog Devices AD7305YR-REEL Datasheet HTML 7Page - Analog Devices AD7305YR-REEL Datasheet HTML 8Page - Analog Devices AD7305YR-REEL Datasheet HTML 9Page - Analog Devices AD7305YR-REEL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD7304/AD7305
Rev. C | Page 6 of 20
SDI
CLK
CS
LDAC
SA
SI
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
tCSH
tLD2
tCSS
tLD1
SDI
CLK
CLR
LDAC
FS
ZS
VOUT
tDS
tDH
tCL
tCH
tLDW
tS
tCLRW
tS
±1 LSB
ERROR BAND
Figure 4. AD7304 General Timing Diagram
tSDR
SDI/SHDN
IDD
tSDN
Figure 5. AD7304 Timing Diagram Zoom In
Table 4. AD7304 Control Logic Truth Table
CS 1
CLK1
LDAC
CLR1
Serial Shift Register Function
Input REG Function
DAC Register Function
H
X
H
H
No effect
No effect
No effect
L
↑+
H
H
Data advanced 1 bit
No effect
No effect
↑+
L
H
H
No effect
Updated with SR contents2
No effect
H
X
L
H
No effect
Latched with SR contents2
All input register contents transferred3
H
X
H
↓–
No effect
Loaded with 0x00
Loaded with 0x00
H
X
H
↑+
No effect
Latched with 0x00
Latched with 0x00
1
↑+ positive logic transition; ↓– negative logic transition; X Don’t Care.
2 One input register receives the data bits D7–D0 decoded from the SR address bits (A1, A0), where REG A = (0, 0), B = (0, 1), C = (1, 0), and D = (1, 1).
3
LDAC is a level-sensitive input.
Table 5. AD7304 Serial Input Register Data Format, Data is Loaded in MSB-First Format
MSB
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
LSB
B0
AD7304
SAC
SDC
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
If B11 (SAC), Shutdown All Channels, is set to logic low, all DACs are placed in a power shutdown mode, and all output voltages become
high resistance. If B10 (SDC), Shutdown Decoded Channel, is set to logic low, only the DAC decoded by Address Bits A1 and A0 is placed
in shutdown mode.


Similar Part No. - AD7305YR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7305YR-REEL AD-AD7305YR-REEL Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305YR-REEL AD-AD7305YR-REEL Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
More results

Similar Description - AD7305YR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7304 AD-AD7304 Datasheet
936Kb / 14P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. A
AD7304 AD-AD7304_15 Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305BRZ-REEL AD-AD7305BRZ-REEL Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305BRZ AD-AD7305BRZ Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305 AD-AD7305_15 Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD5300 AD-AD5300_15 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
logo
Maxim Integrated Produc...
MAX533 MAXIM-MAX533 Datasheet
146Kb / 16P
   2.7V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Rev 0; 6/96
logo
Analog Devices
AD5300 AD-AD5300 Datasheet
202Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
AD5300BRMZ-REEL7 AD-AD5300BRMZ-REEL7 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
logo
Maxim Integrated Produc...
MAX534 MAXIM-MAX534 Datasheet
125Kb / 16P
   5V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Rev 0; 8/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com