Electronic Components Datasheet Search |
|
AD7305BRUZ-REEL71 Datasheet(PDF) 5 Page - Analog Devices |
|
AD7305BRUZ-REEL71 Datasheet(HTML) 5 Page - Analog Devices |
5 / 20 page AD7304/AD7305 Rev. C | Page 5 of 20 ABSOLUTE MAXIMUM RATINGS Table 3. Parameter Rating VDD to GND −0.3 V, +8 V VSS to GND +0.3 V, −8 V VREFX to GND VSS, VDD Logic Inputs to GND −0.3 V, VDD + 0.3 V VOUTX to GND −0.3 V, VDD + 0.3 V IOUT Short-Circuit to GND 50 mA Package Power Dissipation (TJ MAX – TA)/ θJA Thermal Resistance θJA 16-Lead SOIC Package (R-16) 73°C/W 16-Lead TSSOP Package (RU-16) 180°C/W 20-Lead SOIC Package (R-20) 74°C/W 20-Lead TSSOP Package (RU-20) 155°C/W Maximum Junction Temperature (TJ MAX) 150°C Operating Temperature Range −40°C to +85°C Storage Temperature Range −65°C to +150°C Lead Temperature R-16, R-20, RU-16, RU-20 (Vapor Phase, 60 sec) 235°C R-16, R-20, RU-16, RU-20 (Infrared, 15 sec) 220°C Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ESD CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. |
Similar Part No. - AD7305BRUZ-REEL71 |
|
Similar Description - AD7305BRUZ-REEL71 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |