Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG411BN Datasheet(PDF) 7 Page - Analog Devices

Part # ADG411BN
Description  LC2MOS Precision Quad SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG411BN Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG411BN Datasheet HTML 3Page - Analog Devices ADG411BN Datasheet HTML 4Page - Analog Devices ADG411BN Datasheet HTML 5Page - Analog Devices ADG411BN Datasheet HTML 6Page - Analog Devices ADG411BN Datasheet HTML 7Page - Analog Devices ADG411BN Datasheet HTML 8Page - Analog Devices ADG411BN Datasheet HTML 9Page - Analog Devices ADG411BN Datasheet HTML 10Page - Analog Devices ADG411BN Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADG411/ADG412/ADG413
Rev. D | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
50
0
10
20
30
40
–20
20
VDD = +5V
VSS = –5V
VDD = +10V
VSS = –10V
VDD = +12V
VSS = –12V
TA = 25°C
VL = +5V
VDD = +15V
VSS = –15V
10
0
–10
VD OR VS – DRAIN OR SOURCE VOLTAGE (V)
Figure 5. On Resistance as a Function of VD (VS) Dual Supplies
50
0
10
20
30
40
–20
–15
–10
–5
0
5
10
15
20
85
°C
25
°C
VD OR VS – DRAIN OR SOURCE VOLTAGE (V)
VDD = +15V
VSS = –15V
VL = +5V
125
°C
Figure 6. On Resistance as a Function of VD (VS) for Different Temperatures
10
1
0.1
0.01
0.001
100
1k
10k
100k
1M
100M
FREQUENCY (Hz)
ID (OFF)
VDD = +15V
VSS = –15V
VL = +5V
VD = ±15V
VS = ±15V
IS (OFF)
ID (ON)
Figure 7. Leakage Currents as a Function of Temperature
50
0
10
20
30
40
02
VDD = +10V
VSS = 0V
TA = 25°C
VL = +5V
VDD = +15V
VSS = 0V
15
10
5
VD OR VS – DRAIN OR SOURCE VOLTAGE (V)
0
VDD = +5V
VSS = 0V
VDD = +12V
VSS = 0V
Figure 8. On Resistance as a Function of VD (VS) Single Supply
100m
10m
1m
100
μ
10
μ
1
μ
100n
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
I+, I–
IL
VDD = +15V
VSS = –15V
VL = +5V
4 SW
1 SW
Figure 9. Supply Current vs. Input Switching Frequency
0.04
–0.04
–0.02
0
0.02
–20
20
10
0
–10
VD OR VS – DRAIN OR SOURCE VOLTAGE (V)
VDD = +15V
VSS = –15V
TA = 25°C
VL = +5V
ID (ON)
IS (OFF)
ID (OFF)
Figure 10. Leakage Currents as a Function of VD (VS)


Similar Part No. - ADG411BN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG411BN AD-ADG411BN Datasheet
156Kb / 8P
   LC2MOS Precision Quad SPST Switches
REV. A
More results

Similar Description - ADG411BN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG411 AD-ADG411 Datasheet
156Kb / 8P
   LC2MOS Precision Quad SPST Switches
REV. A
ADG433ABRZ AD-ADG433ABRZ Datasheet
137Kb / 8P
   LC2MOS Precision Quad SPST Switches
REV. C
ADG431 AD-ADG431 Datasheet
119Kb / 8P
   LC2MOS Precision Quad SPST Switches
REV. B
ADG211AKRZ AD-ADG211AKRZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
ADG663BRUZ AD-ADG663BRUZ Datasheet
131Kb / 8P
   LC2MOS Precision 5 V Quad SPST Switches
REV. 0
ADG661 AD-ADG661 Datasheet
123Kb / 8P
   LC2MOS Precision 5 V Quad SPST Switches
REV. 0
ADG444BRZ AD-ADG444BRZ Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches
REV. A
ADG211AKNZ AD-ADG211AKNZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
ADG442BRZ AD-ADG442BRZ Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches
REV. A
ADG202AKNZ AD-ADG202AKNZ Datasheet
232Kb / 6P
   LC2MOS Quad SPST Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com