Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG774BRQZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADG774BRQZ
Description  CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG774BRQZ Datasheet(HTML) 3 Page - Analog Devices

  ADG774BRQZ Datasheet HTML 1Page - Analog Devices ADG774BRQZ Datasheet HTML 2Page - Analog Devices ADG774BRQZ Datasheet HTML 3Page - Analog Devices ADG774BRQZ Datasheet HTML 4Page - Analog Devices ADG774BRQZ Datasheet HTML 5Page - Analog Devices ADG774BRQZ Datasheet HTML 6Page - Analog Devices ADG774BRQZ Datasheet HTML 7Page - Analog Devices ADG774BRQZ Datasheet HTML 8Page - Analog Devices ADG774BRQZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
–3–
REV. C
ADG774
B Version
1
–40 C to
–40 C to
Parameter
+25 C
+85 C
+125 C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD V
On Resistance (RON)4
Ω typ
VD = 0 V to VDD, IS = –10 mA
89
Ω max
On Resistance Match between
Channels ( RON)0.15
Ω typ
VD = 0 V to VDD, IS = –10 mA
0.5
0.5
Ω max
On Resistance Flatness (RFLAT(ON))2
Ω typ
VD = 0 V to VDD, IS = –10 mA
44
Ω max
LEAKAGE CURRENTS
Source OFF Leakage IS (OFF)
±0.01
nA typ
VD = 3 V, VS = 1 V; VD = 1 V, VS = 3 V;
±0.5
±1
±1.5
nA max
Test Circuit 2
Drain OFF Leakage ID (OFF)
±0.01
nA typ
VD = 3 V, VS = 1 V; VD = 1 V, VS = 3 V;
±0.5
±1
±1.5
nA max
Test Circuit 2
Channel ON Leakage ID, IS (ON)
±0.01
nA typ
VD = VS = 3 V; VD = VS = 1 V; Test Circuit 3
±0.5
±1
±1.5
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current
IINL or IINH
0.001
µA typ
VIN = VINL or VINH
±0.5
µA max
DYNAMIC CHARACTERISTICS
2
tON
8
ns typ
RL = 100
Ω, C
L = 35 pF,
16
21
ns max
VS = +1.5 V; Test Circuit 4
tOFF
5
ns typ
RL = 100
Ω, C
L = 35 pF,
10
11
ns max
VS = +1.5 V; Test Circuit 4
Break-Before-Make Time Delay, tD
5
ns typ
RL = 100
Ω, CL = 35 pF,
1
ns min
VS1 = VS2 = 3 V; Test Circuit 5
Off Isolation
–65
dB typ
RL = 50
Ω, f = 10 MHz; Test Circuit 7
Channel-to-Channel Crosstalk
–75
dB typ
RL = 50
Ω, f = 10 MHz; Test Circuit 8
Bandwidth –3 dB
240
MHz typ
RL = 50
Ω; Test Circuit 6
Distortion
2
% typ
RL = 50
Charge Injection
3
pC typ
CL = 1 nF; Test Circuit 9
CS (OFF)
10
pF typ
f = 1 kHz
CD (OFF)
20
pF typ
f = 1 kHz
CD, CS (ON)
30
pF typ
f = 1 MHz
POWER REQUIREMENTS
VDD = +3.3 V
Digital Inputs = 0 V or VDD
IDD
11
µA max
0.001
µA typ
IIN
11
µA typ
VIN = +3 V
IO
100
mA max
VS/VD = 0 V
NOTES
1Temperature range: B Version, –40
°C to +125°C.
2Guaranteed by design, not subject to production test.
Specifications subject to change without notice.
(VDD = 3 V
10%, GND = 0 V. All specifications TMIN to TMAX unless otherwise noted.)
SINGLE SUPPLY
Table I. Truth Table
EN
IN
D1
D2
D3
D4
Function
1X
Hi-Z
Hi-Z
Hi-Z
Hi-Z
DISABLE
00
S1A
S2A
S3A
S4A
IN = 0
01
S1B
S2B
S3B
S4B
IN = 1


Similar Part No. - ADG774BRQZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG774BRQ AD-ADG774BRQ Datasheet
119Kb / 8P
   CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux
REV. 0
More results

Similar Description - ADG774BRQZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG774BRZ AD-ADG774BRZ Datasheet
140Kb / 12P
   CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux
REV. C
ADG774 AD-ADG774 Datasheet
119Kb / 8P
   CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux
REV. 0
ADG784 AD-ADG784 Datasheet
131Kb / 8P
   CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux in Chip Scale Package
REV. 0
ADG784BCPZ AD-ADG784BCPZ Datasheet
151Kb / 9P
   CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux in Chip Scale Package
REV. A
ADG784 AD-ADG784_15 Datasheet
151Kb / 9P
   CMOS 3 V/5 V, Wide Bandwidth Quad
REV. A
ADG774 AD-ADG774_15 Datasheet
140Kb / 12P
   Wide Bandwidth Quad 2:1 Mux
REV. C
logo
Pericom Semiconductor C...
PI5L200QX PERICOM-PI5L200QX Datasheet
185Kb / 9P
   Precision Wide Bandwidth LanSwitch Quad 2 1 Mux/DeMux
PI5L200 PERICOM-PI5L200 Datasheet
180Kb / 9P
   Precision Wide Bandwidth LanSwitch Quad 2:1 Mux/DeMux
logo
Analog Devices
ADG849YKSZ-500RL7 AD-ADG849YKSZ-500RL7 Datasheet
348Kb / 12P
   3 V/5 V CMOS 0.5 ohm SPDT/2:1 Mux in SC70
REV. 0
ADG849 AD-ADG849 Datasheet
334Kb / 12P
   3 V/5 V CMOS 0.5 廓 SPDT/2:1 Mux in SC70
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com