Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG411BRZ-REEL Datasheet(PDF) 1 Page - Analog Devices

Part # ADG411BRZ-REEL
Description  LC2MOS Precision Quad SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG411BRZ-REEL Datasheet(HTML) 1 Page - Analog Devices

  ADG411BRZ-REEL Datasheet HTML 1Page - Analog Devices ADG411BRZ-REEL Datasheet HTML 2Page - Analog Devices ADG411BRZ-REEL Datasheet HTML 3Page - Analog Devices ADG411BRZ-REEL Datasheet HTML 4Page - Analog Devices ADG411BRZ-REEL Datasheet HTML 5Page - Analog Devices ADG411BRZ-REEL Datasheet HTML 6Page - Analog Devices ADG411BRZ-REEL Datasheet HTML 7Page - Analog Devices ADG411BRZ-REEL Datasheet HTML 8Page - Analog Devices ADG411BRZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LC2MOS
Precision Quad SPST Switches
ADG411/ADG412/ADG413
Rev. D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
FEATURES
44 V supply maximum ratings
±15 V analog signal range
Low on resistance (< 35 Ω)
Ultralow power dissipation (35 μW)
Fast switching times
tON < 175 ns
tOFF < 145 ns
TTL-/CMOS-compatible
Plug-in replacement for DG411/DG412/DG413
APPLICATIONS
Audio and video switching
Automatic test equipment
Precision data acquisition
Battery-powered systems
Sample-and-hold systems
Communication systems
GENERAL DESCRIPTION
The ADG411, ADG412, and ADG413 are monolithic CMOS
devices comprising four independently selectable switches.
They are designed on an enhanced LC2MOS process which
provides low power dissipation yet gives high switching speed
and low on resistance.
The on resistance profile is very flat over the full analog input
range ensuring excellent linearity and low distortion when
switching audio signals. Fast switching speed coupled with high
signal bandwidth also make the parts suitable for video signal
switching. CMOS construction ensures ultralow power
dissipation, making the parts ideally suited for portable and
battery-powered instruments.
The ADG411, ADG412, and ADG413 contain four independent
SPST switches. The ADG411 and ADG412 differ only in that
the digital control logic is inverted. The ADG411 switches are
turned on with a logic low on the appropriate control input,
while a logic high is required for the ADG412. The ADG413
has two switches with digital control logic similar to that of the
ADG411 while the logic is inverted on the other two switches.
Each switch conducts equally well in both directions when on,
and each has an input signal range that extends to the supplies.
In the off condition, signal levels up to the supplies are blocked.
All switches exhibit break-before-make switching action for use
in multiplexer applications. Inherent in the design is low charge
injection for minimum transients when switching the digital
inputs.
PRODUCT HIGHLIGHTS
1. Extended signal range
The ADG411, ADG412, and ADG413 are fabricated on an
enhanced LC2MOS, giving an increased signal range which
extends fully to the supply rails.
2. Ultralow power dissipation
3. Low RON
4. Break-before-make switching
This prevents channel shorting when the switches are
configured as a multiplexer.
5. Single-supply operation
For applications where the analog signal is unipolar, the
ADG411, ADG412, and ADG413 can be operated from a
single-rail power supply. The parts are fully specified with a
single 12 V power supply and remain functional with single
supplies as low as 5 V.
FUNCTIONAL BLOCK DIAGRAMS
IN1
IN2
IN3
IN4
S1
D1
S2
D2
S3
D3
S4
D4
ADG411
SWITCHES SHOWN FOR A LOGIC 1 INPUT
Figure 1. ADG411
IN1
IN2
IN3
IN4
S1
D1
S2
D2
S3
D3
S4
D4
ADG412
SWITCHES SHOWN FOR A LOGIC 1 INPUT
Figure 2. ADG412
IN1
IN2
IN3
IN4
S1
D1
S2
D2
S3
D3
S4
D4
ADG413
SWITCHES SHOWN FOR A LOGIC 1 INPUT
Figure 3. ADG413


Similar Part No. - ADG411BRZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG411BR AD-ADG411BR Datasheet
156Kb / 8P
   LC2MOS Precision Quad SPST Switches
REV. A
ADG411BRU AD-ADG411BRU Datasheet
156Kb / 8P
   LC2MOS Precision Quad SPST Switches
REV. A
More results

Similar Description - ADG411BRZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG411 AD-ADG411 Datasheet
156Kb / 8P
   LC2MOS Precision Quad SPST Switches
REV. A
ADG433ABRZ AD-ADG433ABRZ Datasheet
137Kb / 8P
   LC2MOS Precision Quad SPST Switches
REV. C
ADG431 AD-ADG431 Datasheet
119Kb / 8P
   LC2MOS Precision Quad SPST Switches
REV. B
ADG211AKRZ AD-ADG211AKRZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
ADG663BRUZ AD-ADG663BRUZ Datasheet
131Kb / 8P
   LC2MOS Precision 5 V Quad SPST Switches
REV. 0
ADG661 AD-ADG661 Datasheet
123Kb / 8P
   LC2MOS Precision 5 V Quad SPST Switches
REV. 0
ADG444BRZ AD-ADG444BRZ Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches
REV. A
ADG211AKNZ AD-ADG211AKNZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
ADG442BRZ AD-ADG442BRZ Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches
REV. A
ADG202AKNZ AD-ADG202AKNZ Datasheet
232Kb / 6P
   LC2MOS Quad SPST Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com