Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG411BRUZ-REEL7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADG411BRUZ-REEL7
Description  LC2MOS Precision Quad SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG411BRUZ-REEL7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG411BRUZ-REEL7 Datasheet HTML 5Page - Analog Devices ADG411BRUZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG411BRUZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG411BRUZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG411BRUZ-REEL7 Datasheet HTML 9Page - Analog Devices ADG411BRUZ-REEL7 Datasheet HTML 10Page - Analog Devices ADG411BRUZ-REEL7 Datasheet HTML 11Page - Analog Devices ADG411BRUZ-REEL7 Datasheet HTML 12Page - Analog Devices ADG411BRUZ-REEL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADG411/ADG412/ADG413
Rev. D | Page 9 of 16
TERMINOLOGY
RON
Ohmic resistance between D and S.
IS (OFF)
Source leakage current with the switch OFF.
ID (OFF)
Drain leakage current with the switch OFF.
ID, IS (ON)
Channel leakage current with the switch ON.
VD (VS)
Analog voltage on terminals D, S.
CS (OFF)
OFF switch source capacitance.
CD (OFF)
OFF switch drain capacitance.
CD, CS (ON)
ON switch capacitance.
tON
Delay between applying the digital control input and the output
switching on.
tOFF
Delay between applying the digital control input and the output
switching off.
tD
OFF time or ON time measured between the 90% points of
both switches, when switching from one address state to
another.
Crosstalk
A measure of unwanted signal which is coupled through from
one channel to another as a result of parasitic capacitance.
Off Isolation
A measure of unwanted signal coupling through an OFF switch.
Charge Injection
A measure of the glitch impulse transferred from the digital
input to the analog output during switching.


Similar Part No. - ADG411BRUZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG411BRU AD-ADG411BRU Datasheet
156Kb / 8P
   LC2MOS Precision Quad SPST Switches
REV. A
More results

Similar Description - ADG411BRUZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG411 AD-ADG411 Datasheet
156Kb / 8P
   LC2MOS Precision Quad SPST Switches
REV. A
ADG433ABRZ AD-ADG433ABRZ Datasheet
137Kb / 8P
   LC2MOS Precision Quad SPST Switches
REV. C
ADG431 AD-ADG431 Datasheet
119Kb / 8P
   LC2MOS Precision Quad SPST Switches
REV. B
ADG211AKRZ AD-ADG211AKRZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
ADG663BRUZ AD-ADG663BRUZ Datasheet
131Kb / 8P
   LC2MOS Precision 5 V Quad SPST Switches
REV. 0
ADG661 AD-ADG661 Datasheet
123Kb / 8P
   LC2MOS Precision 5 V Quad SPST Switches
REV. 0
ADG444BRZ AD-ADG444BRZ Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches
REV. A
ADG211AKNZ AD-ADG211AKNZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
ADG442BRZ AD-ADG442BRZ Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches
REV. A
ADG202AKNZ AD-ADG202AKNZ Datasheet
232Kb / 6P
   LC2MOS Quad SPST Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com