Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG412BRU-REEL7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADG412BRU-REEL7
Description  LC2MOS Precision Quad SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG412BRU-REEL7 Datasheet(HTML) 4 Page - Analog Devices

  ADG412BRU-REEL7 Datasheet HTML 1Page - Analog Devices ADG412BRU-REEL7 Datasheet HTML 2Page - Analog Devices ADG412BRU-REEL7 Datasheet HTML 3Page - Analog Devices ADG412BRU-REEL7 Datasheet HTML 4Page - Analog Devices ADG412BRU-REEL7 Datasheet HTML 5Page - Analog Devices ADG412BRU-REEL7 Datasheet HTML 6Page - Analog Devices ADG412BRU-REEL7 Datasheet HTML 7Page - Analog Devices ADG412BRU-REEL7 Datasheet HTML 8Page - Analog Devices ADG412BRU-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADG411/ADG412/ADG413
Rev. D | Page 4 of 16
SINGLE SUPPLY
VDD = 12 V ± 10%, VSS = 0 V, VL = 5 V ± 10%, GND = 0 V, unless otherwise noted.1
Table 2.
B Version
T Version
Parameter
+25°C
−40°C to + 85°C
+25°C
−55°C to +125°C
Unit
Test Conditions/Comments
ANALOG SIGNAL RANGE
0 V to VDD
0 V to VDD
V
RON
40
40
Ω typ
0 < VD = 8.5 V, IS = −10 mA;
80
100
80
100
Ω max
VDD = 10.8 V
LEAKAGE CURRENTS
VDD = 13.2 V
Source OFF Leakage IS (OFF)
±0.1
±0.1
nA typ
VD = 12.2 V/1 V, VS = 1 V/12.2 V;
±0.25
±5
±0.25
±20
nA max
Figure 15
Drain OFF Leakage ID (OFF)
±0.1
±0.1
nA typ
VD = 12.2 V/1 V, VS = 1 V/12.2 V;
±0.25
±5
±0.25
±20
nA max
Figure 15
Channel ON Leakage ID, IS (ON)
±0.1
±0.1
nA typ
VD = VS = 12.2 V/1 V;
±0.4
±10
±0.4
±40
nA max
Figure 16
DIGITAL INPUTS
Input High Voltage, VINH
2.4
2.4
V min
Input Low Voltage, VINL
0.8
0.8
V max
Input Current
IINL or IINH
0.005
0.005
μA typ
VIN = VINL or VINH
±0.5
±0.5
μA max
DYNAMIC CHARACTERISTICS2
tON
175
175
ns typ
RL = 300 Ω, CL = 35 pF;
250
250
ns max
VS = 8 V; Figure 17
tOFF
95
95
ns typ
RL = 300 Ω, CL = 35 pF;
125
125
ns max
VS = 8 V; Figure 17
Break-Before-Make Time
Delay, tD (ADG413 Only)
25
25
ns typ
RL = 300 Ω, CL = 35 pF;
VS1 = VS2 = +10 V; Figure 18
Charge Injection
25
25
pC typ
VS = 0 V, RS = 0 Ω, CL = 10 nF;
Figure 19
OFF Isolation
68
68
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
Figure 20
Channel-to-Channel Crosstalk
85
85
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
Figure 21
CS (OFF)
9
9
pF typ
f = 1 MHz
CD (OFF)
9
9
pF typ
f = 1 MHz
CD, CS (ON)
35
35
pF typ
f = 1 MHz
POWER REQUIREMENTS
VDD = 13.2 V;
Digital inputs = 0 V or 5 V
IDD
0.0001
0.0001
μA typ
1
5
1
5
μA max
IL
0.0001
0.0001
μA typ
1
5
1
5
μA max
VL = 5.25 V
1 Temperature ranges are as follows: B versions:−40°C to +85°C; T versions: −55°C to +125°C.
2 Guaranteed by design; not subject to production test.
Table 3. Truth Table (ADG411/ADG412)
ADG411 In
ADG412 In
Switch Condition
0
1
ON
1
0
OFF
Table 4. Truth Table (ADG413)
Logic
Switch 1, 4
Switch 2, 3
0
OFF
ON
1
ON
OFF


Similar Part No. - ADG412BRU-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG412BR AD-ADG412BR Datasheet
156Kb / 8P
   LC2MOS Precision Quad SPST Switches
REV. A
More results

Similar Description - ADG412BRU-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG411 AD-ADG411 Datasheet
156Kb / 8P
   LC2MOS Precision Quad SPST Switches
REV. A
ADG433ABRZ AD-ADG433ABRZ Datasheet
137Kb / 8P
   LC2MOS Precision Quad SPST Switches
REV. C
ADG431 AD-ADG431 Datasheet
119Kb / 8P
   LC2MOS Precision Quad SPST Switches
REV. B
ADG211AKRZ AD-ADG211AKRZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
ADG663BRUZ AD-ADG663BRUZ Datasheet
131Kb / 8P
   LC2MOS Precision 5 V Quad SPST Switches
REV. 0
ADG661 AD-ADG661 Datasheet
123Kb / 8P
   LC2MOS Precision 5 V Quad SPST Switches
REV. 0
ADG444BRZ AD-ADG444BRZ Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches
REV. A
ADG211AKNZ AD-ADG211AKNZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
ADG442BRZ AD-ADG442BRZ Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches
REV. A
ADG202AKNZ AD-ADG202AKNZ Datasheet
232Kb / 6P
   LC2MOS Quad SPST Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com