Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMC30J33A Datasheet(PDF) 8 Page - STMicroelectronics

Part # SMC30J33A
Description  3000 W Transil?
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMC30J33A Datasheet(HTML) 8 Page - STMicroelectronics

Back Button SMC30J33A Datasheet HTML 2Page - STMicroelectronics SMC30J33A Datasheet HTML 3Page - STMicroelectronics SMC30J33A Datasheet HTML 4Page - STMicroelectronics SMC30J33A Datasheet HTML 5Page - STMicroelectronics SMC30J33A Datasheet HTML 6Page - STMicroelectronics SMC30J33A Datasheet HTML 7Page - STMicroelectronics SMC30J33A Datasheet HTML 8Page - STMicroelectronics SMC30J33A Datasheet HTML 9Page - STMicroelectronics SMC30J33A Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Package information
SMC30J
8/10
Doc ID 022064 Rev 1
Table 5.
Marking
Order code
Marking
Order code
Marking
SMC30J5.0A
3AAA
SMC30J5.0CA
3BAA
SMC30J6.0A
3AAB
SMC30J6.0CA
3BAB
SMC30J6.5A
3AAC
SMC30J6.5CA
3BAC
SMC30J8.5A
3AAD
SMC30J8.5CA
3BAD
SMC30J10A
3AAE
SMC30J10CA
3BAE
SMC30J12A
3AAF
SMC30J12CA
3BAF
SMC30J13A
3AAG
SMC30J13CA
3BAG
SMC30J15A
3AAH
SMC30J15CA
3BAH
SMC30J16A
3AAI
SMC30J16CA
3BAI
SMC30J18A
3AAJ
SMC30J18CA
3BAJ
SMC30J20A
3AAK
SMC30J20CA
3BAK
SMC30J22A
3AAL
SMC30J22CA
3BAL
SMC30J24A
3AAE
SMC30J24CA
3BAE
SMC30J26A
3AAM
SMC30J26CA
3BAM
SMC30J28A
3AAN
SMC30J28CA
3BAN
SMC30J30A
3AAO
SMC30J30CA
3BAO
SMC30J33A
3AAP
SMC30J33CA
3BAP


Similar Part No. - SMC30J33A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMC30J33A STMICROELECTRONICS-SMC30J33A Datasheet
672Kb / 13P
   3000 W TVS in SMC
Rev 7 - January 2022
SMC30J33A STMICROELECTRONICS-SMC30J33A Datasheet
132Kb / 10P
   3000 W Transil™
July 2011
More results

Similar Description - SMC30J33A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMC30J10CA STMICROELECTRONICS-SMC30J10CA Datasheet
132Kb / 10P
   3000 W Transil
SM30T28CAY STMICROELECTRONICS-SM30T28CAY Datasheet
277Kb / 12P
   Automotive 3000 W Transil
SM30T18AY STMICROELECTRONICS-SM30T18AY Datasheet
236Kb / 13P
   Automotive 3000 W Transil?
SMC30J30CA STMICROELECTRONICS-SMC30J30CA Datasheet
132Kb / 10P
   3000 W Transil™
July 2011
SM15T39CAY STMICROELECTRONICS-SM15T39CAY Datasheet
227Kb / 12P
   Automotive 1500 W Transil
SM4T28AY STMICROELECTRONICS-SM4T28AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM6T6V8CAY STMICROELECTRONICS-SM6T6V8CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil
SM6T36CAY STMICROELECTRONICS-SM6T36CAY Datasheet
228Kb / 12P
   Automotive 600 W Transil
SM4T68AY STMICROELECTRONICS-SM4T68AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM6T68CAY STMICROELECTRONICS-SM6T68CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com