Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQ11EA380JA7WE Datasheet(PDF) 2 Page - AVX Corporation

Part # AQ11EA380JA7WE
Description  Microwave MLC?셲 AQ Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

AQ11EA380JA7WE Datasheet(HTML) 2 Page - AVX Corporation

  AQ11EA380JA7WE Datasheet HTML 1Page - AVX Corporation AQ11EA380JA7WE Datasheet HTML 2Page - AVX Corporation AQ11EA380JA7WE Datasheet HTML 3Page - AVX Corporation AQ11EA380JA7WE Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
157
9
Microwave MLC’s
AQ Series
ELECTRICAL SPECIFICATIONS
AQ11, AQ12, AQ13, AQ14
M & A
C
Temperature Coefficient (TCC)
(M) +90 ± 20 PPM/ºC ( -55ºC to +125ºC)
±15% (-55ºC to 125ºC)
(M) +90 ± 30 PPM/ºC ( +125ºC to +175ºC)
(A)
0 ± 30 PPM/ºC
Capacitance Range
(M) 0.1 pF to 1000 pF
0.001μF to 0.1μF
(A) 0.1 pF to 5100 pF
Operating Temperature
0.1 pF to 330 pF: from -55ºC to +175ºC
-55°C to +125°C
360 pF to 5100 pF: from -55ºC to +125ºC
Quality Factor (Q) M Dielectric A & B Case
Greater than 10,000 at 1 MHz
2.5% @ 1kHz
A Dielectric B Case
Greater than 10,000 at 1 MHz
0.1 - 200 pF
Greater than 2,000 at 1 MHz
220 - 1000 pF
Greater than 2,000 at 1 KHz
1100 - 5100 pF
A Dielectric A Case
Greater than 10,000 at 1 MHz
0.1 - 100 pF
Greater than 2,000 at 1 MHz
110 - 1000 pF
Insulation Resistance (IR)
0.1 pF to 470 pF
10
4 Megohms min. @ 25ºC at rated WVDC
10
6 Megohms min. @ 25ºC at rated WVDC
10
3 Megohms min. @ 125ºC at rated WVDC
10
5 Megohms min. @ 125ºC at rated WVDC
510 pF to 5100 pF
10
5 Megohms min. @ 25ºC at rated WVDC
10
4 Megohms min. @ 125ºC at rated WVDC
Working Voltage (WVDC)
See Capacitance Values table
See Capacitance Values table
Dielectric Withstanding Voltage (DWV)
250% of rated WVDC for 5 secs
250% of rated WVDC for 5 secs
(for 500V rated 150% of rated voltage)
Aging Effects
None
<3% per decade hour
Piezoelectric Effects
None
None
Capacitance Drift
± (0.02% or 0.02 pF), whichever is greater
Not Applicable
Themal Shock
Mil-STD-202, Method 107, Condition A
Moisture Resistance
Mil-STD-202, Method 106
Low Voltage Humidity
Mil-STD-202, Method 103, condition A, with 1.5 VDC
applied while subjected to an environment of 85ºC with
85% relative humidity for 240 hours
Life Test
Mil-STD-202, Method 108, for 2000 hours at 125ºC
Shock
Mil-STD-202, Method 213, Condition J
Vibration
Mil-STD-202, Method 204, Condition B
Immersion
Mil-STD-202, Method 104, Condition B
Salt Spray
Mil-STD-202, Method 101, Condition B
Solderability
Mil-STD-202, Method 208
Terminal Strength
Mil-STD-202, Method 211
Temperature Cycling
Mil-STD-202, Method 102, Condition C
Barometric Pressure
Mil-STD-202, Method 105, Condition B
Resistance to Solder Heat
Mil-STD-202, Method 210, Condition C
ENVIRONMENTAL CHARACTERISTICS
AVX SQLB will meet and exceed the requirements of EIA-198, MIL-PRF-55681 and MIL-PRF-123


Similar Part No. - AQ11EA380JA7WE

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
AQ1100 SYNQOR-AQ1100 Datasheet
2Mb / 8P
   Integral fan cooling with speed control
AQ1100IUXX SYNQOR-AQ1100IUXX Datasheet
2Mb / 8P
   Active PFC; EN61000-3-2 compliant
logo
Acutechnology Semicondu...
AQ111 ACUTECH-AQ111 Datasheet
586Kb / 9P
   Low Dropout 1 Amp Voltage Regulator
AQ1117 ACUTECH-AQ1117 Datasheet
271Kb / 7P
   Low Dropout 1 Amp Voltage Regulator
AQ1117CY-M1-18-TR ACUTECH-AQ1117CY-M1-18-TR Datasheet
271Kb / 7P
   Low Dropout 1 Amp Voltage Regulator
More results

Similar Description - AQ11EA380JA7WE

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SQCB7M3R6BAJME AVX-SQCB7M3R6BAJME Datasheet
914Kb / 7P
   Microwave MLC?셲
CDR11-14 AVX-CDR11-14 Datasheet
1Mb / 8P
   Microwave MLC?셲
AQ147A120JAJME AVX-AQ147A120JAJME Datasheet
630Kb / 4P
   Microwave MLC?셲
SQCBEM102KATME500 AVX-SQCBEM102KATME500 Datasheet
148Kb / 1P
   Microwave MLC?셲 SQ A Case & B Case Ultra Low ESR MLC
SQCB7M100JAT1A AVX-SQCB7M100JAT1A Datasheet
148Kb / 1P
   Microwave MLC?셲, SQ A Case & B Case Ultra Low ESR MLC
GH16 AVX-GH16 Datasheet
72Kb / 2P
   Microwave SLC?셲
UQCB7A100JATME AVX-UQCB7A100JATME Datasheet
3Mb / 13P
   Microwave MLC`s UQ Series High Q Ultra Low ESR MLC
550Z104KTT AVX-550Z104KTT Datasheet
1Mb / 7P
   RF/Microwave Capacitors RF/Microwave Multilayer Capacitors (MLC) 550-560 Series UBC™ Ultra-Broadband Capacitor
Rev 4
logo
Bourns Electronic Solut...
CG0603MLC-05E BOURNS-CG0603MLC-05E Datasheet
205Kb / 2P
   MLC Series Varistor ESD Clamp Protectors
CG0603MLC-05E BOURNS-CG0603MLC-05E Datasheet
206Kb / 3P
   ChipGuard MLC Series - ESD Protectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com