Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF54G Datasheet(PDF) 2 Page - First Components International

Part # SF54G
Description  5.0 Amp SUPER FAST PLASTIC RECTIFIERS Fast switching for high efficiency
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

SF54G Datasheet(HTML) 2 Page - First Components International

  SF54G Datasheet HTML 1Page - First Components International SF54G Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES SF51G THRU SF56G
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
5.0
3.0
2.0
1.0
4.0
0.1
1.0
10
0.01
0.6
0.4
0.8
1.0
1.2
1.4
1.6
1.8
0
0
50
100
150
LEAD TEMPERATURE,
oC
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
0
25
50
75
100
125
150
1
10
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.1
0
1
10
1000
100
20
40
60
80
100
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
0.1
10
1000
1.0
4.0
10
100
100
60 Hz Resistive or
Inductive load
Pulse Width 8.3ms
Single Half-Sire-Wave
(JEDEC Method)
TJ=25
oC
PULSE WIDTH=300uS
1% DUTY CYCLE
TJ=125
oC
TJ=25
oC
TJ = 25
oC
f = 1.0 MHZ
Vsig = 50mVp-p
SF501G-SF503G
SF504G-SF505G
SF506G
Data Sheet
.0 Amp SUPER FAST
PLASTICRECTIFIERS
5


Similar Part No. - SF54G

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SF54G MCC-SF54G Datasheet
120Kb / 1P
   5 Amp High Efficiency Glass Passivated Rectifier 50 to 600 Volts
logo
Chongqing Pingwei Enter...
SF54G CHONGQING-SF54G Datasheet
85Kb / 1P
   5.0AMPS.GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
MIC GROUP RECTIFIERS
SF54G MIC-SF54G Datasheet
54Kb / 2P
   SUPER FAST GLASS PASSIVATED RECTIFIER
logo
DIYI Electronic Technol...
SF54G DYELEC-SF54G Datasheet
681Kb / 2P
   5 .0 AMPS. Glass Passivated Super Fast Rectifiers
logo
Chongqing Pingwei Enter...
SF54G CHONGQING-SF54G Datasheet
39Kb / 1P
   SUPER FAST RECOVERY RECTIFIER
More results

Similar Description - SF54G

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
ES5A DGNJDZ-ES5A Datasheet
982Kb / 2P
   5.0 AMP SUPER FAST RECTIFIERS
logo
Shenzhen Luguang Electr...
SF51 LUGUANG-SF51 Datasheet
185Kb / 2P
   5.0 AMP. Super Fast Rectifiers
logo
UNIOHM CORPORATION
SF51 UNIOHM-SF51 Datasheet
70Kb / 2P
   5.0 AMP SUPER FAST RECTIFIERS
logo
Shenzhen Yixinwei Techn...
SF51 YIXIN-SF51 Datasheet
260Kb / 2P
   5.0 AMP SUPER FAST RECTIFIERS
logo
Nanjing International G...
SF51 DGNJDZ-SF51 Datasheet
225Kb / 2P
   5.0 AMP SUPER FAST RECTIFIERS
logo
Goodwork Semiconductor ...
SF51 GWSEMI-SF51 Datasheet
71Kb / 2P
   5.0 AMP SUPER FAST RECTIFIERS
logo
Formosa MS
SF51 FORMOSA-SF51 Datasheet
36Kb / 2P
   5.0 AMP SUPER FAST RECTIFIERS
logo
Bytes
SF51 BYTES-SF51 Datasheet
161Kb / 2P
   5.0 AMP SUPER FAST RECTIFIERS
logo
First Components Intern...
FR51G FCI-FR51G Datasheet
499Kb / 2P
   5.0 Amp FAST RECOVERY PLASTIC RECTIFIERS
FRF50G FCI-FRF50G Datasheet
1Mb / 2P
   5.0 Amp FAST RECOVERY PLASTIC RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com