Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFF1000 Datasheet(PDF) 1 Page - First Components International

Part # SFF1000
Description  10 AMP SUPER FAST RECOVERY ISOLATION POWER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

SFF1000 Datasheet(HTML) 1 Page - First Components International

  SFF1000 Datasheet HTML 1Page - First Components International SFF1000 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Thermal Characteristics
Symbol
Parameter
SFF1000~1060 SERIES
Units
V
F
Forward Voltage @ 10A
0.97
1.3
1.5
V
trr
Reverse Recovery Time
I
F = 0.5 A, IR = 1.0 A, IRR = 0.25 A
35
50
ns
IR
Reverse Current @ rated V
R
T
A = 25°C
T
A = 100°C
5.0
50
µA
µA
Symbol
Parameter
SFF1000~1006 SERIES
Units
1000
1010
1010A 1020
1030
1040
1050
1060
V
RRM
Maximum Repetitive Reverse
Voltage
50
100
150
200
300
400
500
600
V
I
F(AV)
Average Rectified Forward Current,
.375 " lead length @ T
A = 100°C
10
A
I
FSM
Non-repetitive Peak Forward Surge
Current
8.3 ms Single Half-Sine-Wave
60
A
T
stg
Storage Temperature Range
-65 to +150
C
T
J
Operating Junction Temperature
-65 to +150
C
Symbol
Parameter
SFF1000~1060 SERIES
Units
RθJC
Thermal Resistance, Junction to Case
2.4
°C/W
1000
1010
1010A
1020
1030
1040
1050
1060
Description
Mechanical Dimensions
Data Sheet
Electrical Characteristics Ta=25
unless otherwise note
Absolute Maximum Ratings* Ta=25
unless otherwise note
TO-220F
1
2
1. Cathode
2. Anode
Features
• High voltage and high reliability
• High speed switching
• Low forward voltage
Applications
• General purpose
• Switching mode power supply
• Free-wheeling diode for motor application
• Power switching circuits


Similar Part No. - SFF1000

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SFF100-005CT FRONTIER-SFF100-005CT Datasheet
131Kb / 2P
   10A DUAL SUPER FAST RECOVERY RECTIFIER
SFF100-015CT FRONTIER-SFF100-015CT Datasheet
131Kb / 2P
   10A DUAL SUPER FAST RECOVERY RECTIFIER
SFF100-01CT FRONTIER-SFF100-01CT Datasheet
131Kb / 2P
   10A DUAL SUPER FAST RECOVERY RECTIFIER
SFF100-02CT FRONTIER-SFF100-02CT Datasheet
131Kb / 2P
   10A DUAL SUPER FAST RECOVERY RECTIFIER
SFF100-03 FRONTIER-SFF100-03 Datasheet
129Kb / 2P
   10A SUPER FAST RECOVERY RECTIFIER
More results

Similar Description - SFF1000

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
UF10C05 FCI-UF10C05 Datasheet
132Kb / 2P
   10 Amp SUPER FAST RECOVERY POWER RECTIFIERS LOW FORWARD VOLTAGE
logo
Micro Commercial Compon...
MURF1005CT MCC-MURF1005CT Datasheet
121Kb / 2P
   10 Amp Isolation Super Fast Recovery Rectifier 50 to 400 Volts
logo
SeCoS Halbleitertechnol...
SF10T60F SECOS-SF10T60F Datasheet
224Kb / 2P
   10 Amp Super Fast Recovery Rectifier
SF10T60 SECOS-SF10T60 Datasheet
226Kb / 2P
   10 Amp Super Fast Recovery Rectifier
logo
Taiwan Semiconductor Co...
FRAF1001G TSC-FRAF1001G Datasheet
82Kb / 2P
   Isolation 10 AMPS. Glass Passivated Fast Recovery Rectifiers
FR1001G TSC-FR1001G Datasheet
93Kb / 2P
   Isolation 10 AMPS. Glass Passivated Fast Recovery Rectifiers
FRF1001G TSC-FRF1001G Datasheet
64Kb / 2P
   Isolation 10 AMPS. Glass Passivated Fast Recovery Rectifiers
logo
SeCoS Halbleitertechnol...
SF10L60U SECOS-SF10L60U Datasheet
402Kb / 2P
   10 AMP Low Loss Super Fast Rectifiers
SUF301C SECOS-SUF301C_15 Datasheet
374Kb / 2P
   3.0 Amp Surface Mount Super Fast Recovery Rectifiers
logo
DONGGUAN YOU FENG WEI E...
ES3A-SMB YFWDIODE-ES3A-SMB Datasheet
91Kb / 2P
   Super Fast recovery rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com