Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR740 Datasheet(PDF) 1 Page - First Components International

Part # SR740
Description  7.5 Amp SCHOTTKY BARRIER RECTIFIERS MEETS UL SPECIFICATION 94V-0
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

SR740 Datasheet(HTML) 1 Page - First Components International

  SR740 Datasheet HTML 1Page - First Components International SR740 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Features
Mechanical Dimensions
Maximum Ratings
Peak Repetitive Reverse Voltage...V
RRM
Working Peak Reverse Voltage...V
RWM
DC Blocking Voltage...V
DC
RMS Reverse Voltage...V
R(rms)
Page 7-10
Data Sheet
7.5 Amp SCHOTTKY
BARRIER RECTIFIERS
Units
............................................. 7.5 ...............................................
............................................. 15 ...............................................
............................................. 150 ...............................................
.........................................
1000
..........................................
......................................... -65 to 150 ..........................................
......................................... -65 to 175 ..........................................
.........................................
.84
..........................................
.........................................
.72
..........................................
.........................................
.57
..........................................
............................................. 2.0 ...............................................
............................................. 15 ...............................................
Volts
Volts
Volts
Volts
Amps
Amps
Amps
Volts/µs
°C
°C
Volts
Volts
Volts
mAmps
mAmps
n HIGH CURRENT CAPABILITY
WITH LOW V
F
n SUPERIOR METAL PROCESS
n HIGH SURGE VOLTAGE AND
TRANSIENT PROTECTION
n MEETS UL SPECIFICATION 94V-0
35
40
45
35
40
45
35
40
45
24
28
31
Average Forward Rectified Current...I
F(av)
@ T
C = 110°C
Repetitive Peak Forward Surge Current...I
FM
Non-Repetitive Peak Forward Surge Current...I
FSM
@RatedLoadConditions,½Wave,SinglePhase,60Hz
Voltage Rate of Change at Rated V
R...DV /DT
Operating Temperature Range...T
J
Storage Temperature Range...T
STRG
Maximum Forward Voltage...V
F
@ I
F =
15 Amps, 25°C
@ I
F = 15 Amps, 125°C
@ I
F = 7.5 Amps, 125°C
Maximum DC Reverse Current...I
R
@ Rated DC Blocking Voltage
T
L =
25°C
T
L = 125°C
JEDEC
T0-220AC
Electrical Characteristics
1
3
2
Case
SR735~745 Series
SR735
SR740
SR745


Similar Part No. - SR740

ManufacturerPart #DatasheetDescription
logo
Jinan Jingheng (Group) ...
SR740 JINANJINGHENG-SR740 Datasheet
80Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Electronics ...
SR740 CHENDA-SR740 Datasheet
125Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Shunye Electro...
SR740 SHUNYE-SR740 Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR740

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FBRF1520 FCI-FBRF1520 Datasheet
877Kb / 2P
   15 Amp SCHOTTKY BARRIER RECTIFIERS MEETS UL SPECIFICATION 94V-0
SR830 FCI-SR830 Datasheet
189Kb / 2P
   8.0 Amp SCHOTTKY BARRIER RECTIFIERS MEETS UL SPECIFICATION 94V-0
SR520 FCI-SR520 Datasheet
129Kb / 1P
   5.0 Amp SCHOTTKY BARRIER RECTIFIERS MEETS UL SPECIFICATION 94V-0
logo
TT Electronics.
MOM TTELEC-MOM Datasheet
137Kb / 1P
   coating meets ul-94v-0
logo
First Components Intern...
FBR735 FCI-FBR735 Datasheet
129Kb / 2P
   7.5 Amp SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SP10100S SECOS-SP10100S Datasheet
308Kb / 2P
   1 0 .0 AMP Schottky Barrier Rectifiers
SP10100S SECOS-SP10100S_15 Datasheet
308Kb / 2P
   1 0 .0 AMP Schottky Barrier Rectifiers
logo
FERYSTER Inductive Comp...
OBUD-TOR-25X15X10 FERYSTER-OBUD-TOR-25X15X10 Datasheet
119Kb / 1P
   UL REC. UL 94V-0
logo
Taiwan Semiconductor Co...
MBR735 TSC-MBR735_11 Datasheet
248Kb / 2P
   7.5 AMPS. Schottky Barrier Rectifiers
logo
Fairchild Semiconductor
MBR735 FAIRCHILD-MBR735 Datasheet
35Kb / 3P
   7.5 Ampere Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com